전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL23345TFVZ 데이터시트(PDF) 7 Page - Intersil Corporation

부품명 ISL23345TFVZ
상세설명  Quad, 256 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL23345TFVZ 데이터시트(HTML) 7 Page - Intersil Corporation

Back Button ISL23345TFVZ Datasheet HTML 3Page - Intersil Corporation ISL23345TFVZ Datasheet HTML 4Page - Intersil Corporation ISL23345TFVZ Datasheet HTML 5Page - Intersil Corporation ISL23345TFVZ Datasheet HTML 6Page - Intersil Corporation ISL23345TFVZ Datasheet HTML 7Page - Intersil Corporation ISL23345TFVZ Datasheet HTML 8Page - Intersil Corporation ISL23345TFVZ Datasheet HTML 9Page - Intersil Corporation ISL23345TFVZ Datasheet HTML 10Page - Intersil Corporation ISL23345TFVZ Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
ISL23345
7
FN7872.0
June 21, 2011
tDCP
Wiper Response Time
SCL rising edge of the acknowledge bit after data
byte to wiper new position (Changes from 10% to
90% FS)
W, U, T options specified top to bottom
0.4
µs
1.5
µs
3.5
µs
tShdnRec DCP Recall Time from Shutdown Mode
SCL rising edge of the acknowledge bit after ACR
data byte to wiper recalled position and RH
connection
1.5
µs
VCC,VLOGIC
Ramp
(Note 21)
VCC ,VLOGIC Ramp Rate
Ramp monotonic at any level
0.01
50
V/ms
Operating Specifications VCC = 2.7V to 5.5V, VLOGIC = 1.2V to 5.5V over recommended operating conditions unless otherwise
stated. Boldface limits apply over the operating temperature range, -40°C to +125°C. (Continued)
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 20) TYP (Note 8)
MAX
(Note 20) UNITS
Serial Interface Specification for SCL, SDA, A0, A1, A2 Unless Otherwise Noted.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 20)
TYP
(Note 8)
MAX
(Note 20)
UNITS
VIL
Input LOW Voltage
-0.3
0.3 x VLOGIC
V
VIH
Input HIGH Voltage
0.7 x VLOGIC
VLOGIC + 0.3
V
Hysteresis
SDA and SCL Input Buffer
Hysteresis
VLOGIC > 2V
0.05 x VLOGIC
V
VLOGIC < 2V
0.1 x VLOGIC
V
VOL
SDA Output Buffer LOW Voltage
IOL = 3mA, VLOGIC > 2V
0
0.4
V
IOL = 1.5mA, VLOGIC < 2V
0.2 x VLOGIC
V
Cpin
SDA, SCL Pin Capacitance
10
pF
fSCL
SCL Frequency
400
kHz
tsp
Pulse Width Suppression Time at
SDA and SCL Inputs
Any pulse narrower than the max spec is
suppressed
50
ns
tAA
SCL Falling Edge to SDA Output
Data Valid
SCL falling edge crossing 30% of VLOGIC, until
SDA exits the 30% to 70% of VLOGIC window
900
ns
tBUF
Time the Bus Must be Free Before
the Start of a New Transmission
SDA crossing 70% of VLOGIC during a STOP
condition, to SDA crossing 70% of VLOGIC during
the following START condition
1300
ns
tLOW
Clock LOW Time
Measured at the 30% of VLOGIC crossing
1300
ns
tHIGH
Clock HIGH Time
Measured at the 70% of VLOGIC crossing
600
ns
tSU:STA
START Condition Set-up Time
SCL rising edge to SDA falling edge; both crossing
70% of VLOGIC
600
ns
tHD:STA
START Condition Hold Time
From SDA falling edge crossing 30% of VLOGIC to
SCL falling edge crossing 70% of VLOGIC
600
ns
tSU:DAT
Input Data Set-up Time
From SDA exiting the 30% to 70% of VLOGIC
window, to SCL rising edge crossing 30% of
VLOGIC
100
ns
tHD:DAT
Input Data Hold Time
From SCL falling edge crossing 70% of VLOGIC to
SDA entering the 30% to 70% of VLOGIC window
0ns
tSU:STO
STOP Condition Set-up Time
From SCL rising edge crossing 70% of VLOGIC, to
SDA rising edge crossing 30% of VLOGIC
600
ns
tHD:STO
STOP Condition Hold Time for Read
or Write
From SDA rising edge to SCL falling edge; both
crossing 70% of VLOGIC
1300
ns


유사한 부품 번호 - ISL23345TFVZ

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL23345TFVZ RENESAS-ISL23345TFVZ Datasheet
1Mb / 19P
   Quad, 256 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP™)
June 21, 2011
More results

유사한 설명 - ISL23345TFVZ

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL23445 INTERSIL-ISL23445 Datasheet
923Kb / 20P
   Quad, 256 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
ISL23345 RENESAS-ISL23345 Datasheet
1Mb / 19P
   Quad, 256 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP™)
June 21, 2011
ISL23445 RENESAS-ISL23445 Datasheet
1Mb / 20P
   Quad, 256 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP™)
June 21, 2011
logo
Intersil Corporation
ISL23325 INTERSIL-ISL23325 Datasheet
848Kb / 20P
   Dual, 256-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23325TFVZ INTERSIL-ISL23325TFVZ Datasheet
757Kb / 20P
   Dual, 256-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
September 23, 2015
ISL23425 INTERSIL-ISL23425 Datasheet
852Kb / 20P
   Dual, 256-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
ISL23325 RENESAS-ISL23325 Datasheet
1Mb / 20P
   Dual, 256-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23425 RENESAS-ISL23425 Datasheet
1Mb / 20P
   Dual, 256-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
ISL23348 INTERSIL-ISL23348 Datasheet
865Kb / 19P
   Quad, 128 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23448 INTERSIL-ISL23448 Datasheet
754Kb / 21P
   Quad, 128 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com