전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSG4224 데이터시트(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

부품명 SSG4224
상세설명  N-Channel Enhancement Mode Power Mos.FET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SECOS [SeCoS Halbleitertechnologie GmbH]
홈페이지  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSG4224 데이터시트(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SSG4224 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSG4224 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSG4224 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSG4224 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Elektronische Bauelemente
SSG4224
10
A,30V,RDS(ON) 14m
N-Channel Enhancement Mode Power Mos.FET
Ω
Description
Features
* Simple Drive Requirement
* Low On-Resistance
4224
4224
* Dual N MOSFET Package
The SSG
RoHS Compliant Product
provide the designer with the best combination of fast switching,
ruggedized device design, low on-resistance and cost-effectiveness.
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
0.25
Dimensions in millimeters
6
.20
5.80
1.27Typ.
0.35
0.49
4.80
5.00
0
0.100.25
1.35
1.75
0.40
0.90
0.19
0.25
3.80
4.00
0.375 REF
o
8
o
45
o
S1
G1
S2
G2
D1
D1
D2
D2
SS
Date Code
1
5
7
8
2
3
4
6
SOP-8
01-Jun-2002 Rev. A
Page 1 of
4
Total Power Dissipation
Linear Derating Factor
Operating Junction and Storage Temperature Range
Drain-Source Voltage
Gate-Source Voltage
Continuous Drain Current
Continuous Drain Current
Pulsed Drain Current
1
3
3
Parameter
Symbol
Ratings
Unit
Thermal Data
Parameter
Symbol
Ratings
Unit
Thermal Resistance Junction-ambient
Max.
A
V
V
A
A
ID@TA=70
/W
C
W/ C
C
W
VDS
VGS
ID@TA=25
IDM
PD@TA=25
Tj, Tstg
Rthj-a
30
10
8
±20
30
2
0.016
-55~+150
62.5
3
o
o
o
C
o
C
o
C
o
Absolute Maximum Ratings
D1
G1
S1
G2
D2
S2


유사한 부품 번호 - SSG4224

제조업체부품명데이터시트상세설명
logo
SeCoS Halbleitertechnol...
SSG4224 SECOS-SSG4224_15 Datasheet
684Kb / 4P
   N-Channel Enhancement Mode Power Mos.FET
More results

유사한 설명 - SSG4224

제조업체부품명데이터시트상세설명
logo
SeCoS Halbleitertechnol...
SID3055 SECOS-SID3055_15 Datasheet
1Mb / 6P
   N-Channel Enhancement Mode Power Mos.FET
SST2604 SECOS-SST2604_15 Datasheet
857Kb / 4P
   N-Channel Enhancement Mode Power Mos.FET
SSD40N03 SECOS-SSD40N03 Datasheet
1Mb / 5P
   N-Channel Enhancement Mode Power Mos.FET
SSE9973 SECOS-SSE9973 Datasheet
852Kb / 4P
   N-Channel Enhancement Mode Power Mos.FET
SSG4424 SECOS-SSG4424 Datasheet
378Kb / 4P
   N-Channel Enhancement Mode Power Mos.FET
SSG9973 SECOS-SSG9973 Datasheet
342Kb / 4P
   N-Channel Enhancement Mode Power Mos.FET
SSM2310 SECOS-SSM2310 Datasheet
896Kb / 4P
   N-Channel Enhancement Mode Power Mos.FET
SSM9973 SECOS-SSM9973 Datasheet
478Kb / 4P
   N-Channel Enhancement Mode Power Mos.FET
STT8205S SECOS-STT8205S Datasheet
698Kb / 4P
   N-Channel Enhancement Mode Power Mos.FET
SMG138K SECOS-SMG138K Datasheet
307Kb / 4P
   N-Channel Enhancement Mode Power Mos.FET
SMG2300 SECOS-SMG2300 Datasheet
472Kb / 4P
   N-Channel Enhancement Mode Power Mos.FET
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com