전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL23425UFRUZ-TK 데이터시트(PDF) 11 Page - Intersil Corporation

부품명 ISL23425UFRUZ-TK
상세설명  Dual, 256-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL23425UFRUZ-TK 데이터시트(HTML) 11 Page - Intersil Corporation

Back Button ISL23425UFRUZ-TK Datasheet HTML 7Page - Intersil Corporation ISL23425UFRUZ-TK Datasheet HTML 8Page - Intersil Corporation ISL23425UFRUZ-TK Datasheet HTML 9Page - Intersil Corporation ISL23425UFRUZ-TK Datasheet HTML 10Page - Intersil Corporation ISL23425UFRUZ-TK Datasheet HTML 11Page - Intersil Corporation ISL23425UFRUZ-TK Datasheet HTML 12Page - Intersil Corporation ISL23425UFRUZ-TK Datasheet HTML 13Page - Intersil Corporation ISL23425UFRUZ-TK Datasheet HTML 14Page - Intersil Corporation ISL23425UFRUZ-TK Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
ISL23425
11
FN7873.0
June 20, 2011
FIGURE 15. 10kΩ TCr vs TAP POSITION
FIGURE 16. 50kΩ TCr vs TAP POSITION, VCC = 3.3V
FIGURE 17. 100kΩ TCv vs TAP POSITION, VCC = 3.3V
FIGURE 18. 100kΩ TCr vs TAP POSITION, VCC = 3.3V
FIGURE 19. WIPER DIGITAL FEED-THROUGH
FIGURE 20. WIPER TRANSITION GLITCH
Typical Performance Curves (Continued)
0
200
400
600
800
15
63
111
159
207
255
TAP POSITION (DECIMAL)
0
50
100
150
200
250
15
63
111
159
207
255
TAP POSITION (DECIMAL)
0
10
20
30
40
50
15
63
111
159
207
255
TAP POSITION (DECIMAL)
0
30
60
90
120
150
15
63
111
159
207
255
TAP POSITION (DECIMAL)
SCK CLOCK
RW PIN
CH1: 1V/DIV, 1µs/DIV
CH2: 10mV/DIV, 1µs/DIV
 
CH1: 20mV/DIV, 2µs/DIV
CH2: 2V/DIV, 2µs/DIV
WIPER
CS RISING


유사한 부품 번호 - ISL23425UFRUZ-TK

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL23425UFRUZ-TK RENESAS-ISL23425UFRUZ-TK Datasheet
1Mb / 20P
   Dual, 256-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
More results

유사한 설명 - ISL23425UFRUZ-TK

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL23325 INTERSIL-ISL23325 Datasheet
848Kb / 20P
   Dual, 256-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23325TFVZ INTERSIL-ISL23325TFVZ Datasheet
757Kb / 20P
   Dual, 256-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
September 23, 2015
logo
Renesas Technology Corp
ISL23325 RENESAS-ISL23325 Datasheet
1Mb / 20P
   Dual, 256-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23425 RENESAS-ISL23425 Datasheet
1Mb / 20P
   Dual, 256-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
ISL23345 INTERSIL-ISL23345 Datasheet
881Kb / 19P
   Quad, 256 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23445 INTERSIL-ISL23445 Datasheet
923Kb / 20P
   Quad, 256 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23425TFVZ INTERSIL-ISL23425TFVZ Datasheet
748Kb / 20P
   Dual, 256-Tap, Low Voltage Digitally Contro Potentiometer (XDCP??
September 11, 2015
logo
Renesas Technology Corp
ISL23345 RENESAS-ISL23345 Datasheet
1Mb / 19P
   Quad, 256 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP™)
June 21, 2011
ISL23445 RENESAS-ISL23445 Datasheet
1Mb / 20P
   Quad, 256 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP™)
June 21, 2011
logo
Intersil Corporation
ISL23428 INTERSIL-ISL23428 Datasheet
645Kb / 21P
   Dual, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com