전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSG5509A 데이터시트(PDF) 3 Page - SeCoS Halbleitertechnologie GmbH

부품명 SSG5509A
상세설명  N & P-Ch Enhancement Mode Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SECOS [SeCoS Halbleitertechnologie GmbH]
홈페이지  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSG5509A 데이터시트(HTML) 3 Page - SeCoS Halbleitertechnologie GmbH

  SSG5509A Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSG5509A Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSG5509A Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSG5509A Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH SSG5509A Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH SSG5509A Datasheet HTML 6Page - SeCoS Halbleitertechnologie GmbH SSG5509A Datasheet HTML 7Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
SSG5509A
N & P-Ch Enhancement Mode Power MOSFET
N-Ch: 6.1 A, 30 V, RDS(ON) 30 mΩ
P-Ch: -4.8 A, -30 V, RDS(ON) 55 mΩ
Elektronische Bauelemente
27-Jun-2011 Rev. A
Page 3 of 7
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
P-CHANNEL ELECTRICAL CHARACTERISTICS (TJ=25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Drain-Source Breakdown Voltage
BVDSS
-30
-
-
V
VGS=0, ID= -250µA
Gate Threshold Voltage
VGS(th)
-0.5
-
-1.2
V
VDS=VGS, ID= -250µA
Forward Transconductance
gfs
-
11
-
S
VDS= -5V, ID= -5A
Gate-Source Leakage Current
IGSS
-
-
±100
nA
VGS= ±12V
Drain-Source Leakage Current(TJ =25℃
℃)
IDSS
-
-
-1
µA
VDS= -24V, VGS=0
Drain-Source Leakage Current(TJ =70℃
℃)
-
-
-25
µA
VDS= -24V, VGS=0
Static Drain-Source On-Resistance
RDS(ON)
-
-
55
m
VGS= -10V, ID= -4.2A
-
-
70
VGS= -4.5V, ID= -4A
-
-
120
VGS= -2.5V, ID= -1A
Total Gate Charge
2
Qg
-
9.4
-
nC
ID= -4 A
VDS= -15V
VGS= -4.5V
Gate-Source Charge
Qgs
-
2
-
Gate-Drain (“Miller”) Change
Qgd
-
3
-
Turn-on Delay Time
2
Td(on)
-
6.3
-
nS
VDS= -15V
VGS= -10V
RG=6
RL=3.6
Rise Time
Tr
-
3.2
-
Turn-off Delay Time
Td(off)
-
38.2
-
Fall Time
Tf
-
12
-
Input Capacitance
Ciss
-
954
-
pF
VGS=0
VDS= -15V
f=1.0 MHz
Output Capacitance
Coss
-
115
-
Reverse Transfer Capacitance
Crss
-
77
-
Source -Drain Diode
Forward On Voltage
2
VSD
-
-
-1.0
V
IS= -1A, VGS=0
Reverse Recovery Time
2
Trr
-
20.2
-
nS
IS= -4A, VGS=0,
dl/dt=100A/µs
Reverse Recovery Charge
Qrr
-
11.2
-
nC
Continuous Source Current (Body Diode)
IS
-
-
-2.2
A
VD=VG=0, VS= -1V
Notes:
1. Pulse width limited by Max. junction temperature.
2. Pulse width≦300us, duty cycle≦2%.
3. Surface mounted on 1 in
2 copper pad of FR4 board; 135 °C/W when mounted on Min. copper pad.


유사한 부품 번호 - SSG5509A

제조업체부품명데이터시트상세설명
logo
SeCoS Halbleitertechnol...
SSG5509A SECOS-SSG5509A_15 Datasheet
1Mb / 7P
   N & P-Ch Enhancement Mode Power MOSFET
More results

유사한 설명 - SSG5509A

제조업체부품명데이터시트상세설명
logo
SeCoS Halbleitertechnol...
SSI2007 SECOS-SSI2007 Datasheet
1Mb / 7P
   N & P-Ch Enhancement Mode Power MOSFET
SSI3439J SECOS-SSI3439J Datasheet
606Kb / 4P
   N & P-Ch Enhancement Mode Power MOSFET
SSG4520H SECOS-SSG4520H Datasheet
1Mb / 6P
   N & P-Ch Enhancement Mode Power MOSFET
SSG4503A-C SECOS-SSG4503A-C Datasheet
631Kb / 7P
   N & P-Ch Enhancement Mode Power MOSFET
SSPRD6560-C SECOS-SSPRD6560-C Datasheet
593Kb / 7P
   N & P-Ch Enhancement Mode Power MOSFET
SSG5509A SECOS-SSG5509A_15 Datasheet
1Mb / 7P
   N & P-Ch Enhancement Mode Power MOSFET
SSG4510 SECOS-SSG4510_15 Datasheet
1Mb / 7P
   N & P-Ch Enhancement Mode Power MOSFET
SSG4502CE SECOS-SSG4502CE_15 Datasheet
3Mb / 7P
   N & P-Ch Enhancement Mode Power MOSFET
SPRD4504-C SECOS-SPRD4504-C Datasheet
429Kb / 7P
   N & P-Ch Enhancement Mode Power MOSFET
SSG2601 SECOS-SSG2601_15 Datasheet
733Kb / 7P
   N & P-Ch Enhancement Mode Power MOSFET
SSG4536C SECOS-SSG4536C_15 Datasheet
126Kb / 2P
   N & P-Ch Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com