전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSRF90N06 데이터시트(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

부품명 SSRF90N06
상세설명  N-Ch Enhancement Mode Power MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SECOS [SeCoS Halbleitertechnologie GmbH]
홈페이지  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSRF90N06 데이터시트(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SSRF90N06 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSRF90N06 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSRF90N06 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSRF90N06 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Elektronische Bauelemente
SSRF90N06
N-Ch Enhancement Mode Power MOSFET
87A, 60V, RDS(ON) 26.5mΩ
01-Dec-2010 Rev.B
Page 2 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified)
PARAMETER
SYMBO MIN.
TYP. MAX. UNIT
TEST CONDITIONS
Static
Gate-Threshold Voltage
VGS(th)
1
-
3
V
VDS= VGS, ID = 250 μA
Gate-Body Leakage
IGSS
-
-
±100
nA
VDS = 0V, VGS= 20V
-
-
1
VDS= 48V, VGS= 0V
Zero Gate Voltage Drain Current
IDSS
-
-
25
μA
VDS= 48V, VGS= 0V, TJ=55°C
On-State Drain Current
a
ID(on)
120
-
-
A
VDS = 5V, VGS= 10V
-
-
26.5
VGS= 10V, ID= 30 A
Drain-Source On-Resistance
a
RDS(ON)
-
-
32.5
mΩ
VGS= 4.5V, ID= 20 A
Forward Transconductance
a
gfs
-
30
-
S
VDS= 15V, ID= 30 A
Diode Forward Voltage
VSD
-
1.1
-
V
IS= 34 A, VGS= 0 V
Dynamic
b
Total Gate Charge
Qg
-
8.5
-
Gate-Source Charge
Qgs
-
3.3
-
Gate-Drain Charge
Qgd
-
4.0
-
nC
VDS = 15 V
VGS = 4.5 V
ID = 90 A
Turn-on Delay Time
Td(on)
-
18
-
Rise Time
Tr
-
59
-
Turn-off Delay Time
Td(off)
-
37
-
Fall Time
Tf
-
9
-
nS
VDD= 25 V
ID= 34 A
VGEN = 10 V
RL= 25 
Notes
a.
Pulse test:Pulse width ≦ 300 μs, duty cycle ≦ 2%.
b.
Guaranteed by design, not subject to production testing.


유사한 부품 번호 - SSRF90N06

제조업체부품명데이터시트상세설명
logo
SeCoS Halbleitertechnol...
SSRF90N06-10 SECOS-SSRF90N06-10 Datasheet
144Kb / 2P
   N-Ch Enhancement Mode Power MOSFET
More results

유사한 설명 - SSRF90N06

제조업체부품명데이터시트상세설명
logo
SeCoS Halbleitertechnol...
SSRF03N80SL SECOS-SSRF03N80SL Datasheet
600Kb / 5P
   N-Ch Enhancement Mode Power MOSFET
SMS6001 SECOS-SMS6001 Datasheet
662Kb / 4P
   N-Ch Enhancement Mode Power MOSFET
SSM01N60SL SECOS-SSM01N60SL Datasheet
557Kb / 5P
   N-Ch Enhancement Mode Power MOSFET
SSRF08N70SL SECOS-SSRF08N70SL Datasheet
472Kb / 5P
   N-Ch Enhancement Mode Power MOSFET
SSU07N65SL SECOS-SSU07N65SL Datasheet
568Kb / 5P
   N-Ch Enhancement Mode Power MOSFET
SSPS924NE SECOS-SSPS924NE Datasheet
630Kb / 4P
   N-Ch Enhancement Mode Power MOSFET
SSD30N15 SECOS-SSD30N15_15 Datasheet
445Kb / 4P
   N-Ch Enhancement Mode Power MOSFET
SSD40N04 SECOS-SSD40N04_15 Datasheet
386Kb / 4P
   N-Ch Enhancement Mode Power MOSFET
SSD50N10 SECOS-SSD50N10_15 Datasheet
574Kb / 4P
   N-Ch Enhancement Mode Power MOSFET
SSD60N04 SECOS-SSD60N04_15 Datasheet
151Kb / 2P
   N-Ch Enhancement Mode Power MOSFET
SSPS922NE SECOS-SSPS922NE_15 Datasheet
538Kb / 4P
   N-Ch Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com