전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSC0301100YZF-44 데이터시트(PDF) 1 Page - Superworld Electronics

부품명 SSC0301100YZF-44
상세설명  SMD POWER INDUCTORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SUPERWORLD [Superworld Electronics]
홈페이지  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SSC0301100YZF-44 데이터시트(HTML) 1 Page - Superworld Electronics

  SSC0301100YZF-44 Datasheet HTML 1Page - Superworld Electronics SSC0301100YZF-44 Datasheet HTML 2Page - Superworld Electronics SSC0301100YZF-44 Datasheet HTML 3Page - Superworld Electronics SSC0301100YZF-44 Datasheet HTML 4Page - Superworld Electronics SSC0301100YZF-44 Datasheet HTML 5Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1. PART NO. EXPRESSION :
2. CONFIGURATION & DIMENSIONS :
1.80 Max.
A
B
C
4. MATERIALS :
SUPERWORLD ELECTRONICS (S) PTE LTD
(a) Core : DR Ferrite Core
(b) Core : RI Ferrite Core
(c) Wire : Enamelled Copper Wire
(d) Terminal : Au+Ni Copper Plate
3. SCHEMATIC :
SSC0301 SERIES
SMD POWER INDUCTORS
PG. 1
NOTE : Specifications subject to change without notice. Please check our website for latest information.
01.10.2010
PCB Pattern
3.70 Ref.
DE
F
1.20 Ref.
5.20 Max.
4.10 Max.
4.10 Max.
1.60 Ref.
0.55 Ref.
GH
1.20 Ref.
Unit : m/m
b
(e) Adhesive : Epoxy
A
1R5
D
E
C
3.75 Ref.
D'
a
f
c
d
(e)
S S C 0 3 0 1 1 R 5 Y Z F -
(d)
(b)
(c)
(a)
(f)
(c) Inductance code : 1R5 = 1.5uH
(a) Series code
(b) Dimension code
(g) 11 ~ 99 : Internal controlled number
(f) F : RoHS Compliant
(e) X, Y, Z : Standard part
I
(f) Adhesive : Epoxy
(g) Ink : Bon Margue
g
e
I
G
H
J
K
J
1.00 Ref.
1.70 Ref.
4.30 Ref.
K
JL
Tin paste thickness >0.12mm
Tin paste thickness <0.12mm
(d) Tolerance code : Y = ±30%
(g)


유사한 부품 번호 - SSC0301100YZF-44

제조업체부품명데이터시트상세설명
logo
Superworld Electronics
SSC0301100YZF SUPERWORLD-SSC0301100YZF Datasheet
401Kb / 5P
   SMD POWER INDUCTORS
More results

유사한 설명 - SSC0301100YZF-44

제조업체부품명데이터시트상세설명
logo
Bourns Electronic Solut...
SDR1105 BOURNS-SDR1105 Datasheet
145Kb / 1P
   SMD Power Inductors
SDR1307 BOURNS-SDR1307 Datasheet
202Kb / 2P
   SMD Power Inductors
logo
Abracon Corporation
ASPI-0706HC ABRACON-ASPI-0706HC Datasheet
178Kb / 1P
   SMD POWER INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
NR5040T220M TAIYO-YUDEN-NR5040T220M Datasheet
148Kb / 1P
   SMD Power Inductors
NR10050T2R9N TAIYO-YUDEN-NR10050T2R9N Datasheet
151Kb / 1P
   SMD Power Inductors
NR10050T330M TAIYO-YUDEN-NR10050T330M Datasheet
151Kb / 1P
   SMD Power Inductors
NS10155T3R3NNA TAIYO-YUDEN-NS10155T3R3NNA Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T4R2NN TAIYO-YUDEN-NS12565T4R2NN Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T221MN TAIYO-YUDEN-NS12565T221MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T330MN TAIYO-YUDEN-NS12565T330MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T680MN TAIYO-YUDEN-NS12565T680MN Datasheet
167Kb / 2P
   SMD Power Inductors
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com