전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KMC5S010 데이터시트(PDF) 6 Page - Thinking Electronic Industrial Co.,Ltd

부품명 KMC5S010
상세설명  Polymer PTC Resettable Fuse
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  THINKING [Thinking Electronic Industrial Co.,Ltd]
홈페이지  http://www.thinking.com.tw
Logo THINKING - Thinking Electronic Industrial Co.,Ltd

KMC5S010 데이터시트(HTML) 6 Page - Thinking Electronic Industrial Co.,Ltd

Back Button KMC5S010 Datasheet HTML 2Page - Thinking Electronic Industrial Co.,Ltd KMC5S010 Datasheet HTML 3Page - Thinking Electronic Industrial Co.,Ltd KMC5S010 Datasheet HTML 4Page - Thinking Electronic Industrial Co.,Ltd KMC5S010 Datasheet HTML 5Page - Thinking Electronic Industrial Co.,Ltd KMC5S010 Datasheet HTML 6Page - Thinking Electronic Industrial Co.,Ltd KMC5S010 Datasheet HTML 7Page - Thinking Electronic Industrial Co.,Ltd KMC5S010 Datasheet HTML 8Page - Thinking Electronic Industrial Co.,Ltd KMC5S010 Datasheet HTML 9Page - Thinking Electronic Industrial Co.,Ltd KMC5S010 Datasheet HTML 10Page - Thinking Electronic Industrial Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Polymer PTC Resettable Fuse:
:KMC Series
SMD Type
THINKING ELECTRONIC INDUSTRIAL Co., LTD.
6
www.thinking.com.tw
2009.12
All specifications are subject to change without notice.
Typical Time to Trip Curve at 23℃


유사한 부품 번호 - KMC5S010

제조업체부품명데이터시트상세설명
logo
United Chemi-Con, Inc.
KMC500E105M32N0T00 CHEMI-CON-KMC500E105M32N0T00 Datasheet
48Kb / 4P
   MULTILAYER CERAMIC CHIP CAPACITORS
KMC500E155M32N0T00 CHEMI-CON-KMC500E155M32N0T00 Datasheet
48Kb / 4P
   MULTILAYER CERAMIC CHIP CAPACITORS
KMC500E225M43N0T00 CHEMI-CON-KMC500E225M43N0T00 Datasheet
48Kb / 4P
   MULTILAYER CERAMIC CHIP CAPACITORS
KMC500E334M31N0T00 CHEMI-CON-KMC500E334M31N0T00 Datasheet
48Kb / 4P
   MULTILAYER CERAMIC CHIP CAPACITORS
KMC500E335M43N0T00 CHEMI-CON-KMC500E335M43N0T00 Datasheet
48Kb / 4P
   MULTILAYER CERAMIC CHIP CAPACITORS
More results

유사한 설명 - KMC5S010

제조업체부품명데이터시트상세설명
logo
Thinking Electronic Ind...
KSM0150120 THINKING-KSM0150120 Datasheet
194Kb / 4P
   Polymer PTC Resettable Fuse
logo
HuaXinAn Electronics CO...
SMD1210 HUAXINAN-SMD1210 Datasheet
253Kb / 2P
   Resettable Fuse PTC
JK130010 HUAXINAN-JK130010 Datasheet
302Kb / 2P
   Resettable Fuse PTC
JK30075 HUAXINAN-JK30075 Datasheet
321Kb / 3P
   Resettable Fuse PTC
JK-MSMD010 HUAXINAN-JK-MSMD010 Datasheet
269Kb / 2P
   Resettable Fuse PTC
JK-SMD0805-010 HUAXINAN-JK-SMD0805-010 Datasheet
251Kb / 2P
   Resettable Fuse PTC
logo
Bourns Electronic Solut...
MF-LL190 BOURNS-MF-LL190 Datasheet
235Kb / 2P
   PTC Resettable Fuse
logo
HuaXinAn Electronics CO...
JK60005 HUAXINAN-JK60005 Datasheet
304Kb / 2P
   Resettable Fuse PTC
SMD2920 HUAXINAN-SMD2920 Datasheet
311Kb / 2P
   Resettable Fuse PTC
JK6075 HUAXINAN-JK6075 Datasheet
284Kb / 2P
   Resettable Fuse PTC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com