전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KDR725U 데이터시트(PDF) 1 Page - KEC(Korea Electronics)

부품명 KDR725U
상세설명  USQ PACKAGE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEC [KEC(Korea Electronics)]
홈페이지  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KDR725U 데이터시트(HTML) 1 Page - KEC(Korea Electronics)

  KDR725U Datasheet HTML 1Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2008. 9. 8
1/1
SEMICONDUCTOR
MARKING SPECIFICATION
KDR725U
USQ PACKAGE
Revision No : 1
1. Marking method
Laser Marking
2. Marking
R2
2
1
3
Note) * Lot No. marking method
Character
arrangement
1 st Character
1
(A)
2
(B)
3
(C)
4
(D)
5
(E)
6
(F)
7
(G)
8
(H)
9
(I)
0
(J)
2nd Character
A
(1)
B
(2)
C
(3)
D
(4)
E
(5)
F
(6)
G
(7)
H
(8)
I
(9)
J
(0)
Year
Marking (Week)
Periode (Year)
Remark
1 st Year (2006)
01
02
51
52
2006-2010-2014...
Rotation for 4 years
2 nd Year (2007)
0A
0B
5A
5B
2007-2011-2015...
4 rd Year (2008)
J1
J2
E1
E2
2008-2012-2016...
4 th Year (2009)
JA
JB
EA
EB
2009-2013-2017...
No.
Item
Marking
Description
Device Mark
R2
KDR725U
hFE Grade
-
-
* Lot No.
01
2006. 1st Week
[0:1st Character, 1:2nd Character]
Dot
Pin 1 Index


유사한 부품 번호 - KDR725U

제조업체부품명데이터시트상세설명
logo
KEC(Korea Electronics)
KDR720E KEC-KDR720E Datasheet
410Kb / 7P
   White LED Step-Up Converter
KDR720E KEC-KDR720E Datasheet
363Kb / 1P
   ESC PACKAGE
KDR720EL KEC-KDR720EL Datasheet
399Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE
KDR720E KEC-KDR720E_15 Datasheet
357Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
KDR720F KEC-KDR720F Datasheet
27Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
More results

유사한 설명 - KDR725U

제조업체부품명데이터시트상세설명
logo
KEC(Korea Electronics)
KDZ5.6DU KEC-KDZ5.6DU Datasheet
22Kb / 1P
   USQ PACKAGE
KTK920U KEC-KTK920U Datasheet
22Kb / 1P
   USQ PACKAGE
KDR735U KEC-KDR735U Datasheet
22Kb / 1P
   USQ PACKAGE
KDS165U KEC-KDS165U Datasheet
351Kb / 1P
   USQ PACKAGE
KDV176U KEC-KDV176U Datasheet
351Kb / 1P
   USQ PACKAGE
KTK920BU KEC-KTK920BU Datasheet
22Kb / 1P
   USQ PACKAGE
logo
Murata Manufacturing Co...
USQ30 MURATA-USQ30 Datasheet
408Kb / 15P
   Single Output USQ 30A Models
logo
Amkor Technology
PSVFBGA AMKOR-PSVFBGA Datasheet
251Kb / 2P
   Package on Package (PoP) Family
logo
KEC(Korea Electronics)
KDV239 KEC-KDV239_08 Datasheet
349Kb / 1P
   USC PACKAGE
KDV269 KEC-KDV269_08 Datasheet
350Kb / 1P
   USC PACKAGE
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com