전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STK15C88-SF45I 데이터시트(PDF) 1 Page - Cypress Semiconductor

부품명 STK15C88-SF45I
상세설명  256-Kbit (32 K x 8) PowerStore nvSRAM Unlimited RECALL Cycles
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYPRESS [Cypress Semiconductor]
홈페이지  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

STK15C88-SF45I 데이터시트(HTML) 1 Page - Cypress Semiconductor

  STK15C88-SF45I Datasheet HTML 1Page - Cypress Semiconductor STK15C88-SF45I Datasheet HTML 2Page - Cypress Semiconductor STK15C88-SF45I Datasheet HTML 3Page - Cypress Semiconductor STK15C88-SF45I Datasheet HTML 4Page - Cypress Semiconductor STK15C88-SF45I Datasheet HTML 5Page - Cypress Semiconductor STK15C88-SF45I Datasheet HTML 6Page - Cypress Semiconductor STK15C88-SF45I Datasheet HTML 7Page - Cypress Semiconductor STK15C88-SF45I Datasheet HTML 8Page - Cypress Semiconductor STK15C88-SF45I Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
STK15C88
256-Kbit (32 K × 8) PowerStore nvSRAM
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document Number: 001-50593 Rev. *C
Revised April 10, 2011
256-Kbit (32 K × 8) PowerStore nvSRAM
Features
25 ns and 45 ns Access Times
Pin compatible with Industry Standard SRAMs
Automatic Nonvolatile STORE on power loss
Nonvolatile STORE under Software Control
Automatic RECALL to SRAM on Power Up
Unlimited Read/Write Endurance
Unlimited RECALL Cycles
1,000,000 STORE Cycles
100 year Data Retention
Single 5 V + 10% Power Supply
Commercial and Industrial Temperatures
28-pin (300 mil and 330 mil) SOIC packages
RoHS Compliance
Functional Description
The Cypress STK15C88 is a 256Kb fast static RAM with a
nonvolatile element in each memory cell. The embedded
nonvolatile elements incorporate QuantumTraptechnology
producing the world’s most reliable nonvolatile memory. The
SRAM provides unlimited read and write cycles, while
independent, nonvolatile data resides in the highly reliable
QuantumTrap cell. Data transfers from the SRAM to the
nonvolatile elements (the STORE operation) takes place
automatically at power down. On power up, data is restored to
the SRAM (the RECALL operation) from the nonvolatile memory.
Both the STORE and RECALL operations are also available
under software control.
PowerStore nvSRAM products depend on the intrinsic system
capacitance to maintain system power long enough for an
automatic store on power loss. If the power ramp from 5 volts to
3.6 volts is faster than 10 ms, consider our 14C88 or 16C88 for
more reliable operation.
Logic Block Diagram
[+] Feedback


유사한 부품 번호 - STK15C88-SF45I

제조업체부품명데이터시트상세설명
logo
Simtek Corporation
STK15C88-SF45I SIMTEK-STK15C88-SF45I Datasheet
377Kb / 15P
   32Kx8 PowerStore nvSRAM
logo
Cypress Semiconductor
STK15C88-SF45I CYPRESS-STK15C88-SF45I Datasheet
474Kb / 15P
   256 Kbit (32K x 8) PowerStore nvSRAM
logo
Simtek Corporation
STK15C88-SF45ITR SIMTEK-STK15C88-SF45ITR Datasheet
377Kb / 15P
   32Kx8 PowerStore nvSRAM
logo
Cypress Semiconductor
STK15C88-SF45ITR CYPRESS-STK15C88-SF45ITR Datasheet
474Kb / 15P
   256 Kbit (32K x 8) PowerStore nvSRAM
More results

유사한 설명 - STK15C88-SF45I

제조업체부품명데이터시트상세설명
logo
Cypress Semiconductor
CY14C256Q CYPRESS-CY14C256Q Datasheet
1Mb / 33P
   256-Kbit (32 K x 8) SPI nvSRAM Infinite read, write, and RECALL cycles
CY14V256LA CYPRESS-CY14V256LA_13 Datasheet
497Kb / 22P
   256-Kbit (32 K x 8) nvSRAM
STK15C88 CYPRESS-STK15C88 Datasheet
474Kb / 15P
   256 Kbit (32K x 8) PowerStore nvSRAM
CY14C256PA CYPRESS-CY14C256PA Datasheet
1Mb / 44P
   256-Kbit (32 K x 8) SPI nvSRAM with Real Time Clock Infinite read, write, and RECALL cycles
CY14MC256J CYPRESS-CY14MC256J_13 Datasheet
1Mb / 30P
   256-Kbit (32 K x 8) Serial (I2C) nvSRAM
CY14U256LA CYPRESS-CY14U256LA Datasheet
499Kb / 22P
   256-Kbit (32 K 횞 8) nvSRAM
CY14B256Q1 CYPRESS-CY14B256Q1_13 Datasheet
1Mb / 29P
   256-Kbit (32 K x 8) Serial (SPI) nvSRAM
CY14MB064Q CYPRESS-CY14MB064Q Datasheet
938Kb / 29P
   64-Kbit (8 K x 8) SPI nvSRAM Infinite read, write, and RECALL cycles
CY14B256LA CYPRESS-CY14B256LA_12 Datasheet
863Kb / 22P
   256-Kbit (32 K 횞 8) nvSRAM
CY14B256LA CYPRESS-CY14B256LA_11 Datasheet
790Kb / 22P
   256-Kbit (32 K 횞 8) nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com