전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STK14C88-5L45M 데이터시트(PDF) 8 Page - Cypress Semiconductor

부품명 STK14C88-5L45M
상세설명  32 K x 8 AutoStore nvSRAM Commercial, industrial, military temperatures
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYPRESS [Cypress Semiconductor]
홈페이지  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

STK14C88-5L45M 데이터시트(HTML) 8 Page - Cypress Semiconductor

Back Button STK14C88-5L45M Datasheet HTML 4Page - Cypress Semiconductor STK14C88-5L45M Datasheet HTML 5Page - Cypress Semiconductor STK14C88-5L45M Datasheet HTML 6Page - Cypress Semiconductor STK14C88-5L45M Datasheet HTML 7Page - Cypress Semiconductor STK14C88-5L45M Datasheet HTML 8Page - Cypress Semiconductor STK14C88-5L45M Datasheet HTML 9Page - Cypress Semiconductor STK14C88-5L45M Datasheet HTML 10Page - Cypress Semiconductor STK14C88-5L45M Datasheet HTML 11Page - Cypress Semiconductor STK14C88-5L45M Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
STK14C88
Document Number: 001-52038 Rev. *C
Page 8 of 20
Hardware Mode Selection
E
W
HSB
A13 - A0 (hex)
Mode
I/O
Power
Notes
H
X
H
X
Not Selected
Output High Z
Standby
L
H
H
X
Read SRAM
Output Data
Active
19
L
L
H
X
Write SRAM
Input Data
Active
X
X
L
X
Nonvolatile STORE
Output High Z
lCC2
12
Hardware STORE Cycle
No.
Symbols
Parameter
STK14C88
Units Notes
Standard
Alternate
Min
Max
22
tSTORE
tHLHZ
STORE Cycle Duration
10
ms
13
23
tDELAY
tHLQZ
Time Allowed to Complete SRAM Cycle
1
s13
24
tRECOVER
tHHQX
Hardware STORE High to Inhibit Off
700
ns
13, 14
25
tHLHX
Hardware STORE Pulse Width
15
ns
26
tHLBL
Hardware STORE Low to STORE Busy
300
ns
Figure 8. Hardware STORE Cycle
DATA VALID
HSB (IN)
DATA VALID
25
tHLHX
23
tDELAY
22
tSTORE
24
tRECOVER
HIGH IMPEDANCE
27
tHLBL
HIGH IMPEDANCE
DQ (DATA OUT)
HSB (OUT)
Notes
12. HSB STORE operation occurs only if an SRAM write is done since the last nonvolatile cycle. After the STORE (if any) completes, the part goes into standby mode,
inhibiting all operations until HSB rises
13. E and G low, W high for output behavior.
14. tRECOVER is only applicable after tSTORE is complete.
[+] Feedback


유사한 부품 번호 - STK14C88-5L45M

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
STK14C88-5L45M ETC1-STK14C88-5L45M Datasheet
85Kb / 12P
   32K x 8 AUTOSTORE nvSRAM QUANTUM TRAP CMOS NONVOLATILE STATIC RAM
logo
Simtek Corporation
STK14C88-5L45M SIMTEK-STK14C88-5L45M Datasheet
388Kb / 19P
   32Kx8 AutoStore nvSRAM
logo
Cypress Semiconductor
STK14C88-5L45M CYPRESS-STK14C88-5L45M Datasheet
535Kb / 17P
   256 Kbit (32K x 8) AutoStore nvSRAM
More results

유사한 설명 - STK14C88-5L45M

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
STK12C68-IM ETC1-STK12C68-IM Datasheet
64Kb / 10P
   CMOS nvSRAM 8K x 8 AutoStore Nonvolatile Static RAM Industrial Temperature/Military Screen
logo
Simtek Corporation
STK17T88 SIMTEK-STK17T88 Datasheet
581Kb / 28P
   32K x 8 AutoStore nvSRAM
logo
List of Unclassifed Man...
STK15C68 ETC-STK15C68 Datasheet
76Kb / 9P
   8K x 8 AutoStore nvSRAM
STK25C48 ETC-STK25C48 Datasheet
84Kb / 8P
   2K X 8 AUTOSTORE NVSRAM
logo
Cypress Semiconductor
CY14V256LA CYPRESS-CY14V256LA_13 Datasheet
497Kb / 22P
   256-Kbit (32 K x 8) nvSRAM
STK14C88-5 CYPRESS-STK14C88-5 Datasheet
535Kb / 17P
   256 Kbit (32K x 8) AutoStore nvSRAM
STK12C68 CYPRESS-STK12C68 Datasheet
751Kb / 20P
   64 Kbit (8K x 8) AutoStore nvSRAM
STK22C48 CYPRESS-STK22C48_11 Datasheet
1Mb / 17P
   16-Kbit (2 K 횞 8) AutoStore??nvSRAM
STK12C68-5 CYPRESS-STK12C68-5 Datasheet
591Kb / 18P
   64 Kbit (8K x 8) AutoStore nvSRAM
STK16C88-3 CYPRESS-STK16C88-3 Datasheet
456Kb / 14P
   256 Kbit (32K x 8) AutoStore nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com