전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD7291 데이터시트(PDF) 10 Page - Analog Devices

부품명 AD7291
상세설명  8-Channel, I2C, 12-Bit SAR ADC with Temperature Sensor
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD7291 데이터시트(HTML) 10 Page - Analog Devices

Back Button AD7291_11 Datasheet HTML 6Page - Analog Devices AD7291_11 Datasheet HTML 7Page - Analog Devices AD7291_11 Datasheet HTML 8Page - Analog Devices AD7291_11 Datasheet HTML 9Page - Analog Devices AD7291_11 Datasheet HTML 10Page - Analog Devices AD7291_11 Datasheet HTML 11Page - Analog Devices AD7291_11 Datasheet HTML 12Page - Analog Devices AD7291_11 Datasheet HTML 13Page - Analog Devices AD7291_11 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
AD7291
Rev. 0 | Page 10 of 28
2.5
2.0
1.5
1.0
0.5
0
2.7
2.9
3.1
3.3
3.5
2.8
3.0
3.2
3.4
3.6
VDD
–40°C
+25°C
+85°C
+125°C
VDRIVE = 3V
9.0
8.9
8.8
8.7
8.6
8.5
8.4
8.3
8.2
8.1
8.0
0
60
120
180
240
300
360
420
SCL FREQUENCY (kHz)
VDRIVE = 3V
VDD = 3V
Figure 16. Power vs. Throughput in Normal Mode
Figure 17. Full Shutdown Current vs. Supply Voltage for Various
Temperatures


유사한 부품 번호 - AD7291_11

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7291 AD-AD7291_16 Datasheet
509Kb / 29P
   8-Channel, I2C, 12-Bit SAR ADC with Temperature Sensor
AD7291 AD-AD7291_17 Datasheet
572Kb / 29P
   Temperature Sensor
More results

유사한 설명 - AD7291_11

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7291 AD-AD7291_16 Datasheet
509Kb / 29P
   8-Channel, I2C, 12-Bit SAR ADC with Temperature Sensor
AD7291 AD-AD7291 Datasheet
436Kb / 21P
   8-Channel, I2C, 12-Bit SAR ADC with Temperature Sensor
Rev. PrC
AD7298 AD-AD7298 Datasheet
1Mb / 18P
   8-Channel, 1MSPS, 12-Bit SAR ADC with Temperature Sensor
Rev. PrA
logo
Linear Technology
LTC2309 LINER-LTC2309 Datasheet
598Kb / 20P
   8-Channel, 12-Bit SAR ADC with I2C Interface
LTC2309 LINER-LTC2309_15 Datasheet
1Mb / 26P
   8-Channel, 12-Bit SAR ADC with IC Interface
logo
Texas Instruments
ADS8028 TI1-ADS8028_14 Datasheet
849Kb / 35P
[Old version datasheet]   12-Bit, 1-MSPS, 8-Channel, SAR ADC with Internal Reference and Internal Temperature Sensor
ADS8028 TI-ADS8028 Datasheet
904Kb / 34P
[Old version datasheet]   12-Bit, 1-MSPS, 8-Channel, SAR ADC
logo
National Semiconductor ...
ADC128D818 NSC-ADC128D818 Datasheet
775Kb / 38P
   12-Bit, 8-Channel, ADC System Monitor with Temperature Sensor, Internal/External Reference, and I2C Interface
logo
Texas Instruments
ADC128D818 TI1-ADC128D818_14 Datasheet
1Mb / 41P
[Old version datasheet]   ADC128D818 12-Bit, 8-Channel, ADC System Monitor with Temperature Sensor Internal/External Reference, and I2C Interface
ADC128D818CIMT-NOPB TI-ADC128D818CIMT-NOPB Datasheet
1Mb / 40P
[Old version datasheet]   ADC128D818 12-Bit, 8-Channel, ADC System Monitor with Temperature Sensor, Internal/External Reference, and I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com