전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KDV804KS 데이터시트(PDF) 1 Page - KEC(Korea Electronics)

부품명 KDV804KS
상세설명  SILICON EPITAXIAL PLANAR DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEC [KEC(Korea Electronics)]
홈페이지  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KDV804KS 데이터시트(HTML) 1 Page - KEC(Korea Electronics)

  KDV804KS Datasheet HTML 1Page - KEC(Korea Electronics) KDV804KS Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TUNING OF SEPERATE RESONANT CIRCUIT, PUSH-PULL
CIRCUIT IN FM RANGE, ESPECIALLY FOR CAR AUDIO.
FEATURES
Low Series Resistance : rs=0.3(TYP.).
Small Package : SOT-23.
MAXIMUM RATING (Ta=25 )
2003. 9. 16
1/2
SEMICONDUCTOR
TECHNICAL DATA
KDV804KS
VARIABLE CAPACITANCE DIODE
SILICON EPITAXIAL PLANAR DIODE
Revision No : 0
ELECTRICAL CHARACTERISTICS (Ta=25 )
CHARACTERISTIC
SYMBOL
RATING
UNIT
Reverse Voltage
VR
15
V
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55 150
Grade
Type Name
Marking
Lot No.
T3
CLASSIFICATION OF CAPACITANCE RATIO GRADE
DIM
MILLIMETERS
1. ANODE 1
2. ANODE 2
3. CATHODE
SOT-23
A
B
C
D
E
2.93 0.20
1.30+0.20/-0.15
0.45+0.15/-0.05
2.40+0.30/-0.20
G
1.90
H
J
K
L
M
N
0.95
0.13+0.10/-0.05
0.00 ~ 0.10
0.55
0.20 MIN
1.00+0.20/-0.10
M
E
1
2
3
B
1.30 MAX
LL
P
P
P
7
21
3
+
_
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Reverse Voltage
VR
IR=10 A
15
-
-
V
Reverse Current
IR
VR=15V
-
-
50
nA
Capacitance
C2V
VR=2V, f=1MHz
42
-
47.5
pF
C8V
VR=8V, f=1MHz
24
-
28.8
Capacitance Ratio
C2V/C8V
1.74
-
1.85
Series Resistance
rS
C=38pF, f=100MHz
-
0.3
0.4
GRADE
CAPACITANCE(C2V)
UNIT
A
42 43.5
pF
B
43 44.5
C
44 45.5
D
45 46.5
E
46 47.5


유사한 부품 번호 - KDV804KS

제조업체부품명데이터시트상세설명
logo
KEC(Korea Electronics)
KDV804KS KEC-KDV804KS_15 Datasheet
404Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE
More results

유사한 설명 - KDV804KS

제조업체부품명데이터시트상세설명
logo
Semtech Corporation
1N4148M SEMTECH-1N4148M Datasheet
133Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE?
1N914 SEMTECH-1N914 Datasheet
88Kb / 1P
   SILICON EPITAXIAL PLANAR DIODE
logo
KEC(Korea Electronics)
KDV348E_0911 KEC-KDV348E_0911 Datasheet
46Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE
KDV1480 KEC-KDV1480 Datasheet
75Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE
KDZ2.0FV KEC-KDZ2.0FV Datasheet
480Kb / 4P
   SILICON EPITAXIAL PLANAR DIODE
logo
Galaxy Semi-Conductor H...
1SS380_0711 BILIN-1SS380_0711 Datasheet
89Kb / 2P
   Silicon Epitaxial Planar Diode
BAV19WS BILIN-BAV19WS Datasheet
232Kb / 3P
   Silicon Epitaxial Planar Diode
logo
KEC(Korea Electronics)
KDS4148U KEC-KDS4148U Datasheet
82Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE
logo
Guangdong Kexin Industr...
MA2ZV03 KEXIN-MA2ZV03 Datasheet
33Kb / 1P
   Silicon Epitaxial Planar Diode
1SV245 KEXIN-1SV245 Datasheet
33Kb / 1P
   Silicon Epitaxial Planar Diode
HSM2694 KEXIN-HSM2694 Datasheet
35Kb / 1P
   Silicon Epitaxial Planar Diode
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com