전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KIC3211TSN24A 데이터시트(PDF) 2 Page - KEC(Korea Electronics)

부품명 KIC3211TSN24A
상세설명  Analog CMOS Integrated Circuits
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEC [KEC(Korea Electronics)]
홈페이지  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIC3211TSN24A 데이터시트(HTML) 2 Page - KEC(Korea Electronics)

  KIC3211TSN24A Datasheet HTML 1Page - KEC(Korea Electronics) KIC3211TSN24A Datasheet HTML 2Page - KEC(Korea Electronics) KIC3211TSN24A Datasheet HTML 3Page - KEC(Korea Electronics) KIC3211TSN24A Datasheet HTML 4Page - KEC(Korea Electronics) KIC3211TSN24A Datasheet HTML 5Page - KEC(Korea Electronics) KIC3211TSN24A Datasheet HTML 6Page - KEC(Korea Electronics) KIC3211TSN24A Datasheet HTML 7Page - KEC(Korea Electronics) KIC3211TSN24A Datasheet HTML 8Page - KEC(Korea Electronics) KIC3211TSN24A Datasheet HTML 9Page - KEC(Korea Electronics) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2010. 2. 10
2/10
KIC3211 Series
Revision No : 0
VIN
OUT
GND
CE
VREF
PWTR
RA
RB
ON/OFF
Control
Error Amp
Fold - back Current
Limit Block
Reference
Voltage
Auto
Discharge
Block Diagram
SECLECTION GUIDE
The output voltage, package type for the ICs can be selected at the user’s request.
The selection can be made with designating the part number as shown below;
KIC3211XX XXA
← Part Number
a
b
Code
Contents
a
Dessignation of Package Type:
T : TSV
SN : SON1612-6
b
Setting Output Voltage (VOUT) :
Stepwise setting with a step of 0.1V in the range of 1.2V to 4.0V is possible.


유사한 부품 번호 - KIC3211TSN24A

제조업체부품명데이터시트상세설명
logo
KEC(Korea Electronics)
KIC3211 KEC-KIC3211 Datasheet
668Kb / 9P
   Analog CMOS Integrated Circuits
KIC3211SN12A KEC-KIC3211SN12A Datasheet
668Kb / 9P
   Analog CMOS Integrated Circuits
KIC3211SN13A KEC-KIC3211SN13A Datasheet
668Kb / 9P
   Analog CMOS Integrated Circuits
KIC3211SN14A KEC-KIC3211SN14A Datasheet
668Kb / 9P
   Analog CMOS Integrated Circuits
KIC3211SN15A KEC-KIC3211SN15A Datasheet
668Kb / 9P
   Analog CMOS Integrated Circuits
More results

유사한 설명 - KIC3211TSN24A

제조업체부품명데이터시트상세설명
logo
KEC(Korea Electronics)
KIC3522F KEC-KIC3522F Datasheet
381Kb / 6P
   Analog CMOS Integrated Circuits
KIC6971F KEC-KIC6971F Datasheet
499Kb / 8P
   Analog CMOS Integrated Circuits
KIC7608 KEC-KIC7608 Datasheet
1Mb / 15P
   Analog CMOS Integrated Circuits
KIC3926S KEC-KIC3926S Datasheet
64Kb / 6P
   Analog CMOS Integrated Circuits
KIC7108 KEC-KIC7108 Datasheet
920Kb / 8P
   Analog CMOS Integrated Circuits
KAC3305DN KEC-KAC3305DN Datasheet
481Kb / 6P
   Analog CMOS Integrated Circuits
KIC7508 KEC-KIC7508 Datasheet
771Kb / 7P
   Analog CMOS Integrated Circuits
KAC3304DU KEC-KAC3304DU Datasheet
63Kb / 7P
   Analog CMOS Integrated Circuits
KIC3211 KEC-KIC3211_11 Datasheet
668Kb / 9P
   Analog CMOS Integrated Circuits
KIC6961T KEC-KIC6961T Datasheet
1Mb / 11P
   Analog CMOS Integrated Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com