전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KIC3211TSN25A 데이터시트(PDF) 1 Page - KEC(Korea Electronics)

부품명 KIC3211TSN25A
상세설명  Analog CMOS Integrated Circuits
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEC [KEC(Korea Electronics)]
홈페이지  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIC3211TSN25A 데이터시트(HTML) 1 Page - KEC(Korea Electronics)

  KIC3211TSN25A Datasheet HTML 1Page - KEC(Korea Electronics) KIC3211TSN25A Datasheet HTML 2Page - KEC(Korea Electronics) KIC3211TSN25A Datasheet HTML 3Page - KEC(Korea Electronics) KIC3211TSN25A Datasheet HTML 4Page - KEC(Korea Electronics) KIC3211TSN25A Datasheet HTML 5Page - KEC(Korea Electronics) KIC3211TSN25A Datasheet HTML 6Page - KEC(Korea Electronics) KIC3211TSN25A Datasheet HTML 7Page - KEC(Korea Electronics) KIC3211TSN25A Datasheet HTML 8Page - KEC(Korea Electronics) KIC3211TSN25A Datasheet HTML 9Page - KEC(Korea Electronics) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
2010. 2. 10
1/10
SEMICONDUCTOR
TECHNICAL DATA
Revision No : 0
LOW Noise150mA CMOS High Performance LDO Regulator
The KIC3211series Low Dropout Linear Regulator is ideally suited
for portable applications. It offers 1% initial accuracy,
extremely-low dropout voltage(220mV at 150mA, 3.0V Output Type)
and low ground current (typically 75uA). Designed specifically for handheld
and battery-powered devices, the KIC3211series provides a
TTL-logic-compatible ON/OFF control pin. When disabled,
power consumption drops nearly to zero.
The KIC3211series also works with low-ESR ceramic capacitors,
reducing the amount of board space necessary for power applications,
critical in handheld wireless devices.
The Line transient response and load transient response of the
KIC3211T/SN Series are very excellent, thus ICs are very suitable for
the power supply for hand-held communication equipment.
Applications
・Cellular phones,Smart Phones, PDA
・Battery-powered equipment
・Laptop, notebook and palmtop computers
・Consumer/personal electronics
Features
・Input voltage range
1.7V to 6.0V
・High output accuracy
1.0% accuracy
・Low dropout
220mV@150mA 3.0V, Output type
・Stability with ceramic output capacitors
・High Ripple Rejection
Typ. 70dB(f=1kHz3.0V Output type)
Typ. 60dB(f=10kHz3.0V Output type)
・Low ground Current
Typ.75μ
A
・Quiescent Current
Typ. 0.1μ
A
・Excellent Line regulation
Typ. 0.02%/V
・Built-in Fold Back Protection Circuit
Typ. 50mA@Short mode
・Stability with ceramic output capacitors
Cin=Cout=1.0㎌
・TTL-Logic-compatible ON/OFF control input
DIM MILLIMETERS
A
B
D
E
TSV
2.9 0.2
1.6+0.2/-0.1
0.70 0.05
0.4 0.1
2.8+0.2/-0.3
1.9 0.2
0.95
0.16 0.05
0.00-0.10
0.25+0.25/-0.15
C
F
G
H
I
J
K0.60
L0.55
B
E
H
J
J
2
3
15
4
+
_
+
_
+
_
+
_
+
_
1
VIN
3
ON/OFF Control
2
GND
4
BYP
5
VOUT
DIM
MILLIMETERS
A
A1
B
B1
C
D
H
J
K
1.6 0.1
+
_
1.0 0.05
+
_
+
_
1.2 0.05
1.6 0.05
+
_
0.5
0.22 0.05
+
_
0.6(max)
0.125 0.05
+
_
0.3 0.05
+
_
SON1612-6
BK
B1
16
5
4
2
3
KIC3211 Series
Analog CMOS Integrated Circuits


유사한 부품 번호 - KIC3211TSN25A

제조업체부품명데이터시트상세설명
logo
KEC(Korea Electronics)
KIC3211 KEC-KIC3211 Datasheet
668Kb / 9P
   Analog CMOS Integrated Circuits
KIC3211SN12A KEC-KIC3211SN12A Datasheet
668Kb / 9P
   Analog CMOS Integrated Circuits
KIC3211SN13A KEC-KIC3211SN13A Datasheet
668Kb / 9P
   Analog CMOS Integrated Circuits
KIC3211SN14A KEC-KIC3211SN14A Datasheet
668Kb / 9P
   Analog CMOS Integrated Circuits
KIC3211SN15A KEC-KIC3211SN15A Datasheet
668Kb / 9P
   Analog CMOS Integrated Circuits
More results

유사한 설명 - KIC3211TSN25A

제조업체부품명데이터시트상세설명
logo
KEC(Korea Electronics)
KIC3522F KEC-KIC3522F Datasheet
381Kb / 6P
   Analog CMOS Integrated Circuits
KIC6971F KEC-KIC6971F Datasheet
499Kb / 8P
   Analog CMOS Integrated Circuits
KIC7608 KEC-KIC7608 Datasheet
1Mb / 15P
   Analog CMOS Integrated Circuits
KIC3926S KEC-KIC3926S Datasheet
64Kb / 6P
   Analog CMOS Integrated Circuits
KIC7108 KEC-KIC7108 Datasheet
920Kb / 8P
   Analog CMOS Integrated Circuits
KAC3305DN KEC-KAC3305DN Datasheet
481Kb / 6P
   Analog CMOS Integrated Circuits
KIC7508 KEC-KIC7508 Datasheet
771Kb / 7P
   Analog CMOS Integrated Circuits
KAC3304DU KEC-KAC3304DU Datasheet
63Kb / 7P
   Analog CMOS Integrated Circuits
KIC3211 KEC-KIC3211_11 Datasheet
668Kb / 9P
   Analog CMOS Integrated Circuits
KIC6961T KEC-KIC6961T Datasheet
1Mb / 11P
   Analog CMOS Integrated Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com