전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KMA7D0NP30Q 데이터시트(PDF) 4 Page - KEC(Korea Electronics)

부품명 KMA7D0NP30Q
상세설명  N and P-CH Trench MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEC [KEC(Korea Electronics)]
홈페이지  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KMA7D0NP30Q 데이터시트(HTML) 4 Page - KEC(Korea Electronics)

  KMA7D0NP30Q Datasheet HTML 1Page - KEC(Korea Electronics) KMA7D0NP30Q Datasheet HTML 2Page - KEC(Korea Electronics) KMA7D0NP30Q Datasheet HTML 3Page - KEC(Korea Electronics) KMA7D0NP30Q Datasheet HTML 4Page - KEC(Korea Electronics) KMA7D0NP30Q Datasheet HTML 5Page - KEC(Korea Electronics) KMA7D0NP30Q Datasheet HTML 6Page - KEC(Korea Electronics) KMA7D0NP30Q Datasheet HTML 7Page - KEC(Korea Electronics) KMA7D0NP30Q Datasheet HTML 8Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2005. 10. 25
4/8
KMA7D0NP30Q
Revision No : 3
Gate - Charge Qg (nC)
C - VDS
Drain - Source Voltage VDS (V)
Drain - Source Voltage VDS (V)
Square Wave Pulse Duration (sec)
0
10
6
2
4
8
8
20
4
16
12
0
Qg- VGS
Safe Operation Area
0
200
600
800
1000
1200
1400
400
020
10
30
10-4
1ms
10ms
100ms
1s
DC
Rth
10-3
10-3
10-2
10-1
10-1
100
100
10-2
101
10-2
10-1
100
101
102
10-2
10-1
100
101
102
Mounted on FR4 Board
RthJA : 62.5
/W
C
Duty=0.5
Singl
e P
ulse
0.01
0.02
0.05
0.1
0.2
Ciss
Coss
Crss
R DS(ON)
Limit
Ta= 25 C
Frequency=1MHz
VDS=15V
IDS=7A
300 s
300 s
µ


유사한 부품 번호 - KMA7D0NP30Q

제조업체부품명데이터시트상세설명
logo
Sensortechnics GmbH
KMA-B010GUYLN SENSORTECHNICS-KMA-B010GUYLN Datasheet
59Kb / 3P
   Amplified OEM pressure sensors
logo
KEC(Korea Electronics)
KMA010P20Q KEC-KMA010P20Q Datasheet
750Kb / 5P
   P-Ch Trench MOSFET
logo
Guangdong Kexin Industr...
KMA1117 KEXIN-KMA1117 Datasheet
107Kb / 3P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
NXP Semiconductors
KMA199 NXP-KMA199 Datasheet
595Kb / 36P
   Programmable angle sensor
Rev. 01-26 April 2010
KMA199E NXP-KMA199E Datasheet
166Kb / 31P
   Programmable angle sensor
Rev. 01-18 October 2007
More results

유사한 설명 - KMA7D0NP30Q

제조업체부품명데이터시트상세설명
logo
KEC(Korea Electronics)
KMB7D0NP30QA KEC-KMB7D0NP30QA_15 Datasheet
400Kb / 9P
   N and P-Ch Trench MOSFET
KMB6D0NP40QA KEC-KMB6D0NP40QA Datasheet
867Kb / 8P
   N and P-Ch Trench MOSFET
KML0D6NP20EA KEC-KML0D6NP20EA_15 Datasheet
1Mb / 6P
   N and P-Ch Trench MOSFET
KMB7D0NP30QA KEC-KMB7D0NP30QA_11 Datasheet
1Mb / 9P
   N and P-Ch Trench MOSFET
KML0D6NP20EA KEC-KML0D6NP20EA Datasheet
64Kb / 6P
   N and P-Ch Trench MOSFET
KMB7D0NP30QA KEC-KMB7D0NP30QA Datasheet
497Kb / 9P
   N and P-Ch Trench MOSFET
KMB3D5PS30QA KEC-KMB3D5PS30QA Datasheet
469Kb / 5P
   SBD and P-Ch Trench MOSFET
KMD7D5P40QA KEC-KMD7D5P40QA_15 Datasheet
796Kb / 4P
   P-Ch Trench MOSFET
KMA2D4P20SA KEC-KMA2D4P20SA_15 Datasheet
595Kb / 4P
   P-Ch Trench MOSFET
KMB010P30QA KEC-KMB010P30QA_15 Datasheet
741Kb / 4P
   P-Ch Trench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com