전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KMB6D6N30Q 데이터시트(PDF) 3 Page - KEC(Korea Electronics)

부품명 KMB6D6N30Q
상세설명  N-Ch Trench MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEC [KEC(Korea Electronics)]
홈페이지  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KMB6D6N30Q 데이터시트(HTML) 3 Page - KEC(Korea Electronics)

  KMB6D6N30Q Datasheet HTML 1Page - KEC(Korea Electronics) KMB6D6N30Q Datasheet HTML 2Page - KEC(Korea Electronics) KMB6D6N30Q Datasheet HTML 3Page - KEC(Korea Electronics) KMB6D6N30Q Datasheet HTML 4Page - KEC(Korea Electronics) KMB6D6N30Q Datasheet HTML 5Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2007. 3. 22
3/5
KMB6D6N30Q
Revision No : 1
Gate - Source Voltage VGS (V)
ID - VDS
Drain - Source Voltage VDS (V)
Drain - Source Voltage VDS (V)
0
0
0.5
4
8
12
16
20
1.0
1.5
2.0
2.5
3.0
5
15
0
10
25
20
1.6
3.2
04.8
0.8
2.4
4.0
ID - VGS
IS - VSD
RDS(ON) - Tj
-75
-50
-25
25
50
75
125
100
0
1
10
20
0.2
0.8
1.2
0.6
1.0
0.4
Source - Drain Voltage VSD (V)
VGS = 0V
Vth - Tj
C - VDS
-75
-50
-25
0.6
0.8
0.9
0.7
1.3
1.0
1.1
1.2
0.6
0.8
1.4
1.8
1.0
1.6
1.2
050
100
25
25
125
75
10
15
0
5
20
30
Junction Temperature Tj (
)
C
Junction Temperature Tj (
)
C
0
200
1200
1000
400
600
800
V
GS=4.5V
V
GS=10V
V
GS=5V
V
GS=4V
V
GS=3.5V
V
GS=3V
V
DS = VGS
I
DS = 250µA
V
GS = 10V
I
D= 6A
Coss
Ciss
Crss
25 C
-55 C
125 C


유사한 부품 번호 - KMB6D6N30Q

제조업체부품명데이터시트상세설명
logo
KEC(Korea Electronics)
KMB6D6N30 KEC-KMB6D6N30 Datasheet
371Kb / 1P
   FLP-8 PACKAGE
More results

유사한 설명 - KMB6D6N30Q

제조업체부품명데이터시트상세설명
logo
KEC(Korea Electronics)
KU2307K KEC-KU2307K Datasheet
80Kb / 4P
   N-Ch Trench MOSFET
KU2307Q KEC-KU2307Q Datasheet
59Kb / 4P
   N-Ch Trench MOSFET
KMB012N30QA KEC-KMB012N30QA_15 Datasheet
809Kb / 4P
   N-Ch Trench MOSFET
KMB7D0N40QA KEC-KMB7D0N40QA Datasheet
372Kb / 4P
   N-Ch Trench MOSFET
KMB3D5N40SA KEC-KMB3D5N40SA Datasheet
824Kb / 5P
   N-Ch Trench MOSFET
KMB054N45DA KEC-KMB054N45DA Datasheet
247Kb / 5P
   N-Ch Trench MOSFET
logo
KODENSHI_AUK CORP.
SNN4510D KODENSHI-SNN4510D Datasheet
416Kb / 8P
   N-Ch Trench MOSFET
logo
KEC(Korea Electronics)
KMB2D0N60SA KEC-KMB2D0N60SA Datasheet
471Kb / 5P
   N-Ch Trench MOSFET
KU048N03D KEC-KU048N03D Datasheet
70Kb / 4P
   N-Ch Trench MOSFET
KMB2D0N60SA KEC-KMB2D0N60SA_08 Datasheet
86Kb / 5P
   N-Ch Trench MOSFET
KMB012N30QA KEC-KMB012N30QA Datasheet
78Kb / 4P
   N-Ch Trench MOSFET
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com