전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KMB7D0NP30QA 데이터시트(PDF) 1 Page - KEC(Korea Electronics)

부품명 KMB7D0NP30QA
상세설명  N and P-Ch Trench MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEC [KEC(Korea Electronics)]
홈페이지  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KMB7D0NP30QA 데이터시트(HTML) 1 Page - KEC(Korea Electronics)

  KMB7D0NP30QA Datasheet HTML 1Page - KEC(Korea Electronics) KMB7D0NP30QA Datasheet HTML 2Page - KEC(Korea Electronics) KMB7D0NP30QA Datasheet HTML 3Page - KEC(Korea Electronics) KMB7D0NP30QA Datasheet HTML 4Page - KEC(Korea Electronics) KMB7D0NP30QA Datasheet HTML 5Page - KEC(Korea Electronics) KMB7D0NP30QA Datasheet HTML 6Page - KEC(Korea Electronics) KMB7D0NP30QA Datasheet HTML 7Page - KEC(Korea Electronics) KMB7D0NP30QA Datasheet HTML 8Page - KEC(Korea Electronics) KMB7D0NP30QA Datasheet HTML 9Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/9
SEMICONDUCTOR
TECHNICAL DATA
KMB7D0NP30QA
N and P-Ch Trench MOSFET
Revision No : 3
General Description
Switching regulator and DC-DC Converter applications.
It’s mainly suitable for Back-light Inverter.
FEATURES
・N-Channel
: VDSS=30V, ID=7A.
: RDS(ON)=23.5mΩ(Max.) @ VGS=10V
: RDS(ON)=39mΩ(Max.) @ VGS=4.5V
・P-Channel
: VDSS=-30V, ID=-5A.
: RDS(ON)=45.5mΩ(Max.) @ VGS=-10V
: RDS(ON)=80mΩ(Max.) @ VGS=-4.5V
・Super High Dense Cell Design.
・Reliable and rugged.
MAXIMUM RATING (Ta=25℃)
CHARACTERISTIC
SYMBOL
N-Ch
P-Ch
UNIT
Drain-Source Voltage
VDSS
30
-30
V
Gate-Source Voltage
VGSS
±20
±20
V
Drain Current
DC
ID*
7
-5
A
Pulsed (note1)
IDP
29
-20
Source-Drain Diode Current
IS
1.7
-1.7
A
Drain Power Dissipation
PD*
2
W
Maximum Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55~150
Thermal Resistance, Junction to Ambient
RthJA*
62.5
℃/W
2011. 3. 18
PIN CONNECTION (TOP VIEW)
Note : *Sorface Mounted on FR4 Board


유사한 부품 번호 - KMB7D0NP30QA

제조업체부품명데이터시트상세설명
logo
KEC(Korea Electronics)
KMB7D0NP30QA KEC-KMB7D0NP30QA Datasheet
497Kb / 9P
   N and P-Ch Trench MOSFET
logo
VBsemi Electronics Co.,...
KMB7D0NP30QA VBSEMI-KMB7D0NP30QA Datasheet
1Mb / 14P
   N- and P-Channel 30 V (D-S) MOSFET
logo
KEC(Korea Electronics)
KMB7D0NP30QA KEC-KMB7D0NP30QA_15 Datasheet
400Kb / 9P
   N and P-Ch Trench MOSFET
More results

유사한 설명 - KMB7D0NP30QA

제조업체부품명데이터시트상세설명
logo
KEC(Korea Electronics)
KMA7D0NP30Q KEC-KMA7D0NP30Q Datasheet
92Kb / 8P
   N and P-CH Trench MOSFET
KMB7D0NP30QA KEC-KMB7D0NP30QA_15 Datasheet
400Kb / 9P
   N and P-Ch Trench MOSFET
KMB6D0NP40QA KEC-KMB6D0NP40QA Datasheet
867Kb / 8P
   N and P-Ch Trench MOSFET
KML0D6NP20EA KEC-KML0D6NP20EA_15 Datasheet
1Mb / 6P
   N and P-Ch Trench MOSFET
KML0D6NP20EA KEC-KML0D6NP20EA Datasheet
64Kb / 6P
   N and P-Ch Trench MOSFET
KMB7D0NP30QA KEC-KMB7D0NP30QA Datasheet
497Kb / 9P
   N and P-Ch Trench MOSFET
KMB3D5PS30QA KEC-KMB3D5PS30QA Datasheet
469Kb / 5P
   SBD and P-Ch Trench MOSFET
KMD7D5P40QA KEC-KMD7D5P40QA_15 Datasheet
796Kb / 4P
   P-Ch Trench MOSFET
KMA2D4P20SA KEC-KMA2D4P20SA_15 Datasheet
595Kb / 4P
   P-Ch Trench MOSFET
KMB010P30QA KEC-KMB010P30QA_15 Datasheet
741Kb / 4P
   P-Ch Trench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com