전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FMC12N50E 데이터시트(PDF) 4 Page - Fuji Electric

부품명 FMC12N50E
상세설명  N-CHANNEL SILICON POWER MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FUJI [Fuji Electric]
홈페이지  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

FMC12N50E 데이터시트(HTML) 4 Page - Fuji Electric

  FMC12N50E Datasheet HTML 1Page - Fuji Electric FMC12N50E Datasheet HTML 2Page - Fuji Electric FMC12N50E Datasheet HTML 3Page - Fuji Electric FMC12N50E Datasheet HTML 4Page - Fuji Electric FMC12N50E Datasheet HTML 5Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
FMC12N50E
4
FUJI POWER MOSFET
0
25
50
75
100
125
150
0
100
200
300
400
500
IAS=5A
IAS=8A
IAS=12A
starting Tch [°C]
Maximum Avalanche Energy vs. starting Tch
E(AV)=f(starting Tch):Vcc=50V,I(AV)<=12A
10-6
10-5
10-4
10-3
10-2
10-1
100
10-3
10-2
10-1
100
101
Transient Thermal Impedance
Zth(ch-c)=f(t):D=0
t [sec]


유사한 부품 번호 - FMC12N50E

제조업체부품명데이터시트상세설명
logo
Inchange Semiconductor ...
FMC12N50E ISC-FMC12N50E Datasheet
332Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fuji Electric
FMC12N50ES FUJI-FMC12N50ES Datasheet
570Kb / 5P
   N-CHANNEL SILICON POWER MOSFET
logo
Inchange Semiconductor ...
FMC12N50ES ISC-FMC12N50ES Datasheet
333Kb / 2P
   isc N-Channel MOSFET Transistor
More results

유사한 설명 - FMC12N50E

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
2SK3597-01 SANYO-2SK3597-01 Datasheet
110Kb / 4P
   POWER MOSFET N-CHANNEL SILICON POWER MOSFET
2SK3685-01 SANYO-2SK3685-01 Datasheet
109Kb / 4P
   POWER MOSFET N-CHANNEL SILICON POWER MOSFET
logo
Fuji Electric
2SK1553-01MR FUJI-2SK1553-01MR Datasheet
70Kb / 2P
   N-CHANNEL SILICON POWER MOSFET
2SK1008-01 FUJI-2SK1008-01 Datasheet
130Kb / 4P
   N-CHANNEL SILICON POWER MOSFET
2SK1014-01 FUJI-2SK1014-01 Datasheet
134Kb / 4P
   N-CHANNEL SILICON POWER MOSFET
2SK1019 FUJI-2SK1019 Datasheet
137Kb / 4P
   N-CHANNEL SILICON POWER MOSFET?
2SK1020 FUJI-2SK1020 Datasheet
137Kb / 4P
   N-CHANNEL SILICON POWER MOSFET?
2SK949-MR FUJI-2SK949-MR Datasheet
132Kb / 4P
   N-CHANNEL SILICON POWER MOSFET
logo
Panasonic Semiconductor
2SK3268 PANASONIC-2SK3268 Datasheet
71Kb / 2P
   Silicon N-channel power MOSFET
logo
Fuji Electric
2SK3526-01L FUJI-2SK3526-01L Datasheet
255Kb / 4P
   N-CHANNEL SILICON POWER MOSFET
2SK3581-01L FUJI-2SK3581-01L Datasheet
254Kb / 4P
   N-CHANNEL SILICON POWER MOSFET
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com