전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KRA301V 데이터시트(PDF) 4 Page - KEC(Korea Electronics)

부품명 KRA301V
상세설명  EPITAXIAL PLANAR PNP TRANSISTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEC [KEC(Korea Electronics)]
홈페이지  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KRA301V 데이터시트(HTML) 4 Page - KEC(Korea Electronics)

  KRA301V_03 Datasheet HTML 1Page - KEC(Korea Electronics) KRA301V_03 Datasheet HTML 2Page - KEC(Korea Electronics) KRA301V_03 Datasheet HTML 3Page - KEC(Korea Electronics) KRA301V_03 Datasheet HTML 4Page - KEC(Korea Electronics) KRA301V_03 Datasheet HTML 5Page - KEC(Korea Electronics) KRA301V_03 Datasheet HTML 6Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2003. 12. 23
4/6
KRA301V~KRA306V
Revision No : 1
I
- V
I(ON)
INPUT ON VOLTAGE V
(V)
-0.1
-0.3
-1
-3
-0.3
O
I(ON)
-10
-30
-100
-0.5
-1
-3
-5
-10
-30
-50
-100
KRA301V
INPUT ON VOLTAGE V
(V)
-0.1
-0.5
-0.3
-1
-10
-3
-5
-0.3
-100
-50
-30
KRA303V
-30
-1
-3
-10
I(ON)
-100
I
- V
O
I(ON)
INPUT ON VOLTAGE V
(V)
-0.1
-0.3
-0.5
-1
-0.3
-30
-1
-3
I(ON)
-10
-100
-10
-5
-3
-30
-100
-50
KRA305V
I
- V
O
I(ON)
INPUT ON VOLTAGE V
(V)
INPUT ON VOLTAGE V
(V)
-0.5
-0.1
-0.3
-0.3
-1
-3
-5
-100
-30
-10
-50
KRA306V
-0.1
-0.3
-0.5
-1
-0.3
-30
-1
-3
-10
I(ON)
-100
-30
I(ON)
I
- V
O
-1
-3
I(ON)
-10
-100
INPUT ON VOLTAGE V
(V)
-10
-5
-3
-30
-100
-50
KRA304V
-0.1
-0.5
-0.3
-1
-10
-3
-5
-0.3
-100
-50
-30
KRA302V
-30
I
- V
O
I(ON)
-1
-3
-10
I(ON)
-100
I
- V
O
I(ON)
V =-0.2V
O
Ta=25 C
Ta=-25 C
-25
25
100
Ta=-25 C
Ta=25 C
100
25
-25
Ta=25 C
Ta=-25 C
V =-0.2V
O
V =-0.2V
O
V =-0.2V
O
Ta=25 C
Ta=-25 C
Ta=-25 C
Ta=25 C
V =-0.2V
O
V =-0.2V
O
Ta=25 C
Ta=-25 C


유사한 부품 번호 - KRA301V_03

제조업체부품명데이터시트상세설명
logo
KEC(Korea Electronics)
KRA301V KEC-KRA301V_02 Datasheet
364Kb / 1P
   VSM PACKAGE
More results

유사한 설명 - KRA301V_03

제조업체부품명데이터시트상세설명
logo
Hi-Sincerity Mocroelect...
HI350 HSMC-HI350 Datasheet
25Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HI42C HSMC-HI42C Datasheet
32Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ2584 HSMC-HJ2584 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ350 HSMC-HJ350 Datasheet
23Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ649A HSMC-HJ649A Datasheet
27Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM1426 HSMC-HM1426 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM2907A HSMC-HM2907A Datasheet
31Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM3906 HSMC-HM3906 Datasheet
31Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM64 HSMC-HM64 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM772 HSMC-HM772 Datasheet
46Kb / 5P
   PNP EPITAXIAL PLANAR TRANSISTOR
HA8550 HSMC-HA8550 Datasheet
36Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com