전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

D-60 데이터시트(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

부품명 D-60
상세설명  60W Dual Output Switching Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MEANWELL [Mean Well Enterprises Co., Ltd.]
홈페이지  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

D-60 데이터시트(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  D-60_10 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. D-60_10 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SPECIFICATION
MODEL
DCVOLTAGE
RATEDCURRENT
CURRENTRANGE
RATEDPOWER
OUTPUT
VOLTAGE ADJ.RANGE
LINEREGULATION
LOADREGULATION
SETUP,RISETIME
HOLDUP TIME (Typ.)
VOLTAGERANGE
FREQUENCY RANGE
EFFICIENCY(Typ.)
ACCURRENT (Typ.)
INPUT
INRUSHCURRENT (Typ.)
LEAKAGECURRENT
SAFETY STANDARDS
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERLOAD
12V
CH2
5V
CH1
24V
CH2
3A
3A
1.8A
0.2~4A
0.3~6A
0.2~2.2A
58W
150mVp-p
75mVp-p
150mVp-p
6.0%
2.0%
5.0%
1.0%
0.5%
0.5%
4.0%
0.5%
4.0%
300ms,50ms/230VAC
800ms,50ms/115VACatfullload
80ms/230VAC
10ms/115VACatfullload
85~264VAC120~370VDC
47~63Hz
73%
76%
2A/115VAC1A/230VAC
COLDSTART 20A/115VAC40A/230VAC
<3.5mA /240VAC
105~150% ratedoutputpower
5V:5.75~6.75V
Protectiontype:Hiccupmode,recoversautomaticallyafterfaultconditionisremoved.
Protectiontype:Hiccupmode,recoversautomaticallyafterfaultconditionisremoved.
UL1012,UL60950-1, TUVEN60950-1approved
CompliancetoEN55022(CISPR22)ClassB
-10~+60
(Refertooutputloadderatingcurve)
20~90%RH non-condensing
-20~+85
,10~95%RH
0.03%/
(0~50
)on+5Voutput
10~500Hz,2G10min./1cycle,periodfor 60min.eachalongX, Y,Zaxes
301.2Khrsmin.MIL-HDBK-217F(25
)
159*97*38mm(L*W*H)
FileName:D-60-SPEC2010-10-18
5V
4A
0.3~6A
56W
75mVp-p
2.0%
0.5%
0.5%
D-60A
D-60B
0.54Kg;24pcs/13.8Kg/0.75CUFT
OVERVOLTAGE
HARMONICCURRENT
EMSIMMUNITY
Complianceto EN61000-3-2,-3
CompliancetoEN61000-4-2,3,4,5,6,8,11;ENV50204,EN55024,lightindustrylevel,criteria A
CH1:4.75~5.5V
CH1:4.75~5.5V
60WDualOutputSwitchingPowerSupply
Universal AC input/Full range
Protections: Short circuit / Overload / Over voltage
Cooling by free air convection
LED indicator for power on
Fixed switching frequency at 54KHz
2 years warranty
Features :
D - 6 0 series
RIPPLE&NOISE(max.) Note.2
VOLTAGETOLERANCE Note.3
ENVIRONMENT
PROTECTION
SAFETY &
EMC
(Note4)
EMICONDUCTION&RADIATION
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
I/P-O/P:3KVACI/P-FG:1.5KVACO/P-FG:0.5KVAC
I/P-O/P,I/P-FG,O/P-FG:100MOhms/500VDC/25
/70%RH
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets
EMC directives. For guidance on how to perform these EMC tests, please refer to “EMI testing of component power supplies.”
(as available on http://www.meanwell.com)
CH1
OUTPUTNUMBER


유사한 부품 번호 - D-60_10

제조업체부품명데이터시트상세설명
logo
TE Connectivity Ltd
D-6021 TEC-D-6021 Datasheet
95Kb / 14P
   Multiplex DataBus Box Couplers and Terminators Connectorized with D-6025 Connector Interface
More results

유사한 설명 - D-60_10

제조업체부품명데이터시트상세설명
logo
Mean Well Enterprises C...
D-60 MEANWELL-D-60 Datasheet
385Kb / 2P
   60W Dual Output Switching Power Supply
logo
RSG Electronic Componen...
D-60A RSG-D-60A Datasheet
159Kb / 2P
   60W Dual Output Switching Power Supply
logo
XP Power Limited
D-60A XPPOWER-D-60A Datasheet
258Kb / 4P
   60W Dual Output Switching Power Supply
logo
Mean Well Enterprises C...
ID-60B MEANWELL-ID-60B_10 Datasheet
393Kb / 2P
   60W Isolated Dual Output Switching Power Supply
ID-60B MEANWELL-ID-60B Datasheet
386Kb / 2P
   60W Isolated Dual Output Switching Power Supply
NPF-60D MEANWELL-NPF-60D Datasheet
147Kb / 6P
   60W Single Output Switching Power Supply
Q-60 MEANWELL-Q-60 Datasheet
411Kb / 2P
   60W Quad Output Switching Power Supply
CLG-60 MEANWELL-CLG-60 Datasheet
212Kb / 2P
   60W Single Output Switching Power Supply
logo
RSG Electronic Componen...
S-60 RSG-S-60 Datasheet
166Kb / 2P
   60W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
S-60 MEANWELL-S-60_10 Datasheet
415Kb / 2P
   60W Single Output Switching Power Supply
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com