전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KTA1517 데이터시트(PDF) 1 Page - KEC(Korea Electronics)

부품명 KTA1517
상세설명  EPITAXIAL PLANAR PNP TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEC [KEC(Korea Electronics)]
홈페이지  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTA1517 데이터시트(HTML) 1 Page - KEC(Korea Electronics)

  KTA1517_06 Datasheet HTML 1Page - KEC(Korea Electronics) KTA1517_06 Datasheet HTML 2Page - KEC(Korea Electronics) KTA1517_06 Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2006. 2. 16
1/3
SEMICONDUCTOR
TECHNICAL DATA
KTA1517
EPITAXIAL PLANAR PNP TRANSISTOR
Revision No : 0
LOW NOISE AMPLIFIER APPLICATION.
FEATURES
High Voltage : VCEO=-120V.
Excellent hFE Linearity
: hFE(0.1mA)/hFE(2mA)=0.95(Typ.).
High hFE: hFE=200 700.
Low Noise : NF=1dB(Typ.), 10dB(Max.).
Complementary to KTC3911S.
MAXIMUM RATING (Ta=25
)
DIM
MILLIMETERS
1. EMITTER
2. BASE
3. COLLECTOR
SOT-23
A
B
C
D
E
2.93 0.20
1.30+0.20/-0.15
0.45+0.15/-0.05
2.40+0.30/-0.20
G
1.90
H
J
K
L
M
N
0.95
0.13+0.10/-0.05
0.00 ~ 0.10
0.55
0.20 MIN
1.00+0.20/-0.10
M
E
1
2
3
B
1.30 MAX
LL
PP
P7
+
_
ELECTRICAL CHARACTERISTICS (Ta=25
)
Note : hFE Classification GR(G):200 400 BL(L):350 700
h
Rank
Type Name
Marking
Lot No.
AC
FE
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Collector Cut-off Current
ICBO
VCB=-120V, IE=0
-
-
-0.1
A
Emitter Cut-off Current
IEBO
VEB=-5V, IC=0
-
-
-0.1
A
DC Current Gain
hFE (Note)
VCE=-6V, IC=-2mA
200
-
700
Collector-Emitter Saturation Voltage
VCE(sat)
IC=-10mA, IB=-1mA
-
-
-0.3
V
Transition Frequency
fT
VCE=-6V, IC=-1mA
-
100
-
MHz
Collector Output Capacitance
Cob
VCB=-10V, IE=0, f=1MHz
-
4.0
-
pF
Noise Figure
NF
VCE=-6V, IC=-0.1mA
f=1kHz, Rg=10k
-
1.0
10
dB
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector-Base Voltage
VCBO
-120
V
Collector-Emitter Voltage
VCEO
-120
V
Emitter-Base Voltage
VEBO
-5
V
Collector Current
IC
-100
mA
Base Current
IB
-20
mA
Collector Power Dissipation
PC
150
mW
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55
150


유사한 부품 번호 - KTA1517_06

제조업체부품명데이터시트상세설명
logo
KEC(Korea Electronics)
KTA1517 KEC-KTA1517_15 Datasheet
775Kb / 3P
   EPITAXIAL PLANAR PNP TRANSISTOR
More results

유사한 설명 - KTA1517_06

제조업체부품명데이터시트상세설명
logo
Hi-Sincerity Mocroelect...
HI350 HSMC-HI350 Datasheet
25Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HI42C HSMC-HI42C Datasheet
32Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ2584 HSMC-HJ2584 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ350 HSMC-HJ350 Datasheet
23Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ649A HSMC-HJ649A Datasheet
27Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM1426 HSMC-HM1426 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM2907A HSMC-HM2907A Datasheet
31Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM3906 HSMC-HM3906 Datasheet
31Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM64 HSMC-HM64 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM772 HSMC-HM772 Datasheet
46Kb / 5P
   PNP EPITAXIAL PLANAR TRANSISTOR
HA8550 HSMC-HA8550 Datasheet
36Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com