전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS982C4R 데이터시트(PDF) 4 Page - Fuji Electric

부품명 TS982C4R
상세설명  Low-Loss Fast Recovery Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FUJI [Fuji Electric]
홈페이지  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

TS982C4R 데이터시트(HTML) 4 Page - Fuji Electric

  TS982C4R Datasheet HTML 1Page - Fuji Electric TS982C4R Datasheet HTML 2Page - Fuji Electric TS982C4R Datasheet HTML 3Page - Fuji Electric TS982C4R Datasheet HTML 4Page - Fuji Electric TS982C4R Datasheet HTML 5Page - Fuji Electric TS982C4R Datasheet HTML 6Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
TS982C4R
5
http://www.fujisemi.com
FUJI Diode
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
110
120
130
140
150
160
Square wave λ=60°
Square wave λ=120°
λ
:Conduction angle of forward current for each rectifier element
Io:Output current of center-tap full wave connection
Square wave λ=180°
Sine wave λ=180°
DC
Current Derating (Io-Tc)(max.)
Io Average Output Current (A)
0
0
0
1
0
0
1
0
1
1
1
10
100
1000
Junction Capacitance Characteristic (typ.)
VR Reverse Voltage (V)
0
0
1
0
1
1
1
10
100
1000
Surge Capability(max.)
Number of Cycles at 50Hz


유사한 부품 번호 - TS982C4R

제조업체부품명데이터시트상세설명
logo
Fuji Electric
TS982C3R FUJI-TS982C3R Datasheet
563Kb / 6P
   Low-Loss Fast Recovery Diode
TS982C6R FUJI-TS982C6R Datasheet
393Kb / 12P
   SILICON DIODE
TS982C6R FUJI-TS982C6R Datasheet
635Kb / 6P
   Low-Loss Fast Recovery Diode
TS982C6R FUJI-TS982C6R_10 Datasheet
635Kb / 6P
   Low-Loss Fast Recovery Diode
More results

유사한 설명 - TS982C4R

제조업체부품명데이터시트상세설명
logo
Fuji Electric
PH975C6 FUJI-PH975C6_10 Datasheet
531Kb / 6P
   Low-Loss Fast Recovery Diode
TS985C4R FUJI-TS985C4R Datasheet
561Kb / 6P
   Low-Loss Fast Recovery Diode
YG912S6RR FUJI-YG912S6RR Datasheet
662Kb / 6P
   Low-Loss Fast Recovery Diode
YG982C6R FUJI-YG982C6R Datasheet
699Kb / 6P
   Low-Loss Fast Recovery Diode
TS985C6R FUJI-TS985C6R_10 Datasheet
642Kb / 6P
   Low-Loss Fast Recovery Diode
YA982S6R FUJI-YA982S6R_10 Datasheet
711Kb / 6P
   Low-Loss Fast Recovery Diode
PG985C3R FUJI-PG985C3R Datasheet
525Kb / 6P
   Low-Loss Fast Recovery Diode
YG971S8R FUJI-YG971S8R Datasheet
853Kb / 6P
   Low-Loss Fast Recovery Diode
YG982C3R FUJI-YG982C3R Datasheet
666Kb / 6P
   Low-Loss Fast Recovery Diode
TS906C3R FUJI-TS906C3R Datasheet
559Kb / 6P
   Low-Loss Fast Recovery Diode
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com