전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KTX598TF 데이터시트(PDF) 1 Page - KEC(Korea Electronics)

부품명 KTX598TF
상세설명  N CHANNEL JUNCTION FIELD EFFECT TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEC [KEC(Korea Electronics)]
홈페이지  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTX598TF 데이터시트(HTML) 1 Page - KEC(Korea Electronics)

  KTX598TF Datasheet HTML 1Page - KEC(Korea Electronics) KTX598TF Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2008. 10. 21
1/2
SEMICONDUCTOR
TECHNICAL DATA
KTX598TF
N CHANNEL JUNCTION FIELD
EFFECT TRANSISTOR
Revision No : 1
CONDENSER MICROPHONE APPLICATION.
FEATURES
Expecially Suited for Use in Audio, Telephone.
Capacitor Microphones.
Excellent Voltage Characteristics.
Excellent Transient Characteristics.
ESD Protection to IEC61000-4-2 Level 4.
EMI/RFI fitering.
MAXIMUM RATING (Ta=25
)
1. GND 1
2. INPUT(GATE)
3. GND 2
4. OUTPUT(DRAIN)
DIM MILLIMETERS
A
B
B1
A1
B1
C
TFSQ
1.0 0.05
0.7 0.05
1.0 0.05
0.8 0.05
0.35
0.15 0.05
0.38+0.02/-0.04
B
D
H
T0.1 0.05
+_
+_
+_
+_
+_
+_
1
2
4
3
CHARACTERISTIC
SYMBOL
RATING
UNIT
Supply Voltage
VSUPPLY
5
V
Supply Current
ISUPPLY
1
mA
Power Dissipation
PD
100
mW
Junction Temperature
Tj
150
Storage Temperature
Tstg
-55
150
15pF
GND2
GND1
33pF
Output
Input
200
EQUIVALENT CIRCUIT
TENTATIVE
B 1
Type Name
12
3
4
Marking


유사한 부품 번호 - KTX598TF

제조업체부품명데이터시트상세설명
logo
KEC(Korea Electronics)
KTX511T KEC-KTX511T Datasheet
110Kb / 5P
   EPITAXIAL PLANAR PNP TRANSISTOR SCHOTTKY BARRIER TYPE DIODE
KTX512T KEC-KTX512T Datasheet
108Kb / 5P
   EPITAXIAL PLANAR PNP TRANSISTOR SCHOTTKY BARRIER TYPE DIODE
More results

유사한 설명 - KTX598TF

제조업체부품명데이터시트상세설명
logo
New Jersey Semi-Conduct...
2N4860 NJSEMI-2N4860 Datasheet
161Kb / 2P
   N-CHANNEL JUNCTION FIELD-EFFECT TRANSISTOR
logo
Micro Electronics
2N3823 MICRO-ELECTRONICS-2N3823 Datasheet
237Kb / 2P
   N-CHANNEL JUNCTION FIELD EFFECT TRANSISTOR
logo
Unisonic Technologies
TF215 UTC-TF215_15 Datasheet
160Kb / 3P
   N-CHANNEL JUNCTION FIELD EFFECT TRANSISTOR
9N90-Q UTC-9N90-Q Datasheet
246Kb / 6P
   N-CHANNEL JUNCTION FIELD EFFECT TRANSISTOR
UT2302 UTC-UT2302_15 Datasheet
294Kb / 5P
   N-CHANNEL JUNCTION FIELD EFFECT TRANSISTOR
UT2308 UTC-UT2308_15 Datasheet
158Kb / 3P
   N-CHANNEL JUNCTION FIELD EFFECT TRANSISTOR
UTD351 UTC-UTD351_15 Datasheet
334Kb / 5P
   N-CHANNEL JUNCTION FIELD EFFECT TRANSISTOR
UF520 UTC-UF520_15 Datasheet
197Kb / 6P
   N-CHANNEL JUNCTION FIELD EFFECT TRANSISTOR
UTT10N10 UTC-UTT10N10_15 Datasheet
158Kb / 3P
   N-CHANNEL JUNCTION FIELD EFFECT TRANSISTOR
UT4404 UTC-UT4404_15 Datasheet
251Kb / 4P
   N-CHANNEL JUNCTION FIELD EFFECT TRANSISTOR
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com