전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC03-6TB 데이터시트(PDF) 9 Page - Semtech Corporation

부품명 LC03-6TB
상세설명  Low Capacitance Surface Mount TVS for High-Speed Data Interfaces
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SEMTECH [Semtech Corporation]
홈페이지  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LC03-6TB 데이터시트(HTML) 9 Page - Semtech Corporation

  LC03-6TB Datasheet HTML 1Page - Semtech Corporation LC03-6TB Datasheet HTML 2Page - Semtech Corporation LC03-6TB Datasheet HTML 3Page - Semtech Corporation LC03-6TB Datasheet HTML 4Page - Semtech Corporation LC03-6TB Datasheet HTML 5Page - Semtech Corporation LC03-6TB Datasheet HTML 6Page - Semtech Corporation LC03-6TB Datasheet HTML 7Page - Semtech Corporation LC03-6TB Datasheet HTML 8Page - Semtech Corporation LC03-6TB Datasheet HTML 9Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
9
ã 2000 Semtech Corp.
www.semtech.com
PROTECTION PRODUCTS
LC03-6
Contact Information
Semtech Corporation
Protection Products Division
652 Mitchell Rd., Newbury Park, CA 91320
Phone: (805)498-2111 FAX (805)498-3804
t
r
a
P
r
e
b
m
u
N
g
n
i
k
r
o
W
e
g
a
tl
o
V
r
e
p
y
t
Q
l
e
e
R
e
z
i
S
l
e
e
R
B
T
.
6
-
3
0
C
LV
60
0
5h
c
n
I
7
E
T
.
6
-
3
0
C
LV
60
0
5
2h
c
n
I
3
1
Note:
(1) No suffix indicates tube pack.
Ordering Information


유사한 부품 번호 - LC03-6TB

제조업체부품명데이터시트상세설명
logo
Semtech Corporation
LC03-6TB SEMTECH-LC03-6TB Datasheet
288Kb / 11P
   Low Capacitance TVS for High-Speed Data Interfaces
LC03-6TBT SEMTECH-LC03-6TBT Datasheet
288Kb / 11P
   Low Capacitance TVS for High-Speed Data Interfaces
More results

유사한 설명 - LC03-6TB

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
SRDA3.3-4 ONSEMI-SRDA3.3-4 Datasheet
149Kb / 7P
   Low Capacitance Surface Mount TVS for High-Speed Data Interfaces
November, 2009 ??Rev. 0
NUP4106 ONSEMI-NUP4106 Datasheet
144Kb / 7P
   Low Capacitance Surface Mount TVS for High-Speed Data Interfaces
February, 2009 ??Rev. 0
LC03-6R2 ONSEMI-LC03-6R2 Datasheet
54Kb / 6P
   Low Capacitance Surface Mount TVS for High-Speed Data Interfaces
January, 2004 ??Rev. 3
NUP4201DR2 ONSEMI-NUP4201DR2 Datasheet
72Kb / 8P
   Low Capacitance Surface Mount TVS for High-Speed Data Interfaces
March, 2004 ??Rev. 3
NUP4201DR2 ONSEMI-NUP4201DR2_08 Datasheet
117Kb / 8P
   Low Capacitance Surface Mount TVS for High-Speed Data Interfaces
August, 2008 ??Rev. 6
LC03-6R2G ONSEMI-LC03-6R2G Datasheet
85Kb / 5P
   Low Capacitance Surface Mount TVS for High-Speed Data Interfaces
June, 2007 - Rev. 4
logo
Semtech Corporation
LC03-6 SEMTECH-LC03-6_08 Datasheet
285Kb / 11P
   Low Capacitance TVS for High-Speed Data Interfaces
LC03-6 SEMTECH-LC03-6_13 Datasheet
288Kb / 11P
   Low Capacitance TVS for High-Speed Data Interfaces
logo
ON Semiconductor
SRDA05-4R2 ONSEMI-SRDA05-4R2 Datasheet
87Kb / 8P
   Low Capacitance Surface Mount TVS for High?뭆peed Data Interfaces
January, 2006 ??Rev. 4
logo
Shanghai Leiditech Elec...
LC24DT3 LEIDITECH-LC24DT3 Datasheet
132Kb / 3P
   LOW CAPACITANCE TVS DIODE FOR HIGH SPEED DATA INTERFACES
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com