전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DAC3484IRKDT 데이터시트(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
부품명 DAC3484IRKDT
상세설명  Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

DAC3484IRKDT 데이터시트(HTML) 9 Page - Texas Instruments

Back Button DAC3484IRKDT Datasheet HTML 5Page - Texas Instruments DAC3484IRKDT Datasheet HTML 6Page - Texas Instruments DAC3484IRKDT Datasheet HTML 7Page - Texas Instruments DAC3484IRKDT Datasheet HTML 8Page - Texas Instruments DAC3484IRKDT Datasheet HTML 9Page - Texas Instruments DAC3484IRKDT Datasheet HTML 10Page - Texas Instruments DAC3484IRKDT Datasheet HTML 11Page - Texas Instruments DAC3484IRKDT Datasheet HTML 12Page - Texas Instruments DAC3484IRKDT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 82 page
background image
DAC3484
www.ti.com
SLAS749A
– MARCH 2011 – REVISED JULY 2011
ELECTRICAL CHARACTERISTICS
– DIGITAL SPECIFICATIONS
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
LVDS INPUTS: D[15:0]P/N, DATACLKP/N, FRAMEP/N, SYNCP/N, PARITYP/N(1)
Logic high differential input
VA,B+
200
mV
voltage threshold
Logic low differential input
VA,B–
–200
mV
voltage threshold
VCOM
Input Common Mode
1.0
1.2
V
ZT
Internal termination
85
110
135
Ω
CL
LVDS Input capacitance
2
pF
Interleaved LVDS data
fINTERL
1250
MSPS
transfer rate
fDATA
Input data rate
312.5
MSPS
CLOCK INPUT (DACCLKP/N)
Duty cycle
40%
60%
Differential voltage(2)
0.4
1.0
V
DACCLKP/N Input
1250
MHz
Frequency
OUTPUT STROBE (OSTRP/N)
fDACCLK
fOSTR = fDACCLK / (n x 8 x Interp) where n is any positive integer,
/
fOSTR
Frequency
MHz
fDACCLK is DACCLK frequency in MHz
(8 x
interp)
Duty cycle
50%
Differential voltage
0.4
1.0
V
CMOS INTERFACE: ALARM, SDO, SDIO, SCLK, SDENB, SLEEP, RESETB, TXENABLE
VIH
High-level input voltage
2
V
VIL
Low-level input voltage
0.8
V
IIH
High-level input current
-40
40
µA
IIL
Low-level input current
-40
40
µA
CI
CMOS Input capacitance
2
pF
IOVDD
Iload = –100 μA
V
0.2
VOH
ALARM, SDO, SDIO
Iload = –2 mA
0.8 x IOVDD
V
Iload = 100 μA
0.2
V
VOL
ALARM, SDO, SDIO
Iload = 2 mA
0.5
V
(1)
See LVDS INPUTS section for terminology.
(2)
Driving the clock input with a differential voltage lower than 1 V may result in degraded performance.
Copyright
© 2011, Texas Instruments Incorporated
9


유사한 부품 번호 - DAC3484IRKDT

제조업체부품명데이터시트상세설명
logo
Texas Instruments
DAC3484IRKDT TI1-DAC3484IRKDT Datasheet
2Mb / 107P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter
More results

유사한 설명 - DAC3484IRKDT

제조업체부품명데이터시트상세설명
logo
Texas Instruments
DAC34H84_1109 TI1-DAC34H84_1109 Datasheet
1Mb / 80P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34H84 TI1-DAC34H84 Datasheet
1Mb / 80P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
JUNE2011
DAC34H84 TI1-DAC34H84_14 Datasheet
1Mb / 81P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3484 TI1-DAC3484_14 Datasheet
1Mb / 90P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34H84 TI1-DAC34H84_15 Datasheet
1Mb / 96P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3484 TI-DAC3484_15 Datasheet
2Mb / 107P
[Old version datasheet]   DAC3484 Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34H84 TI-DAC34H84_15 Datasheet
1Mb / 96P
[Old version datasheet]   DAC34H84 Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3484 TI1-DAC3484_15 Datasheet
2Mb / 107P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter
DAC3482IRKD25 TI1-DAC3482IRKD25 Datasheet
1Mb / 87P
[Old version datasheet]   Dual-Channel, 16-BIT, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3482 TI1-DAC3482_15 Datasheet
2Mb / 106P
[Old version datasheet]   Dual-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com