전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DAC3484IRKDR 데이터시트(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
부품명 DAC3484IRKDR
상세설명  Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

DAC3484IRKDR 데이터시트(HTML) 1 Page - Texas Instruments

  DAC3484IRKDR Datasheet HTML 1Page - Texas Instruments DAC3484IRKDR Datasheet HTML 2Page - Texas Instruments DAC3484IRKDR Datasheet HTML 3Page - Texas Instruments DAC3484IRKDR Datasheet HTML 4Page - Texas Instruments DAC3484IRKDR Datasheet HTML 5Page - Texas Instruments DAC3484IRKDR Datasheet HTML 6Page - Texas Instruments DAC3484IRKDR Datasheet HTML 7Page - Texas Instruments DAC3484IRKDR Datasheet HTML 8Page - Texas Instruments DAC3484IRKDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 82 page
background image
DAC3484
www.ti.com
SLAS749A
– MARCH 2011 – REVISED JULY 2011
Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
Check for Samples: DAC3484
1
FEATURES
DESCRIPTION
The DAC3484 is a very low power, high dynamic
Very Low Power: 1.27 W at 1.25 GSPS, Full
range,
quad-channel,
16-bit
digital-to-analog
Operating Conditions
converter (DAC) with a sample rate as high as 1.25
Multi-DAC Synchronization
GSPS.
Selectable 2x, 4x, 8x, 16x Interpolation Filter
The device includes features that simplify the design
– Stop-Band Attenuation > 90 dBc
of complex transmit architectures: 2x to 16x digital
interpolation filters with over 90 dB of stop-band
Flexible On-chip Complex Mixing
attenuation
simplify
the
data
interface
and
– Two Independent Fine Mixers with 32-bit
reconstruction filters. Independent complex mixers
NCOs
allow flexible carrier placement. A high-performance
– Power Saving Coarse Mixers: ± n×Fs/8
low jitter clock multiplier simplifies clocking of the
device without significant impact on the dynamic
High Performance, Low Jitter Clock
range. The digital Quadrature Modulator Correction
Multiplying PLL
(QMC) enables complete IQ compensation for gain,
Digital I and Q Correction
offset, phase and group delay between channels in
– Gain, Phase, Offset, and Group Delay
direct up-conversion applications.
Correction
Digital data is input to the device through a 16-bit
Digital Inverse Sinc Filter
LVDS data bus with on-chip termination. The device
Flexible 16-Bit LVDS Input Data Bus
includes a FIFO, data pattern checker and parity test
to ease the input interface. The interface also allows
– 8 Sample Input FIFO
full synchronization of multiple devices.
– Data Pattern Checker
The device is characterized for operation over the
– Parity Check
entire industrial temperature range of
–40°C to 85°C
– GC5330 Compatible
and is available in a very-small 88-pin 9x9mm WQFN
Temperature Sensor
package.
Differential Scalable Output: 10mA to 30mA
The DAC3484 very low power, small size, superior
Space Saving Package: 88-pin 9x9mm WQFN
crosstalk, high dynamic range and features are an
ideal fit for systems with multiple transmit channels.
(GREEN / Pb-Free)
APPLICATIONS
Cellular Base Stations
Diversity Transmit
Wideband Communications
spacing
spacing
spacing
spacing
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


유사한 부품 번호 - DAC3484IRKDR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
DAC3484IRKDR TI1-DAC3484IRKDR Datasheet
2Mb / 107P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter
More results

유사한 설명 - DAC3484IRKDR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
DAC34H84_1109 TI1-DAC34H84_1109 Datasheet
1Mb / 80P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34H84 TI1-DAC34H84 Datasheet
1Mb / 80P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
JUNE2011
DAC34H84 TI1-DAC34H84_14 Datasheet
1Mb / 81P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3484 TI1-DAC3484_14 Datasheet
1Mb / 90P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34H84 TI1-DAC34H84_15 Datasheet
1Mb / 96P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3484 TI-DAC3484_15 Datasheet
2Mb / 107P
[Old version datasheet]   DAC3484 Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34H84 TI-DAC34H84_15 Datasheet
1Mb / 96P
[Old version datasheet]   DAC34H84 Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3484 TI1-DAC3484_15 Datasheet
2Mb / 107P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter
DAC3482IRKD25 TI1-DAC3482IRKD25 Datasheet
1Mb / 87P
[Old version datasheet]   Dual-Channel, 16-BIT, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3482 TI1-DAC3482_15 Datasheet
2Mb / 106P
[Old version datasheet]   Dual-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com