전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BC817 데이터시트(PDF) 1 Page - KODENSHI_AUK CORP.

부품명 BC817
상세설명  High current application
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KODENSHI [KODENSHI_AUK CORP.]
홈페이지  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

BC817 데이터시트(HTML) 1 Page - KODENSHI_AUK CORP.

  BC817 Datasheet HTML 1Page - KODENSHI_AUK CORP. BC817 Datasheet HTML 2Page - KODENSHI_AUK CORP. BC817 Datasheet HTML 3Page - KODENSHI_AUK CORP. BC817 Datasheet HTML 4Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
KSD-T5C025-000
1
BC817
NPN Silicon Transistor
PIN Connection
SOT-23
Descriptions
• High current application
• Switching application
Features
• Suitable for AF-Driver stage and low power
output stages
• Complementary pair with BC807
Ordering Information
Type NO.
Marking
Package Code
BC817
NA □ □
SOT-23
Device Code ② hFE Rank ③ Year&Week Code
Absolute maximum ratings
(Ta=25
°C)
Characteristic
Symbol
Ratings
Unit
Collector-Base voltage
VCBO
50
V
Collector-Emitter voltage
VCEO
35
V
Emitter-Base voltage
VEBO
5
V
Collector current
IC
800
mA
Collector dissipation
PC
200
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
-55~150
°C
Electrical Characteristics
(Ta=25
°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Collector-Emitter breakdown voltage
BVCEO
IC=1mA, IE=0
35
-
-
V
Base-Emitter turn on voltage
VBE(ON)
VCE=1V, IC=300mA
-
-
1.2
V
Collector-Emitter saturation voltage
VCE(sat)
IC=500mA, IB=50mA
-
-
700
mV
Collector cut-off current
ICBO
VCB=25V, IE=0
-
-
100
nA
DC current gain
hFE
*
VCE=1V, IC=100mA
100
-
630
-
Transition frequency
fT
VCB=5V, IC=10mA
-
100
-
MHz
Collector output capacitance
Cob
VCB=10V, IE=0, f=1MHz
-
16
-
pF
* : hFE rank /
16(A) : 100 ~ 250,
25(B) : 160 ~ 400,
40(C) : 250 ~ 630
1
2
3


유사한 부품 번호 - BC817

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BC817 PHILIPS-BC817 Datasheet
47Kb / 8P
   NPN general purpose transistor
1999 Jun 01
logo
Shunye Enterprise
BC817 SHUNYE-BC817 Datasheet
91Kb / 2P
   NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR
logo
Unisonic Technologies
BC817 UTC-BC817 Datasheet
79Kb / 4P
   NPN GENERAL PURPOSE AMPLIFIER
logo
Dongguan Pingjingsemi T...
BC817 PJSEMI-BC817 Datasheet
366Kb / 3P
   NPN Silicon Epitaxial Planar Transistor
logo
KEC(Korea Electronics)
BC817 KEC-BC817 Datasheet
42Kb / 2P
   EPITAXIAL PLANAR NPN TRANSISTOR
More results

유사한 설명 - BC817

제조업체부품명데이터시트상세설명
logo
KODENSHI_AUK CORP.
BC808 KODENSHI-BC808 Datasheet
265Kb / 4P
   High current application
SBC338 KODENSHI-SBC338 Datasheet
197Kb / 4P
   High current application
BC807 KODENSHI-BC807 Datasheet
265Kb / 4P
   High current application
BC807F KODENSHI-BC807F Datasheet
274Kb / 4P
   High current application
BC808F KODENSHI-BC808F Datasheet
274Kb / 4P
   High current application
BC818 KODENSHI-BC818 Datasheet
260Kb / 4P
   High current application
BC818F KODENSHI-BC818F Datasheet
272Kb / 4P
   High current application
BC817F KODENSHI-BC817F Datasheet
239Kb / 4P
   High current application
SBC328 KODENSHI-SBC328 Datasheet
90Kb / 3P
   High current application
BC817 KODENSHI-BC817 Datasheet
260Kb / 4P
   High current application
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com