전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM320F2812-HT 데이터시트(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
부품명 SM320F2812-HT
상세설명  Digital Signal Processor
Download  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

SM320F2812-HT 데이터시트(HTML) 4 Page - Texas Instruments

  SM320F2812-HT Datasheet HTML 1Page - Texas Instruments SM320F2812-HT Datasheet HTML 2Page - Texas Instruments SM320F2812-HT Datasheet HTML 3Page - Texas Instruments SM320F2812-HT Datasheet HTML 4Page - Texas Instruments SM320F2812-HT Datasheet HTML 5Page - Texas Instruments SM320F2812-HT Datasheet HTML 6Page - Texas Instruments SM320F2812-HT Datasheet HTML 7Page - Texas Instruments SM320F2812-HT Datasheet HTML 8Page - Texas Instruments SM320F2812-HT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 155 page
background image
SM320F2812-HT
SGUS062A – JUNE 2009 – REVISED APRIL 2010
www.ti.com
6.20
SPI Slave Mode Timing
................................................................................................. 113
6.21
External Interface (XINTF) Timing
..................................................................................... 117
6.22
XINTF Signal Alignment to XCLKOUT
................................................................................ 121
6.23
External Interface Read Timing
........................................................................................ 122
6.24
External Interface Write Timing
........................................................................................ 123
6.25
External Interface Ready-on-Read Timing With One External Wait State
....................................... 125
6.26
External Interface Ready-on-Write Timing With One External Wait State
........................................ 128
6.27
XHOLD and XHOLDA
................................................................................................... 131
6.28
XHOLD/XHOLDA Timing
............................................................................................... 132
6.29
On-Chip Analog-to-Digital Converter
.................................................................................. 134
6.29.1
ADC Absolute Maximum Ratings
........................................................................... 134
6.29.2
ADC Electrical Characteristics Over Recommended Operating Conditions
........................... 135
6.29.3
Current Consumption for Different ADC Configurations (at 25-MHz ADCCLK)
...................... 136
6.29.4
ADC Power-Up Control Bit Timing
.......................................................................... 137
6.29.5
Detailed Description
.......................................................................................... 138
6.29.5.1
Reference Voltage
................................................................................ 138
6.29.5.2
Analog Inputs
..................................................................................... 138
6.29.5.3
Converter
.......................................................................................... 138
6.29.5.4
Conversion Modes
............................................................................... 138
6.29.6
Sequential Sampling Mode (Single Channel) (SMODE = 0)
............................................ 138
6.29.7
Simultaneous Sampling Mode (Dual-Channel) (SMODE = 1)
.......................................... 140
6.29.8
Definitions of Specifications and Terminology
............................................................. 141
6.29.8.1
Integral Nonlinearity
.............................................................................. 141
6.29.8.2
Differential Nonlinearity
.......................................................................... 141
6.29.8.3
Zero Offset
........................................................................................ 141
6.29.8.4
Gain Error
......................................................................................... 141
6.29.8.5
Signal-to-Noise Ratio + Distortion (SINAD)
................................................... 141
6.29.8.6
Effective Number of Bits (ENOB)
............................................................... 141
6.29.8.7
Total Harmonic Distortion (THD)
............................................................... 141
6.29.8.8
Spurious Free Dynamic Range (SFDR)
....................................................... 141
6.30
Multichannel Buffered Serial Port (McBSP) Timing
................................................................. 142
6.30.1
McBSP Transmit and Receive Timing
...................................................................... 142
6.30.2
McBSP as SPI Master or Slave Timing
.................................................................... 145
6.31
Flash Timing
.............................................................................................................. 149
6.31.1
Recommended Operating Conditions
...................................................................... 149
7
Mechanical Data
.............................................................................................................. 151
4
Contents
Copyright © 2009–2010, Texas Instruments Incorporated


유사한 부품 번호 - SM320F2812-HT

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SM320F2812-EP TI-SM320F2812-EP Datasheet
2Mb / 159P
[Old version datasheet]   Digital Signal Processors
SM320F2812-EP TI-SM320F2812-EP Datasheet
1Mb / 158P
[Old version datasheet]   Digital Signal Processors
SM320F2812-EP TI-SM320F2812-EP Datasheet
1Mb / 158P
[Old version datasheet]   Digital Signal Processors
SM320F2812-EP TI-SM320F2812-EP Datasheet
1Mb / 158P
[Old version datasheet]   Digital Signal Processors
SM320F2812-EP TI1-SM320F2812-EP Datasheet
1Mb / 172P
[Old version datasheet]   Digital Signal Processors
More results

유사한 설명 - SM320F2812-HT

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SMJ320C30 TI-SMJ320C30 Datasheet
726Kb / 47P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320C32 TI-TMS320C32 Datasheet
645Kb / 44P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320VC33 TI-TMS320VC33 Datasheet
654Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320C30 TI1-TMS320C30_16 Datasheet
753Kb / 53P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320C26B TI1-SM320C26B Datasheet
448Kb / 42P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
logo
Samsung semiconductor
S5L9286F02 SAMSUNG-S5L9286F02 Datasheet
598Kb / 35P
   DIGITAL SIGNAL PROCESSOR
logo
Texas Instruments
TMS320P25 TI-TMS320P25 Datasheet
763Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_06 Datasheet
832Kb / 58P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_07 Datasheet
826Kb / 58P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320C32-EP TI1-SM320C32-EP Datasheet
621Kb / 44P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com