전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMP320LF2401AVFA 데이터시트(PDF) 2 Page - Texas Instruments

부품명 TMP320LF2401AVFA
상세설명  DSP CONTROLLERS
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TMP320LF2401AVFA 데이터시트(HTML) 2 Page - Texas Instruments

  TMP320LF2401AVFA Datasheet HTML 1Page - Texas Instruments TMP320LF2401AVFA Datasheet HTML 2Page - Texas Instruments TMP320LF2401AVFA Datasheet HTML 3Page - Texas Instruments TMP320LF2401AVFA Datasheet HTML 4Page - Texas Instruments TMP320LF2401AVFA Datasheet HTML 5Page - Texas Instruments TMP320LF2401AVFA Datasheet HTML 6Page - Texas Instruments TMP320LF2401AVFA Datasheet HTML 7Page - Texas Instruments TMP320LF2401AVFA Datasheet HTML 8Page - Texas Instruments TMP320LF2401AVFA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 88 page
background image
TMS320LF2401A, TMS320LC2401A
DSP CONTROLLERS
SPRS161K − MARCH 2001 − REVISED JULY 2007
2
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
description
3
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
TMS320x240xA device summary
4
. . . . . . . . . . . . . . .
description
4
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
TMS320x240xA device summary
5
. . . . . . . . . . . . . . .
functional block diagram of the LF2401A
DSP controller
6
. . . . . . . . . . . . . . . . . . . . . . . . . . .
functional block diagram of the LC2401A
DSP controller
7
. . . . . . . . . . . . . . . . . . . . . . . . . . .
terminal functions
9
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
constraints while emulating with JTAG
port pins and GPIO functions
17
. . . . . . . . . . . .
in-circuit emulation options
18
. . . . . . . . . . . . . . . . . .
memory map
19
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
peripheral memory map
21
. . . . . . . . . . . . . . . . . . . . .
device reset and interrupts
22
. . . . . . . . . . . . . . . . . . .
interrupt request structure
24
. . . . . . . . . . . . . . . . . . .
DSP CPU core
25
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
TMS320Lx2401A instruction set
25
. . . . . . . . . . . . . .
addressing modes
25
. . . . . . . . . . . . . . . . . . . . . . . . . .
scan-based emulation
26
. . . . . . . . . . . . . . . . . . . . . . .
functional block diagram of the 2401A
DSP CPU
27
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
2401A legend for the internal hardware
28
. . . . . . . .
status and control registers
29
. . . . . . . . . . . . . . . . . .
central processing unit
30
. . . . . . . . . . . . . . . . . . . . . .
internal memory
34
. . . . . . . . . . . . . . . . . . . . . . . . . . .
dual-access RAM (DARAM)
34
. . . . . . . . . . . . . . . . .
single-access RAM (SARAM)
34
. . . . . . . . . . . . . . . .
ROM (LC2401A)
34
. . . . . . . . . . . . . . . . . . . . . . . . . . .
Flash EEPROM (LF2401A)
34
. . . . . . . . . . . . . . . . . .
boot ROM†
35
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Flash/ROM security
36
. . . . . . . . . . . . . . . . . . . . . . . . .
peripherals
37
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
event manager module (EVA)
37
. . . . . . . . . . . . . . . .
enhanced analog-to-digital converter
(ADC) module
41
. . . . . . . . . . . . . . . . . . . . . . . . .
serial communications interface
(SCI) module
43
. . . . . . . . . . . . . . . . . . . . . . . . . .
PLL-based clock module
45
. . . . . . . . . . . . . . . . . . . .
external reference crystal clock option
46
. . . . . . . . .
external reference oscillator clock option
46
. . . . . . .
low-power modes
46
. . . . . . . . . . . . . . . . . . . . . . . . . .
clock domains
46
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
other power-down options
47
. . . . . . . . . . . . . . . . . . .
digital I/O and shared pin functions
48
. . . . . . . . . . . .
watchdog (WD) timer module
49
. . . . . . . . . . . . . . . .
development support
52
. . . . . . . . . . . . . . . . . . . . . . . .
device and development support
tool nomenclature
53
. . . . . . . . . . . . . . . . . . . . . .
documentation support
55
. . . . . . . . . . . . . . . . . . . . . .
LF2401A AND LC2401A ELECTRICAL
SPECIFICATIONS DATA
57
. . . . . . . . . . . . . . . .
absolute maximum ratings over
operating temperature range
57
. . . . . . . . . . . . .
recommended operating conditions
57
. . . . . . . . . . .
current consumption graphs
60
. . . . . . . . . . . . . . . . .
reducing current consumption
60
. . . . . . . . . . . . . . . .
emulator connection without signal buffering
for the DSP
60
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
PARAMETER MEASUREMENT
INFORMATION
62
. . . . . . . . . . . . . . . . . . . . . . . .
signal transition levels
62
. . . . . . . . . . . . . . . . . . . . . . .
timing parameter symbology
63
. . . . . . . . . . . . . . . . .
general notes on timing parameters
63
. . . . . . . . . . .
external reference crystal/clock with PLL
circuit enabled
64
. . . . . . . . . . . . . . . . . . . . . . . . .
timing with the PLL circuit enabled
64
. . . . . . . . . . . .
RS timing
65
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
low-power mode timing
68
. . . . . . . . . . . . . . . . . . . . . .
LPM2 wake-up timing
70
. . . . . . . . . . . . . . . . . . . . . . .
timing event manager interface
71
. . . . . . . . . . . . . . .
PWM timing
71
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
capture timing
72
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
interrupt timing
73
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
general-purpose input/output timing
74
. . . . . . . . . . .
10-bit analog-to-digital converter (ADC)
75
. . . . . . . .
migrating from other 240xA
devices to Lx2401A
77
. . . . . . . . . . . . . . . . . . . .
migrating from LF240xA (Flash)
devices to LC240xA (ROM) devices
78
. . . . . .
peripheral register description
79
. . . . . . . . . . . . . . . .
mechanical data
87
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
Table of Contents


유사한 부품 번호 - TMP320LF2401AVFA

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TMP320LF2401AVFA TI-TMP320LF2401AVFA Datasheet
1Mb / 134P
[Old version datasheet]   DSP CONTROLLERS
More results

유사한 설명 - TMP320LF2401AVFA

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TMS320LC2401A TI-TMS320LC2401A Datasheet
1Mb / 88P
[Old version datasheet]   DSP CONTROLLERS
TMS320LC2406A TI-TMS320LC2406A Datasheet
1Mb / 133P
[Old version datasheet]   DSP CONTROLLERS
TMS320F243 TI-TMS320F243_07 Datasheet
1Mb / 121P
[Old version datasheet]   DSP CONTROLLERS
TMS320LF2401A TI-TMS320LF2401A_07 Datasheet
1Mb / 88P
[Old version datasheet]   DSP CONTROLLERS
SM320LF2407-EP TI1-SM320LF2407-EP Datasheet
1Mb / 112P
[Old version datasheet]   DSP CONTROLLERS
TMS320F241 TI1-TMS320F241_13 Datasheet
1Mb / 122P
[Old version datasheet]   DSP CONTROLLERS
TMS320LF2407 TI-TMS320LF2407_08 Datasheet
1Mb / 116P
[Old version datasheet]   DSP CONTROLLERS
TMS320LF2407 TI-TMS320LF2407 Datasheet
1Mb / 106P
[Old version datasheet]   DSP CONTROLLERS
TMS320LF2407 TI-TMS320LF2407 Datasheet
1Mb / 106P
[Old version datasheet]   DSP CONTROLLERS
SM320LF2407A-EP TI1-SM320LF2407A-EP Datasheet
1Mb / 112P
[Old version datasheet]   DSP CONTROLLERS
TMS320LF2407 TI1-TMS320LF2407_13 Datasheet
1Mb / 117P
[Old version datasheet]   DSP CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com