전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TL19W01-D-T32 데이터시트(PDF) 3 Page - Toshiba Semiconductor

부품명 TL19W01-D-T32
상세설명  LED lamps
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TL19W01-D-T32 데이터시트(HTML) 3 Page - Toshiba Semiconductor

  TL19W01-D-T32 Datasheet HTML 1Page - Toshiba Semiconductor TL19W01-D-T32 Datasheet HTML 2Page - Toshiba Semiconductor TL19W01-D-T32 Datasheet HTML 3Page - Toshiba Semiconductor TL19W01-D-T32 Datasheet HTML 4Page - Toshiba Semiconductor TL19W01-D-T32 Datasheet HTML 5Page - Toshiba Semiconductor TL19W01-D-T32 Datasheet HTML 6Page - Toshiba Semiconductor TL19W01-D-T32 Datasheet HTML 7Page - Toshiba Semiconductor TL19W01-D-T32 Datasheet HTML 8Page - Toshiba Semiconductor TL19W01-D-T32 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
TL19W01-D(T32
2010-12-13
3
Note 7: ΦV rank classification
The specification on the following table is used for F classification of LEDs in Toshiba facility.
Each reel includes the same rank LEDs. Let the delivery ratio of each rank be unquestioned.
Cautions
• The product is sensitive to electrostatic and care must be fully taken when handling products. Particularly in
the case that an over-voltage shall be applied, the overflowed energy may cause damage to or possibly result in
destruction of the product. Users shall take absolutely secure countermeasures against electrostatic and surge
when handling the product.
• This product is designed as a general display light source usage, and it has applied the measurement standard
that matched with the sensitivity of human's eyes. Therefore, it is not intended for usage of functional
application (ex. Light source for sensor, optical communication and etc) except general display light source.
• Please note the handling of products during evaluation.
1. Please do not apply pressure to the upper surface of the product with finger, tweezers, and others. Failure of
product to light up may occur due to package deformation, wire deformation and/or disconnection.
2. Should tweezers be used in product handling, one with flat surfaces is recommended.
3. Please handle the product widthwise.
4. Please do not drop the product. There is a possibility for package transformation etc. to occur when the product
is dropped.
5. Please do not stack the Printed Circuit Boards on which the product is mounted to prevent damages to product
surface. Also, please note not to damage the surface of the product with cushioning material etc. Surface
damage to the product may influence their optical characteristics.
Luminous flux
ΦV
Part Number
Min
Typ.
Max
IF
TL19W01-D(T32
90
110
130
B09
90
100
B10
100
110
B11
110
120
B12
120
130
300
Unit
lm
mA
Ta=25°C
Tolerance: +/-10%


유사한 부품 번호 - TL19W01-D-T32

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TL19W01-L TOSHIBA-TL19W01-L Datasheet
280Kb / 10P
   LED lamps
TL19W01-L-T32 TOSHIBA-TL19W01-L-T32 Datasheet
280Kb / 10P
   LED lamps
TL19W01-LH2 TOSHIBA-TL19W01-LH2 Datasheet
334Kb / 10P
   LED lamps
TL19W01-LH2T32 TOSHIBA-TL19W01-LH2T32 Datasheet
334Kb / 10P
   LED lamps
TL19W01-N TOSHIBA-TL19W01-N Datasheet
280Kb / 10P
   LED lamps
More results

유사한 설명 - TL19W01-D-T32

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TL21W02-D TOSHIBA-TL21W02-D Datasheet
259Kb / 9P
   LED lamps
logo
Lucky Light Electronic
AL-50-30IRC-850 LUCKY-LIGHT-AL-50-30IRC-850_15 Datasheet
351Kb / 5P
   LED Lamps
AL-31-40IRC-850 LUCKY-LIGHT-AL-31-40IRC-850_15 Datasheet
324Kb / 5P
   LED Lamps
AL-50-30UW5C LUCKY-LIGHT-AL-50-30UW5C_15 Datasheet
394Kb / 6P
   LED Lamps
logo
A-BRIGHT Inc
AL-513RGBW-C-002 A-BRIGHT-AL-513RGBW-C-002 Datasheet
241Kb / 7P
   LED Lamps
2008/6/10
logo
IDEA.lnc.
JGC0348 IDEA-JGC0348 Datasheet
37Kb / 2P
   LED LAMPS
JYC0118 IDEA-JYC0118 Datasheet
150Kb / 5P
   LED LAMPS
JYC0358 IDEA-JYC0358 Datasheet
388Kb / 5P
   LED LAMPS
logo
Toshiba Semiconductor
TL12W02-L TOSHIBA-TL12W02-L Datasheet
305Kb / 10P
   LED lamps
logo
BRIGHT LED ELECTRONICS ...
BL-R2132N BRIGHT-BL-R2132N Datasheet
277Kb / 5P
   LED LAMPS
BL-R4641T BRIGHT-BL-R4641T Datasheet
277Kb / 5P
   LED LAMPS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com