전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TL19W01-WW-T32 데이터시트(PDF) 1 Page - Toshiba Semiconductor

부품명 TL19W01-WW-T32
상세설명  LED lamps
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TL19W01-WW-T32 데이터시트(HTML) 1 Page - Toshiba Semiconductor

  TL19W01-WW-T32 Datasheet HTML 1Page - Toshiba Semiconductor TL19W01-WW-T32 Datasheet HTML 2Page - Toshiba Semiconductor TL19W01-WW-T32 Datasheet HTML 3Page - Toshiba Semiconductor TL19W01-WW-T32 Datasheet HTML 4Page - Toshiba Semiconductor TL19W01-WW-T32 Datasheet HTML 5Page - Toshiba Semiconductor TL19W01-WW-T32 Datasheet HTML 6Page - Toshiba Semiconductor TL19W01-WW-T32 Datasheet HTML 7Page - Toshiba Semiconductor TL19W01-WW-T32 Datasheet HTML 8Page - Toshiba Semiconductor TL19W01-WW-T32 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TL19W01-WW(T32
2010-12-13
1
TOSHIBA LED lamps
TL19W01-WW(T32
Surface-mount devices
• 3.1 (L) mm × 3.8 (W) mm × 0.65 (H) mm size
• High luminous flux LED: 100 lm(typ.) @IF=300 mA
• Color: white (3500K)
• Reflow-soldering is available
• Applications : general lighting and etc.
Color and Material
Part Number
Color
Material
TL19W01-WW
White (3500K)
InGaN
Absolute Maximum Ratings (Ta = 25°C) (Note.1)
Characteristics
Symbol
Rating
Unit
Forward Current (Note.2)
IF
350
mA
Pulse current (Note.3)
IFP
400
mA
Power Dissipation
PD
1.33
W
Operating Temperature
Topr
−40 to 100
°C
Storage Temperature
Tstg
−40 to 100
°C
Junction Temperature
Tj
120
°C
Note 1: Using continuously under heavy loads (e.g. the application of high
temperature/current/voltage
and
the
significant
change
in
temperature, etc.) may cause this product to decrease in the
reliability significantly even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within
the absolute maximum ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/”Derating Concept and Methods”) and individual reliability data (i.e. reliability test report
and estimated failure rate, etc).
Note 2: The junction-to-ambient thermal resistance, Rth(j-a), should be kept below 50 ℃ /W so that the
TL19W01-WW(T32) is not exposed to a condition beyond the absolute maximum ratings. Rth(j-a): Thermal
resistance from the LED junction to ambient temperature
Note 3: Pulse width 10ms, Duty 1/10
Unit: mm
3.1
1
2
1.9
0.4
(0.5)
1.Cathode
2.Anode
Tolerance:± 0.1
JEDEC
JEITA
TOSHIBA
4-4L1
Weight: 0.017 g (typ.)
Ambient temperature Ta (°C)
IF – Ta
0
50
100
150
200
250
300
350
400
0
2040
6080
100
Rth(j-a)=50℃/W


유사한 부품 번호 - TL19W01-WW-T32

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TL19W01-W TOSHIBA-TL19W01-W Datasheet
281Kb / 10P
   LED lamps
TL19W01-W-T32 TOSHIBA-TL19W01-W-T32 Datasheet
281Kb / 10P
   LED lamps
More results

유사한 설명 - TL19W01-WW-T32

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TL21W02-D TOSHIBA-TL21W02-D Datasheet
259Kb / 9P
   LED lamps
logo
Lucky Light Electronic
AL-50-30IRC-850 LUCKY-LIGHT-AL-50-30IRC-850_15 Datasheet
351Kb / 5P
   LED Lamps
AL-31-40IRC-850 LUCKY-LIGHT-AL-31-40IRC-850_15 Datasheet
324Kb / 5P
   LED Lamps
AL-50-30UW5C LUCKY-LIGHT-AL-50-30UW5C_15 Datasheet
394Kb / 6P
   LED Lamps
logo
A-BRIGHT Inc
AL-513RGBW-C-002 A-BRIGHT-AL-513RGBW-C-002 Datasheet
241Kb / 7P
   LED Lamps
2008/6/10
logo
IDEA.lnc.
JGC0348 IDEA-JGC0348 Datasheet
37Kb / 2P
   LED LAMPS
JYC0118 IDEA-JYC0118 Datasheet
150Kb / 5P
   LED LAMPS
JYC0358 IDEA-JYC0358 Datasheet
388Kb / 5P
   LED LAMPS
logo
Toshiba Semiconductor
TL12W02-L TOSHIBA-TL12W02-L Datasheet
305Kb / 10P
   LED lamps
logo
BRIGHT LED ELECTRONICS ...
BL-R2132N BRIGHT-BL-R2132N Datasheet
277Kb / 5P
   LED LAMPS
BL-R4641T BRIGHT-BL-R4641T Datasheet
277Kb / 5P
   LED LAMPS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com