전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BC556BG 데이터시트(PDF) 5 Page - ON Semiconductor

부품명 BC556BG
상세설명  Amplifier Transistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BC556BG 데이터시트(HTML) 5 Page - ON Semiconductor

  BC556BG Datasheet HTML 1Page - ON Semiconductor BC556BG Datasheet HTML 2Page - ON Semiconductor BC556BG Datasheet HTML 3Page - ON Semiconductor BC556BG Datasheet HTML 4Page - ON Semiconductor BC556BG Datasheet HTML 5Page - ON Semiconductor BC556BG Datasheet HTML 6Page - ON Semiconductor BC556BG Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
BC556B, BC557A, B, C, BC558B
http://onsemi.com
5
Figure 13. Thermal Response
t, TIME (ms)
1.0
2.0
5.0
1.0
0.5
0.2
0.1
0.7
0.5
0.3
0.2
0.1
0.07
0.05
0.03
0.02
0.01
20
50
10
200
500
100
1.0k
2.0k
5.0k
10
Figure 14. Active Region − Safe Operating Area
VCE, COLLECTOR−EMITTER VOLTAGE (V)
−200
−1.0
TA = 25°C
D = 0.5
0.2
0.1
0.05
SINGLE PULSE
SINGLE PULSE
BONDING WIRE LIMIT
THERMAL LIMIT
SECOND BREAKDOWN LIMIT
3 ms
TJ = 25°C
ZqJC(t) = (t) RqJC
RqJC = 83.3°C/W MAX
ZqJA(t) = r(t) RqJA
RqJA = 200°C/W MAX
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1
TJ(pk) − TC = P(pk) RqJC(t)
t1
t2
P(pk)
DUTY CYCLE, D = t1/t2
−100
−50
−10
−5.0
−2.0
−5.0
−10
−30 −45 −65 −100
1 s
BC558
BC557
BC556
The safe operating area curves indicate IC−VCE limits of the
transistor that must be observed for reliable operation. Collector
load lines for specific circuits must fall below the limits indicated by
the applicable curve.
The data of Figure 14 is based upon TJ(pk) = 150°C; TC or TA is
variable depending upon conditions. Pulse curves are valid for
duty cycles to 10% provided TJ(pk) ≤ 150°C. TJ(pk) may be
calculated from the data in Figure 13. At high case or ambient
temperatures, thermal limitations will reduce the power than can
be handled to values less than the limitations imposed by second
breakdown.


유사한 부품 번호 - BC556BG

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
BC556BG ONSEMI-BC556BG Datasheet
77Kb / 7P
   Amplifier Transistors PNP Silicon
September, 2005 ??Rev. 2
More results

유사한 설명 - BC556BG

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
BC182 ONSEMI-BC182 Datasheet
60Kb / 4P
   Amplifier Transistors Amplifier Transistors
March, 2007 ??Rev. 5
BC547 ONSEMI-BC547 Datasheet
91Kb / 6P
   Amplifier Transistors
May, 2004 ??Rev. 4
logo
Motorola, Inc
BC368 MOTOROLA-BC368 Datasheet
129Kb / 4P
   Amplifier Transistors
MPS4123 MOTOROLA-MPS4123 Datasheet
71Kb / 4P
   Amplifier Transistors
MPS918 MOTOROLA-MPS918 Datasheet
81Kb / 4P
   Amplifier Transistors
logo
ON Semiconductor
BC368 ONSEMI-BC368 Datasheet
63Kb / 4P
   Amplifier Transistors
May, 2004 ??Rev. 4
MPS650 ONSEMI-MPS650 Datasheet
103Kb / 6P
   Amplifier Transistors
May, 2005 ??Rev. 2
logo
Daya Electric Group Co....
2N5550 DAYA-2N5550 Datasheet
83Kb / 6P
   Amplifier Transistors
logo
ON Semiconductor
BC546B ONSEMI-BC546B_07 Datasheet
78Kb / 6P
   Amplifier Transistors
March, 2007 ??Rev. 6
MMBT6428LT1G ONSEMI-MMBT6428LT1G Datasheet
200Kb / 5P
   Amplifier Transistors
August, 2009 ??Rev. 5
MPS8099 ONSEMI-MPS8099_08 Datasheet
128Kb / 7P
   Amplifier Transistors
December, 2008 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com