전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM24 데이터시트(PDF) 6 Page - Semtech Corporation

부품명 SM24
상세설명  TVS Diode Array
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SEMTECH [Semtech Corporation]
홈페이지  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SM24 데이터시트(HTML) 6 Page - Semtech Corporation

  SM24 Datasheet HTML 1Page - Semtech Corporation SM24 Datasheet HTML 2Page - Semtech Corporation SM24 Datasheet HTML 3Page - Semtech Corporation SM24 Datasheet HTML 4Page - Semtech Corporation SM24 Datasheet HTML 5Page - Semtech Corporation SM24 Datasheet HTML 6Page - Semtech Corporation SM24 Datasheet HTML 7Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
ã 2000 Semtech Corp.
www.semtech.com
PROTECTION PRODUCTS
SM05 THRU SM36
Land Pattern - SOT23
Outline Drawing - SOT23
Note 1 : Grid placement courtyard is 8 x 8 elements (4mm x 4mm) in accordance with the international grid detailed in IEC
Publication 97.


유사한 부품 번호 - SM24

제조업체부품명데이터시트상세설명
logo
Micro Commercial Compon...
SM24 MCC-SM24 Datasheet
416Kb / 2P
   Transient Voltage Suppressor 500 Watt
logo
Guangdong Youtai Semico...
SM24 UMW-SM24 Datasheet
425Kb / 3P
   TVS Diode Array
logo
Microsemi Corporation
SM24 MICROSEMI-SM24 Datasheet
138Kb / 2P
   TVSarray Series
logo
Semtech Corporation
SM24 SEMTECH-SM24 Datasheet
161Kb / 7P
   TVS Diode Array
logo
MIC GROUP RECTIFIERS
SM24 MIC-SM24 Datasheet
67Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

유사한 설명 - SM24

제조업체부품명데이터시트상세설명
logo
Galaxy Semi-Conductor H...
SM15 BILIN-SM15 Datasheet
111Kb / 3P
   TVS DIODE ARRAY
SM24 BILIN-SM24 Datasheet
111Kb / 3P
   TVS DIODE ARRAY
logo
Yea Shin Technology Co....
YSAZ5V6T3 YEASHIN-YSAZ5V6T3 Datasheet
855Kb / 3P
   TVS DIODE ARRAY
logo
Rectron Semiconductor
TEMP03 RECTRON-TEMP03 Datasheet
352Kb / 5P
   TVS Diode Array
logo
Shanghai Leiditech Elec...
SM48 LEIDITECH-SM48 Datasheet
312Kb / 3P
   TVS Diode Array
SM12T1 LEIDITECH-SM12T1 Datasheet
373Kb / 3P
   TVS Diode Array
GSOT05C LEIDITECH-GSOT05C Datasheet
447Kb / 3P
   TVS Diode Array
Rev : 01.06.2014
logo
Guangdong Youtai Semico...
SMXX UMW-SMXX Datasheet
425Kb / 3P
   TVS Diode Array
logo
TECH PUBLIC Electronics...
SM05T1G-TP TECHPUBLIC-SM05T1G-TP Datasheet
977Kb / 4P
   TVS Diode Array
logo
Yea Shin Technology Co....
YSOTXXC YEASHIN-YSOTXXC Datasheet
800Kb / 3P
   TVS DIODE ARRAY
logo
Galaxy Semi-Conductor H...
SM12 BILIN-SM12 Datasheet
111Kb / 3P
   TVS DIODE ARRAY
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com