전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MJ11022 데이터시트(PDF) 4 Page - ON Semiconductor

부품명 MJ11022
상세설명  Complementary Darlington Silicon Power Transistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJ11022 데이터시트(HTML) 4 Page - ON Semiconductor

  MJ11022 Datasheet HTML 1Page - ON Semiconductor MJ11022 Datasheet HTML 2Page - ON Semiconductor MJ11022 Datasheet HTML 3Page - ON Semiconductor MJ11022 Datasheet HTML 4Page - ON Semiconductor MJ11022 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MJ11021(PNP)
MJ11022 (NPN)
http://onsemi.com
4
COLLECTOR CURRENT (AMPS)
4.0
0.1
3.0
2.5
1.5
3.5
2.0
1.0
0.5
0.7 1.0
2.0 3.0 5.0
10
7.0
50
30
20
70
4.0
3.0
2.5
1.5
3.5
2.0
1.0
0.5
IC, COLLECTOR CURRENT (A)
IC, COLLECTOR CURRENT (A)
Figure 6. DC Current Gain
Figure 7. Collector Saturation Region
IB, BASE CURRENT (mA)
7000
5000
10,000
0.3
0.5
1.0
20
0.2
3000
2000
1000
700
500
300
200
0.7
COLLECTOR CURRENT (AMPS)
Figure 8. “On” Voltages
VBE(sat) @ IC/IB = 100
VCE = 5.0 Vdc
100
3.0
5.0
10
7.0
15
2.0
20,000
10,000
30,000
2000
1000
700
500
300
TJ = 25°C
TJ = 150°C
TJ = - 55°C
7000
5000
3000
4.0
0.5
IB, BASE CURRENT (mA)
500
3.0
2.5
1.5
3.5
2.0
1.0
0.5
300
200
0.7 1.0
2.0 3.0 5.0
10
7.0
50
30
20
100
70
IC = 5.0 A
TJ = 25°C
IC = 15 A
0.2 0.3 0.5
TJ = 25°C
VBE @ VCE = 5.0 V
VCE(sat) @ IC/IB = 100
PNP
NPN
PNP
NPN
PNP
NPN
0.3
0.5
1.0
20
0.2
0.7
3.0
5.0
10
7.0
15
2.0
VCE = 5.0 Vdc
TJ = 150°C
TJ = 25°C
TJ = - 55°C
IC = 10 A
4.0
0.5
500
3.0
2.5
1.5
3.5
2.0
1.0
0.5
300
200
0.7 1.0
2.0 3.0 5.0
10
7.0
50
30
20
100
70
TJ = 25°C
IC = 5.0 A
IC = 15 A
IC = 10 A
0.1
0.7 1.0
2.0 3.0 5.0
10
7.0
50
30
20
0.2 0.3 0.5
TJ = 25°C
VBE(sat) @ IC/IB = 100
VBE @ VCE = 5.0 V
VCE(sat) @ IC/IB = 100


유사한 부품 번호 - MJ11022

제조업체부품명데이터시트상세설명
logo
Mospec Semiconductor
MJ11022 MOSPEC-MJ11022 Datasheet
206Kb / 4P
   POWER TRANSISTORS(15A,150-250V,175W)
logo
Motorola, Inc
MJ11022 MOTOROLA-MJ11022 Datasheet
235Kb / 6P
   30 AMPERE DARLINGTON POWER TRANSISTORS COMPLEMENTARY SILICON 60.120 VOLTS 200 WATTS
logo
ON Semiconductor
MJ11022 ONSEMI-MJ11022 Datasheet
235Kb / 6P
   DARLINGTON POWER TRANSISTORS COMPLEMENTARY SILICON
1995
logo
Wing Shing Computer Com...
MJ11022 WINGS-MJ11022 Datasheet
21Kb / 1P
   NPN SILICON DARLINGTON TRANSISTOR(SWITCHING REGULATORS PWM INVERTERS SOLENOID AND RELAY DRIVERS)
logo
ON Semiconductor
MJ11022 ONSEMI-MJ11022 Datasheet
78Kb / 5P
   Complementary Darlington Silicon Power Transistors
December, 2005 ??Rev. 2
More results

유사한 설명 - MJ11022

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
MJ2501 STMICROELECTRONICS-MJ2501 Datasheet
70Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
MJD112 STMICROELECTRONICS-MJD112 Datasheet
84Kb / 6P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
BDX87C STMICROELECTRONICS-BDX87C Datasheet
70Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
SGSD100 STMICROELECTRONICS-SGSD100_03 Datasheet
894Kb / 6P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
October 2003
TIP122FP STMICROELECTRONICS-TIP122FP Datasheet
29Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
TIP140 STMICROELECTRONICS-TIP140 Datasheet
48Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
logo
ON Semiconductor
TIP100 ONSEMI-TIP100 Datasheet
218Kb / 6P
   DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
1995 REV 7
MJ11017 ONSEMI-MJ11017 Datasheet
235Kb / 6P
   DARLINGTON POWER TRANSISTORS COMPLEMENTARY SILICON
1995
logo
STMicroelectronics
BDW83C STMICROELECTRONICS-BDW83C Datasheet
67Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
BDX53B STMICROELECTRONICS-BDX53B Datasheet
80Kb / 6P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
logo
Boca Semiconductor Corp...
2N6298 BOCA-2N6298 Datasheet
184Kb / 4P
   DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com