전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MJE4343 데이터시트(PDF) 1 Page - ON Semiconductor

부품명 MJE4343
상세설명  High?뭋oltage  High Power Transistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJE4343 데이터시트(HTML) 1 Page - ON Semiconductor

  MJE4343_06 Datasheet HTML 1Page - ON Semiconductor MJE4343_06 Datasheet HTML 2Page - ON Semiconductor MJE4343_06 Datasheet HTML 3Page - ON Semiconductor MJE4343_06 Datasheet HTML 4Page - ON Semiconductor MJE4343_06 Datasheet HTML 5Page - ON Semiconductor MJE4343_06 Datasheet HTML 6Page - ON Semiconductor MJE4343_06 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
High−Voltage
High Power
Transistors
. . . designed for use in high power audio amplifier applications and
high voltage switching regulator circuits.
High Collector−Emitter Sustaining Voltage —
NPN
PNP
VCEO(sus) = 160 Vdc — MJE4343 MJE4353
High DC Current Gain — @ IC = 8.0 Adc hFE = 35 (Typ)
Low Collector−Emitter Saturation Voltage —
VCE(sat) = 2.0 Vdc (Max) @ IC
= 8.0 Adc
w These devices are available in Pb−free package(s). Specifications herein
apply to both standard and Pb−free devices. Please see our website at
www.onsemi.com for specific Pb−free orderable part numbers, or
contact your local ON Semiconductor sales office or representative.
MAXIMUM RATINGS
Rating
Symbol
Max
Unit
Collector−Emitter Voltage
VCEO
160
Vdc
Collector−Base Voltage
VCB
160
Vdc
Emitter−Base Voltage
VEB
7.0
Vdc
Collector Current — Continuous
Peak (1)
IC
16
20
Adc
Base Current — Continuous
IB
5.0
Adc
Total Power Dissipation @ TC = 25_C
PD
125
Watts
Operating and Storage Junction
Temperature Range
TJ, Tstg
– 65 to + 150
_C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Case
RθJC
1.0
_C/W
(1) Pulse Test: Pulse Width v 5.0 μs, Duty Cycle w 10%.
3.5
0
Figure 1. Power Derating
Reference: Ambient Temperature
TA, AMBIENT TEMPERATURE (°C)
25
50
100
125
3.0
2.5
0.5
75
150
1.0
1.5
2.0
ON Semiconductor
t
© Semiconductor Components Industries, LLC, 2006
March, 2006 − Rev. 4
1
Publication Order Number:
MJE4343/D
MJE4343
MJE4353
16 AMPERE
POWER TRANSISTORS
COMPLEMENTARY
SILICON
160 VOLTS
NPN
PNP
CASE 340D−02
TO−218 TYPE


유사한 부품 번호 - MJE4343_06

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MJE4343G ONSEMI-MJE4343G Datasheet
138Kb / 8P
   High-Voltage - High Power Transistors
May, 2012 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com