전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MJE5731A 데이터시트(PDF) 3 Page - ON Semiconductor

부품명 MJE5731A
상세설명  High Voltage PNP Silicon Plastic Power Transistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJE5731A 데이터시트(HTML) 3 Page - ON Semiconductor

  MJE5731A Datasheet HTML 1Page - ON Semiconductor MJE5731A Datasheet HTML 2Page - ON Semiconductor MJE5731A Datasheet HTML 3Page - ON Semiconductor MJE5731A Datasheet HTML 4Page - ON Semiconductor MJE5731A Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MJE5730, MJE5731, MJE5731A
http://onsemi.com
3
10
5.0
Figure 5. Forward Bias Safe Operating Area
VCE, COLLECTOR−EMITTER VOLTAGE (VOLTS)
5.0
2.0
0.5
0.01
30
100
BONDING WIRE LIMIT
THERMAL LIMIT
SECOND BREAKDOWN LIMIT
dc
500 ms
0.05
10
20
1.0ms
200 300
500
1.0
0.2
50
0.1
0.02
TC = 25°C
100 ms
MJE5730
MJE5731
MJE5732
There are two limitations on the power handling ability of
a transistor: average junction temperature and second
breakdown. Safe operating area curves indicate IC − VCE
limits of the transistor that must be observed for reliable
operation; i.e., the transistor must not be subjected to greater
dissipation than the curves indicate.
The data of Figure 5 is based on TJ(pk) = 150_C; TC is
variable depending on conditions. Second breakdown pulse
limits are valid for duty cycles to 10% provided
TJ(pk) v 150_C. TJ(pk) may be calculated from the data in
Figure 6. At high case temperatures, thermal limitations will
reduce the power that can be handled to values less than the
limitations imposed by second breakdown.
t, TIME (ms)
1.0
0.01
1 k
0.3
0.2
0.07
RqJC(t) = r(t) RqJC
RqJC = 3.125°C/W MAX
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1
TJ(pk) − TC = P(pk) qJC(t)
P(pk)
t1
t2
DUTY CYCLE, D = t1/t2
0.01
0.7
Figure 6. Thermal Response
0.5
0.1
0.05
0.03
0.02
0.02
0.1
0.2
0.5
1.0
2.0
5.0
10
20
50
100
200
500
0.2
SINGLE PULSE
D = 0.5
0.05
0.1
0.02
0.01
t2
Figure 7. Switching Time Equivalent Circuit
TURN−ON PULSE
VBE(off)
Vin
APPROX
.
−11 V
0 V
t3
TURN−OFF PULSE
t1 ≤ 7.0 ns
100 ≤ t2 < 500 ms
t3 < 15 ns
APPROX. +9.0 V
DUTY CYCLE ≈ 2.0%
VCC
Vin
RC
RB
SCOPE
+4.0 V
Cjd << Ceb
51
t1


유사한 부품 번호 - MJE5731A

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
MJE5731A MOTOROLA-MJE5731A Datasheet
190Kb / 6P
   1.0 AMPERE POWER TRANSISTORS PNP SILICON 300-350-400 VOLTS 40 WATTS
logo
ON Semiconductor
MJE5731A ONSEMI-MJE5731A Datasheet
139Kb / 6P
   POWER TRANSISTORS PNP SILICON
REV 1
logo
Inchange Semiconductor ...
MJE5731A ISC-MJE5731A Datasheet
264Kb / 2P
   isc Silicon PNP Power Transistor
logo
ON Semiconductor
MJE5731A ONSEMI-MJE5731A Datasheet
82Kb / 6P
   High Voltage PNP Silicon Plastic Power Transistors
January, 2015 ??Rev. 8
MJE5731AG ONSEMI-MJE5731AG Datasheet
82Kb / 6P
   High Voltage PNP Silicon Plastic Power Transistors
January, 2015 ??Rev. 8
More results

유사한 설명 - MJE5731A

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MJE5730 ONSEMI-MJE5730_15 Datasheet
82Kb / 6P
   High Voltage PNP Silicon Plastic Power Transistors
January, 2015 ??Rev. 8
MJD5731 ONSEMI-MJD5731 Datasheet
95Kb / 8P
   High Voltage PNP Silicon Power Transistors
March, 2003 - Rev. 0
MJD5731 ONSEMI-MJD5731_11 Datasheet
119Kb / 5P
   High Voltage PNP Silicon Power Transistors
January, 2011 ??Rev. 4
MJD5731 ONSEMI-MJD5731_13 Datasheet
133Kb / 5P
   High Voltage PNP Silicon Power Transistors
August, 2013 ??Rev. 5
2N4918 ONSEMI-2N4918_17 Datasheet
203Kb / 6P
   Medium-Power Plastic PNP Silicon Transistors
January, 2017 ??Rev. 12
BD136G ONSEMI-BD136G_13 Datasheet
86Kb / 4P
   Plastic Medium-Power Silicon PNP Transistors
December, 2013 ??Rev. 16
2N4918 ONSEMI-2N4918_04 Datasheet
120Kb / 6P
   Medium-Power Plastic PNP Silicon Transistors
July, 2004 ??Rev. 11
logo
New Jersey Semi-Conduct...
2N4919 NJSEMI-2N4919 Datasheet
197Kb / 1P
   MEDIUM-POWER PLASTIC PNP SILICON TRANSISTORS
logo
Micro Commercial Compon...
TIP105 MCC-TIP105_13 Datasheet
331Kb / 4P
   PNP Plastic Medium-Power Silicon Transistors
logo
ON Semiconductor
2N4918G ONSEMI-2N4918G Datasheet
117Kb / 6P
   Medium-Power Plastic PNP Silicon Transistors
July, 2004 ??Rev. 11
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com