전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MJE5731AG 데이터시트(PDF) 4 Page - ON Semiconductor

부품명 MJE5731AG
상세설명  High Voltage PNP Silicon Plastic Power Transistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJE5731AG 데이터시트(HTML) 4 Page - ON Semiconductor

  MJE5731AG Datasheet HTML 1Page - ON Semiconductor MJE5731AG Datasheet HTML 2Page - ON Semiconductor MJE5731AG Datasheet HTML 3Page - ON Semiconductor MJE5731AG Datasheet HTML 4Page - ON Semiconductor MJE5731AG Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MJE5730, MJE5731, MJE5731A
http://onsemi.com
4
0.02
0.2
2.0
0.1
0.05
0.5
1.0
5.0
IC, COLLECTOR CURRENT (AMPS)
TJ = 25°C
VCC = 200 V
IC/IB = 5.0
2.0
1.0
0.5
0.2
0.1
0.05
Figure 8. Turn−On Resistive Switching Times
Figure 9. Resistive Turn−Off Switching Times
IC, COLLECTOR CURRENT (AMPS)
0.01
1.0
0.5
0.1
0.05
0.02
0.02
0.2
2.0
0.1
0.05
0.5
1.0
tr
td
ts
tf
TJ = 25°C
VCC = 200 V
IC/IB = 5.0
0.2
0.03
0.3
0.03
0.3
0.3
3.0
0.03
0.3
INPUT
50
50
VBB1 = 10 V
RBB2 =
100 W
TUT
VCE MONITOR
100 mH
VCC = 20 V
+
RBB1 =
150 W
IC MONITOR
RS =
0.1 W
VBB2 =
0
+
Test Circuit
Voltage and Current Waveforms
INPUT
VOLTAGE
COLLECTOR
CURRENT
COLLECTOR
VOLTAGE
VCE(sat)
10 V
VCER
0 V
0.63 A
−5 V
0 V
100 ms
tw ≈ 3 ms
(SEE NOTE 1)
Figure 10. Inductive Load Switching
MJE171
ORDERING INFORMATION
Device
Package
Shipping
MJE5730
TO−220
50 Units / Rail
MJE5730G
TO−220
(Pb−Free)
MJE5731
TO−220
MJE5731G
TO−220
(Pb−Free)
MJE5731A
TO−220
MJE5731AG
TO−220
(Pb−Free)


유사한 부품 번호 - MJE5731AG

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MJE5731AG ONSEMI-MJE5731AG Datasheet
82Kb / 6P
   High Voltage PNP Silicon Plastic Power Transistors
January, 2015 ??Rev. 8
More results

유사한 설명 - MJE5731AG

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MJE5730 ONSEMI-MJE5730_15 Datasheet
82Kb / 6P
   High Voltage PNP Silicon Plastic Power Transistors
January, 2015 ??Rev. 8
MJD5731 ONSEMI-MJD5731 Datasheet
95Kb / 8P
   High Voltage PNP Silicon Power Transistors
March, 2003 - Rev. 0
MJD5731 ONSEMI-MJD5731_11 Datasheet
119Kb / 5P
   High Voltage PNP Silicon Power Transistors
January, 2011 ??Rev. 4
MJD5731 ONSEMI-MJD5731_13 Datasheet
133Kb / 5P
   High Voltage PNP Silicon Power Transistors
August, 2013 ??Rev. 5
2N4918 ONSEMI-2N4918_17 Datasheet
203Kb / 6P
   Medium-Power Plastic PNP Silicon Transistors
January, 2017 ??Rev. 12
BD136G ONSEMI-BD136G_13 Datasheet
86Kb / 4P
   Plastic Medium-Power Silicon PNP Transistors
December, 2013 ??Rev. 16
2N4918 ONSEMI-2N4918_04 Datasheet
120Kb / 6P
   Medium-Power Plastic PNP Silicon Transistors
July, 2004 ??Rev. 11
logo
New Jersey Semi-Conduct...
2N4919 NJSEMI-2N4919 Datasheet
197Kb / 1P
   MEDIUM-POWER PLASTIC PNP SILICON TRANSISTORS
logo
Micro Commercial Compon...
TIP105 MCC-TIP105_13 Datasheet
331Kb / 4P
   PNP Plastic Medium-Power Silicon Transistors
logo
ON Semiconductor
2N4918G ONSEMI-2N4918G Datasheet
117Kb / 6P
   Medium-Power Plastic PNP Silicon Transistors
July, 2004 ??Rev. 11
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com