전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

6VJ1 데이터시트(PDF) 3 Page - Tyco Electronics

부품명 6VJ1
상세설명  Power Entry Module with Voltage Selection and Fusing
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MACOM [Tyco Electronics]
홈페이지  http://www.macom.com
Logo MACOM - Tyco Electronics

6VJ1 데이터시트(HTML) 3 Page - Tyco Electronics

  6VJ1 Datasheet HTML 1Page - Tyco Electronics 6VJ1 Datasheet HTML 2Page - Tyco Electronics 6VJ1 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
J Series
Power Entry Module with Voltage Selection and Fusing (continued)
174
Dimensions are in inches and millimeters unless otherwise specified. Values in italics
are metric equivalents. Dimensions are shown for reference purposes only.
Specifications subject to change.
Corcom Product Guide
Catalog: 1654001
Issue Date: 06.2011
For email, phone or live chat, please go to
te.com/help
corcom.com
Case Styles
Non-filtered Models
A
C
B
D





Filtered Models
A
C
B
D





Recommended Panel Cutouts
Door Open Position
Bezel
Clearance
2.60*
66.0
2.68
68.1
3.00
76.2
1.063*
27.0
1.17
29.7
*± .003 [.076]



Part No.
A
B
CD




6VJ1, 6VJ1-2








6J4, 6J4-2,
6HJ4-4, 6HJ4-2








Case Dimensions
Performance Data
Typical Insertion Loss
6J4
6HJ4
Common Mode / Asymmetrical (L-G)
Differential Mode / Symmetrical (L-L)
Measured in closed 50 Ohm system
0.1
1
10
30
Frequency in MHz
db
100
90
80
70
60
50
40
30
20
10
0
0.1
1
10
30
Frequency in MHz
db
100
90
80
70
60
50
40
30
20
10
0
Minimum Insertion Loss
Common Mode / Asymmetrical (Line to Ground)
Measured in closed 50 Ohm system
  
 






















유사한 부품 번호 - 6VJ1

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
6VJ1 MACOM-6VJ1 Datasheet
75Kb / 4P
   Voltage Selecting and Fused Connector with Optional RFI Power Line Filter for General Purpose Applications for UL544 Health Care Equipment
logo
TE Connectivity Ltd
6VJ1 TEC-6VJ1 Datasheet
278Kb / 3P
   Power Entry Module with Voltage Selection and Fusing
logo
Tyco Electronics
6VJ1-2 MACOM-6VJ1-2 Datasheet
75Kb / 4P
   Voltage Selecting and Fused Connector with Optional RFI Power Line Filter for General Purpose Applications for UL544 Health Care Equipment
logo
TE Connectivity Ltd
6VJ1-2 TEC-6VJ1-2 Datasheet
278Kb / 3P
   Power Entry Module with Voltage Selection and Fusing
More results

유사한 설명 - 6VJ1

제조업체부품명데이터시트상세설명
logo
TE Connectivity Ltd
6VJ1 TEC-6VJ1 Datasheet
278Kb / 3P
   Power Entry Module with Voltage Selection and Fusing
1CHE1 TEC-1CHE1 Datasheet
420Kb / 4P
   Power Entry Module with Switch
logo
Tyco Electronics
1CHE1 MACOM-1CHE1_11 Datasheet
420Kb / 4P
   Power Entry Module with Switch
logo
Global Mixed-mode Techn...
G978 GMT-G978 Datasheet
62Kb / 1P
   6A Low Dropout Regulator with Enable and Voltage Selection
logo
Schurter Inc.
DG12-IP40 SCHURTER-DG12-IP40 Datasheet
444Kb / 1P
   Power Entry Module
DG12-IP65 SCHURTER-DG12-IP65 Datasheet
438Kb / 1P
   Power Entry Module
logo
List of Unclassifed Man...
FN9260-10-06 ETC2-FN9260-10-06 Datasheet
307Kb / 4P
   General Purpose Power Entry Module with Fuses
logo
Schaffner International...
FN-9264 SCHAFFNER-FN-9264 Datasheet
2Mb / 6P
   General Purpose Power Entry Module with Switch
logo
List of Unclassifed Man...
FN9260A-10-06 ETC2-FN9260A-10-06 Datasheet
307Kb / 4P
   General Purpose Power Entry Module with Fuses
logo
TE Connectivity Ltd
5EFLA2S TEC-5EFLA2S Datasheet
196Kb / 3P
   Power Entry Module with Enhanced EMI Filtering
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com