전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CDEP1711NP-270MC-325 데이터시트(PDF) 3 Page - Sumida Corporation

부품명 CDEP1711NP-270MC-325
상세설명  SMD Power Inductor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SUMIDA [Sumida Corporation]
홈페이지  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDEP1711NP-270MC-325 데이터시트(HTML) 3 Page - Sumida Corporation

  CDEP1711NP-270MC-325 Datasheet HTML 1Page - Sumida Corporation CDEP1711NP-270MC-325 Datasheet HTML 2Page - Sumida Corporation CDEP1711NP-270MC-325 Datasheet HTML 3Page - Sumida Corporation CDEP1711NP-270MC-325 Datasheet HTML 4Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Page 3 of 4
Revised: 1-Jun-11
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDEP1711
0
2
4
6
8
10
12
0
4
8
12
16
20
24
0
10
20
30
40
50
60
0.0
1.5
3.0
4.5
6.0
7.5
9.0
0
4
8
12
16
20
24
0
10
20
30
40
50
60
0
4
8
12
16
20
24
0
2
4
6
8
10
12
0
10
20
30
40
50
60
0
4
8
12
16
20
24
0
3
6
9
12
15
18
0
10
20
30
40
50
60
0
3
6
9
12
15
18
0
3
6
9
12
15
18
0
10
20
30
40
50
60
0
3
6
9
12
15
18
0
3
6
9
12
15
18
0
10
20
30
40
50
60
0
2
4
6
8
10
12
0
3
6
9
12
15
18
0
10
20
30
40
50
60
0
10
20
30
40
50
60
0
2
4
6
8
10
12
0
10
20
30
40
50
60
0
8
16
24
32
40
48
0
2
4
6
8
10
12
0
10
20
30
40
50
60
0
6
12
18
24
30
36
0.0
2.5
5.0
7.5 10.0 12.5 15.0
0
10
20
30
40
50
60
0
5
10
15
20
25
30
0
3
6
9
12
15
18
0
10
20
30
40
50
60
0
4
8
12
16
20
24
0
3
6
9
12
15
18
0
10
20
30
40
50
60
Saturation Current & Temperature Rise Graph
3. CDEP1711NP-33ØMC-325
△T (℃)
L (
μH)
DC (A)
6. CDEP1711NP-1ØØMC-15Ø
△T (℃)
L (
μH)
DC (A)
DC (A)
12. CDEP1711NP-1ØØMC-125
△T (℃)
L (
μH)
DC (A)
1. CDEP1711NP-22ØMC-325
△T (℃)
L (
μH)
DC (A)
4. CDEP1711NP-39ØMC-325
△T (℃)
L (
μH)
DC (A)
10. CDEP1711NP-22ØMC-15Ø
△T (℃)
L (
μH)
7. CDEP1711NP-12ØMC-15Ø
△T (℃)
L (
μH)
DC (A)
2. CDEP1711NP-27ØMC-325
△T (℃)
L (
μH)
DC (A)
5. CDEP1711NP-47ØMC-325
△T (℃)
L (
μH)
DC (A)
11. CDEP1711NP-8RØMC-125
△T (℃)
L (
μH)
DC (A)
8. CDEP1711NP-15ØMC-15Ø
△T (℃)
L (
μH)
DC (A)
9. CDEP1711NP-18ØMC-15Ø
△T (℃)
L (
μH)
DC (A)
L (20
℃)
△T
L (105
℃)


유사한 부품 번호 - CDEP1711NP-270MC-325

제조업체부품명데이터시트상세설명
logo
Sumida Corporation
CDEP104 SUMIDA-CDEP104 Datasheet
251Kb / 1P
   POWER INDUCTORS (SMD Type)
CDEP104 SUMIDA-CDEP104 Datasheet
156Kb / 3P
   POWER INDUCTORS
CDEP104-0R2B-50 SUMIDA-CDEP104-0R2B-50 Datasheet
251Kb / 1P
   POWER INDUCTORS (SMD Type)
CDEP104-0R2B-88 SUMIDA-CDEP104-0R2B-88 Datasheet
251Kb / 1P
   POWER INDUCTORS (SMD Type)
CDEP104-0R2C-50 SUMIDA-CDEP104-0R2C-50 Datasheet
251Kb / 1P
   POWER INDUCTORS (SMD Type)
More results

유사한 설명 - CDEP1711NP-270MC-325

제조업체부품명데이터시트상세설명
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com