전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BDX33B 데이터시트(PDF) 2 Page - ON Semiconductor

부품명 BDX33B
상세설명  Darlington Complementary Silicon Power Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BDX33B 데이터시트(HTML) 2 Page - ON Semiconductor

  BDX33B_07 Datasheet HTML 1Page - ON Semiconductor BDX33B_07 Datasheet HTML 2Page - ON Semiconductor BDX33B_07 Datasheet HTML 3Page - ON Semiconductor BDX33B_07 Datasheet HTML 4Page - ON Semiconductor BDX33B_07 Datasheet HTML 5Page - ON Semiconductor BDX33B_07 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
BDX33B, BDX33C* (NPN) BDX34B, BDX34C* (PNP)
http://onsemi.com
2
80
60
40
20
0
0
20
40
60
80
100
120
140
160
Figure 1. Power Derating
TC, CASE TEMPERATURE (°C)
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector-Emitter Sustaining Voltage (Note 1)
(IC = 100 mAdc, IB = 0)
BDX33B/BDX34B
BDX33C/BDX34C
VCEO(sus)
80
100
-
-
Vdc
Collector-Emitter Sustaining Voltage (Note 1)
(IC = 100 mAdc, IB = 0, RBE = 100)
BDX33B/BDX34B
BDX33C/BDX33C
VCER(sus)
80
100
-
-
Vdc
Collector-Emitter Sustaining Voltage (Note 1)
(IC = 100 mAdc, IB = 0, VBE = 1.5 Vdc)
BDX33B/BDX34B
BDX33C/BDX34C
VCEX(sus)
80
100
-
-
Vdc
Collector Cutoff Current
(VCE = 1/2 rated VCEO, IB = 0)
TC = 25°C
TC = 100°C
ICEO
-
-
0.5
10
mAdc
Collector Cutoff Current
(VCB = rated VCBO, IE = 0)
TC = 25°C
TC = 100°C
ICBO
-
-
1.0
5.0
mAdc
Emitter Cutoff Current
(VBE = 5.0 Vdc, IC = 0)
IEBO
-
10
mAdc
ON CHARACTERISTICS
DC Current Gain (Note 1)
(IC = 3.0 Adc, VCE = 3.0 Vdc)
BDX33B, 33C/34B, 34C
hFE
750
-
-
Collector-Emitter Saturation Voltage
(IC = 3.0 Adc, IB = 6.0 mAdc)
BDX33B, 33C/34B, 34C
VCE(sat)
-
2.5
Vdc
Base-Emitter On Voltage
(IC = 3.0 Adc, VCE = 3.0 Vdc)
BDX33B, 33C/34B, 34C
VBE(on)
-
2.5
Vdc
Diode Forward Voltage
(IC = 8.0 Adc)
VF
-
4.0
Vdc
1. Pulse Test: Pulse Width
v 300 ms, Duty Cycle v 2.0%.
2. Pulse Test non repetitive: Pulse Width = 0.25 seconds.


유사한 부품 번호 - BDX33B_07

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
BDX33B ONSEMI-BDX33B_06 Datasheet
73Kb / 6P
   Darlington Complementary Silicon Power Transistors
February, 2006 ??Rev. 11
More results

유사한 설명 - BDX33B_07

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
MJ2501 STMICROELECTRONICS-MJ2501 Datasheet
70Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
MJD112 STMICROELECTRONICS-MJD112 Datasheet
84Kb / 6P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
BDX87C STMICROELECTRONICS-BDX87C Datasheet
70Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
SGSD100 STMICROELECTRONICS-SGSD100_03 Datasheet
894Kb / 6P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
October 2003
TIP122FP STMICROELECTRONICS-TIP122FP Datasheet
29Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
TIP140 STMICROELECTRONICS-TIP140 Datasheet
48Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
logo
ON Semiconductor
TIP100 ONSEMI-TIP100 Datasheet
218Kb / 6P
   DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
1995 REV 7
MJ11017 ONSEMI-MJ11017 Datasheet
235Kb / 6P
   DARLINGTON POWER TRANSISTORS COMPLEMENTARY SILICON
1995
logo
STMicroelectronics
BDW83C STMICROELECTRONICS-BDW83C Datasheet
67Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
BDX53B STMICROELECTRONICS-BDX53B Datasheet
80Kb / 6P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
logo
Boca Semiconductor Corp...
2N6298 BOCA-2N6298 Datasheet
184Kb / 4P
   DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com