전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74AHCT1G02 데이터시트(PDF) 5 Page - Diodes Incorporated

부품명 74AHCT1G02
상세설명  SINGLE 2 INPUT POSITIVE NOR GATE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIODES [Diodes Incorporated]
홈페이지  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74AHCT1G02 데이터시트(HTML) 5 Page - Diodes Incorporated

  74AHCT1G02 Datasheet HTML 1Page - Diodes Incorporated 74AHCT1G02 Datasheet HTML 2Page - Diodes Incorporated 74AHCT1G02 Datasheet HTML 3Page - Diodes Incorporated 74AHCT1G02 Datasheet HTML 4Page - Diodes Incorporated 74AHCT1G02 Datasheet HTML 5Page - Diodes Incorporated 74AHCT1G02 Datasheet HTML 6Page - Diodes Incorporated 74AHCT1G02 Datasheet HTML 7Page - Diodes Incorporated 74AHCT1G02 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
74AHCT1G02
SINGLE 2 INPUT POSITIVE NOR GATE
74AHCT1G02
Document number: DS35180 Rev. 1 - 2
5 of 8
www.diodes.com
May 2011
© Diodes Incorporated
Parameter Measurement Information
VCC
Inputs
VM
CL
VI
tr/tf
5V±0.5V
3 V
≤3ns
1.5V
15pF
5V±0.5V
3 V
≤3ns
1.5V
50pF
Voltage Waveform Pulse Duration
Voltage Waveform Propagation Delay Times
Inverting and Non Inverting Outputs
Notes:
A. Includes test lead and test apparatus capacitance.
B. All pulses are supplied at pulse repetition rate
≤ 1 MHz.
C. Inputs are measured separately one transition per measurement.
D. tPLH and tPHL are the same as tpd.


유사한 부품 번호 - 74AHCT1G02

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74AHCT1G02 PHILIPS-74AHCT1G02 Datasheet
80Kb / 16P
   2-input NOR gate
2002 May 27
logo
Nexperia B.V. All right...
74AHCT1G02 NEXPERIA-74AHCT1G02 Datasheet
210Kb / 11P
   2-input NOR gate
Rev. 8 - 11 January 2022
74AHCT1G02-Q100 NEXPERIA-74AHCT1G02-Q100 Datasheet
680Kb / 12P
   2-input NOR gate
logo
Texas Instruments
74AHCT1G02DBVRE4 TI-74AHCT1G02DBVRE4 Datasheet
816Kb / 13P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NOR GATE
74AHCT1G02DBVRG4 TI-74AHCT1G02DBVRG4 Datasheet
816Kb / 13P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NOR GATE
More results

유사한 설명 - 74AHCT1G02

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
74LVCE1G02 DIODES-74LVCE1G02 Datasheet
274Kb / 14P
   SINGLE 2 INPUT POSITIVE NOR GATE
DS32211 Rev. 2 - 2
logo
Texas Instruments
SN74LVC1G02DSFR TI1-SN74LVC1G02DSFR Datasheet
1,021Kb / 22P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE NOR-GATE
SN74AHCT1G02DCKT TI-SN74AHCT1G02DCKT Datasheet
816Kb / 13P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NOR GATE
SN74AHC1G02 TI-SN74AHC1G02_08 Datasheet
442Kb / 12P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NOR GATE
SN74AHCT1G02 TI-SN74AHCT1G02 Datasheet
68Kb / 5P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NOR GATE
logo
Diodes Incorporated
74LVC1G02_1012 DIODES-74LVC1G02_1012 Datasheet
245Kb / 14P
   SINGLE 2 INPUT POSITIVE NOR GATE
DS32197 Rev. 2 - 2
logo
Texas Instruments
SN74LVC1G02 TI-SN74LVC1G02_08 Datasheet
559Kb / 15P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE NOR-GATE
SN74AHC1G02-EP TI1-SN74AHC1G02-EP_16 Datasheet
739Kb / 10P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NOR GATE
SN74LVC1G02-EP TI1-SN74LVC1G02-EP Datasheet
545Kb / 14P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NOR GATE
logo
Diodes Incorporated
74AHCT1G02Q DIODES-74AHCT1G02Q Datasheet
509Kb / 9P
   SINGLE 2-INPUT POSITIVE NOR GATE
August 2020 Rev. 1 - 2
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com