전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LVC1G14_1107 데이터시트(PDF) 4 Page - Diodes Incorporated

부품명 74LVC1G14_1107
상세설명  SINGLE SCHMITT-TRIGGER INVERETER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIODES [Diodes Incorporated]
홈페이지  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVC1G14_1107 데이터시트(HTML) 4 Page - Diodes Incorporated

  74LVC1G14_1107 Datasheet HTML 1Page - Diodes Incorporated 74LVC1G14_1107 Datasheet HTML 2Page - Diodes Incorporated 74LVC1G14_1107 Datasheet HTML 3Page - Diodes Incorporated 74LVC1G14_1107 Datasheet HTML 4Page - Diodes Incorporated 74LVC1G14_1107 Datasheet HTML 5Page - Diodes Incorporated 74LVC1G14_1107 Datasheet HTML 6Page - Diodes Incorporated 74LVC1G14_1107 Datasheet HTML 7Page - Diodes Incorporated 74LVC1G14_1107 Datasheet HTML 8Page - Diodes Incorporated 74LVC1G14_1107 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
74LVC1G14
SINGLE SCHMITT-TRIGGER INVERETER
74LVC1G14
Document number: DS35123 Rev. 3 - 2
4 of 13
www.diodes.com
July 2011
© Diodes Incorporated
Electrical Characteristics
TA = -40°C to 85°C
(All typical values are at VCC = 3.3V, TA = 25°C)
Symbol
Parameter
Test Conditions
VCC
Min
Typ.
Max
Unit
VT+
Positive-going input
threshold voltage
1.65V
0.70
1.20
2.3V
1.11
1.60
3V
1.50
2.00
4.5V
2.16
2.74
5.5V
2.61
3.33
VT-
Negative-going input
threshold voltage
1.65V
0.30
0.72
2.3V
0.58
1.00
3V
0.80
1.30
4.5V
1.21
1.95
5.5V
1.45
2.35
ΔVT
Hysteresis
(VT+ - VT-)
1.65V
0.30
0.62
2.3V
0.40
0.80
3V
0.35
1.00
4.5V
0.55
1.10
5.5V
0.60
1.20
VOH
High Level Output Voltage
IOH = -100μA
1.65V to 5.5V
VCC – 0.1
V
IOH = -4mA
1.65V
1.2
IOH = -8mA
2.3V
1.9
IOH = -16mA
3V
2.4
IOH = -24mA
2.3
IOH = -32mA
4.5V
3.8
VOL
High-level Input Voltage
IOL = 100μA
1.65V to 5.5V
0.1
V
IOL = 4mA
1.65V
0.45
IOL = 8mA
2.3V
0.3
IOL = 16mA
3V
0.4
IOL = 24mA
0.55
IOL = 32mA
4.5
0.55
II
Input Current
VI = 5.5 V or GND
0 to 5.5V
± 5
μA
IOFF
Power Down Leakage
Current
VI or VO = 5.5V
0
± 10
μA
ICC
Supply Current
VI = 5.5V of GND
IO=0
1.65V to 5.5V
10
μA
ΔICC
Additional Supply Current
Input at VCC –0.6V
3V to 5.5V
500
μA


유사한 부품 번호 - 74LVC1G14_1107

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
74LVC1G14 DIODES-74LVC1G14_14 Datasheet
388Kb / 16P
   SINGLE SCHMITT-TRIGGER INVERTER
logo
NXP Semiconductors
74LVC1G14 PHILIPS-74LVC1G14_15 Datasheet
368Kb / 20P
   Single Schmitt-trigger inverter
Rev. 12-6 August 2012
More results

유사한 설명 - 74LVC1G14_1107

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
74AUP1G14 DIODES-74AUP1G14 Datasheet
191Kb / 11P
   SINGLE SCHMITT-TRIGGER INVERETER
74LVC1G14 DIODES-74LVC1G14 Datasheet
273Kb / 14P
   SINGLE SCHMITT-TRIGGER INVERETER
DS35123 Rev. 1 - 2
74AHC1G14 DIODES-74AHC1G14_11 Datasheet
184Kb / 9P
   SINGLE SCHMITT-TRIGGER INVERETER
74AHCT1G14 DIODES-74AHCT1G14 Datasheet
180Kb / 8P
   SINGLE SCHMITT-TRIGGER INVERETER
logo
Rohm
BU4S584 ROHM-BU4S584 Datasheet
38Kb / 4P
   Single Schmitt trigger
logo
Diodes Incorporated
74AUP1G17 DIODES-74AUP1G17 Datasheet
190Kb / 11P
   SINGLE SCHMITT-TRIGGER BUFFER
logo
ON Semiconductor
NLU1G14 ONSEMI-NLU1G14_12 Datasheet
137Kb / 10P
   Single Schmitt-Trigger Inverter
July, 2012 ??Rev. 2
logo
NXP Semiconductors
74LVC1G17 NXP-74LVC1G17_12 Datasheet
367Kb / 21P
   Single Schmitt trigger buffer
Rev. 10-29 June 2012
logo
Unisonic Technologies
U74AHCT1G14 UTC-U74AHCT1G14 Datasheet
198Kb / 4P
   SINGLE SCHMITT-TRIGGER INVERTER
logo
NXP Semiconductors
74LVC1G14 NXP-74LVC1G14 Datasheet
99Kb / 16P
   Single Schmitt-trigger inverter
Rev. 07-18 July 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com