전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LVC1G98Z4 데이터시트(PDF) 7 Page - Diodes Incorporated

부품명 74LVC1G98Z4
상세설명  CONFIGURABLE MULTIPLE-FUNCTION GATE
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIODES [Diodes Incorporated]
홈페이지  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVC1G98Z4 데이터시트(HTML) 7 Page - Diodes Incorporated

Back Button 74LVC1G98Z4 Datasheet HTML 3Page - Diodes Incorporated 74LVC1G98Z4 Datasheet HTML 4Page - Diodes Incorporated 74LVC1G98Z4 Datasheet HTML 5Page - Diodes Incorporated 74LVC1G98Z4 Datasheet HTML 6Page - Diodes Incorporated 74LVC1G98Z4 Datasheet HTML 7Page - Diodes Incorporated 74LVC1G98Z4 Datasheet HTML 8Page - Diodes Incorporated 74LVC1G98Z4 Datasheet HTML 9Page - Diodes Incorporated 74LVC1G98Z4 Datasheet HTML 10Page - Diodes Incorporated 74LVC1G98Z4 Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
74LVC1G98
CONFIGURABLE MULTIPLE-FUNCTION GATE
74LVC1G98
Document number: DS35128 Rev. 3 - 2
7 of 14
www.diodes.com
July 2011
© Diodes Incorporated
Electrical Characteristics (All typical values are at Vcc = 3.3V, TA = 25°C)
Symbol
Parameter
Test Conditions
VCC
Min
Typ.
Max
Unit
CI
Input Capacitance
VI = VCC – or GND
3.3
3.5
pF
θJA
Thermal Resistance
Junction-to-Ambient
SOT26
(Note 4)
204
oC/W
SOT363
371
DFN1410
430
DFN1010
510
θJC
Thermal Resistance
Junction-to-Case
SOT26
(Note 4)
52
oC/W
SOT363
143
DFN1410
190
DFN1010
250
Notes:
4. Test condition for SOT26, SOT363, DFN1410 and DFN1010 : Device mounted on FR-4 substrate PC board, 2oz copper, with minimum
recommended pad layout.
Switching Characteristics
TA = -40°C to 85°C, CL = 30 or 50pF as noted (see Figure 1)
Parameter
From
(Input)
TO
(OUTPUT)
VCC = 1.8V
± 0.15V
VCC = 2.5V
± 0.2V
VCC = 3.3V
± 0.3V
VCC = 5V
± 0.5V
Unit
Min
Max
Min
Max
Min
Max
Min
Max
tpd
Any
Y
1.0
14.4
0.7
8.3
0.7
6.3
0.7
5.1
ns
TA = -40°C to 125°C, CL = 30 or 50pF as noted (see Figure 1)
Parameter
From
(Input)
TO
(OUTPUT)
VCC = 1.8V
± 0.15V
VCC = 2.5V
± 0.2V
VCC = 3.3V
± 0.3V
VCC = 5V
± 0.5V
Unit
Min
Max
Min
Max
Min
Max
Min
Max
tpd
Any
Y
1.0
18.0
0.7
10.4
0.7
7.9
0.7
6.4
ns
Operating Characteristics
TA = 25 ºC
Parameter
Test
Conditions
VCC = 1.8V
VCC = 2.5V
VCC = 3.3V
VCC = 5V
Unit
Typ.
Typ.
Typ.
Typ.
Cpd
Power dissipation
capacitance
f = 10 MHz
22
22
23
24
pF


유사한 부품 번호 - 74LVC1G98Z4

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
74LVC1G98 DIODES-74LVC1G98 Datasheet
296Kb / 14P
   CONFIGURABLE MULTIPLE-FUNCTION GATE
DS35128 Rev. 1 - 2
logo
Nexperia B.V. All right...
74LVC1G98 NEXPERIA-74LVC1G98 Datasheet
850Kb / 20P
   Low-power configurable multiple function gate
74LVC1G98-Q100 NEXPERIA-74LVC1G98-Q100 Datasheet
225Kb / 14P
   Low-power configurable multiple function gate
Rev. 1 - 6 December 2022
logo
Diodes Incorporated
74LVC1G98DW DIODES-74LVC1G98DW Datasheet
296Kb / 14P
   CONFIGURABLE MULTIPLE-FUNCTION GATE
DS35128 Rev. 1 - 2
74LVC1G98FW4 DIODES-74LVC1G98FW4 Datasheet
296Kb / 14P
   CONFIGURABLE MULTIPLE-FUNCTION GATE
DS35128 Rev. 1 - 2
More results

유사한 설명 - 74LVC1G98Z4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74LVC1G98 TI-SN74LVC1G98_10 Datasheet
749Kb / 18P
[Old version datasheet]   CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
Diodes Incorporated
74LVC1G58 DIODES-74LVC1G58 Datasheet
288Kb / 13P
   CONFIGURABLE MULTIPLE-FUNCTION GATE
DS35126 Rev. 1 - 2
logo
Renesas Technology Corp
HD74LV1GW97A RENESAS-HD74LV1GW97A Datasheet
102Kb / 9P
   Configurable Multiple-Function Gate
HD74LV1GW98A RENESAS-HD74LV1GW98A Datasheet
102Kb / 9P
   Configurable Multiple-Function Gate
logo
Texas Instruments
SN74LVC1G98-Q1 TI1-SN74LVC1G98-Q1 Datasheet
339Kb / 13P
[Old version datasheet]   CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
Diodes Incorporated
74AUP1G97 DIODES-74AUP1G97 Datasheet
621Kb / 17P
   CONFIGURABLE MULTIPLE-FUNCTION GATE
74AUP1G57 DIODES-74AUP1G57 Datasheet
759Kb / 16P
   CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
Texas Instruments
SN74LVC1G97-Q1 TI1-SN74LVC1G97-Q1 Datasheet
351Kb / 13P
[Old version datasheet]   CONFIGURABLE MULTIPLE-FUNCTION GATE
SN74LVC1G57DRLR TI1-SN74LVC1G57DRLR Datasheet
1Mb / 24P
[Old version datasheet]   CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
Diodes Incorporated
74LVC1G57_1107 DIODES-74LVC1G57_1107 Datasheet
341Kb / 13P
   CONFIGURABLE MULTIPLE-FUNCTION GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com