전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL21440IRTZ 데이터시트(PDF) 1 Page - Intersil Corporation

부품명 ISL21440IRTZ
상세설명  Micropower Voltage Reference with Comparator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL21440IRTZ 데이터시트(HTML) 1 Page - Intersil Corporation

  ISL21440IRTZ Datasheet HTML 1Page - Intersil Corporation ISL21440IRTZ Datasheet HTML 2Page - Intersil Corporation ISL21440IRTZ Datasheet HTML 3Page - Intersil Corporation ISL21440IRTZ Datasheet HTML 4Page - Intersil Corporation ISL21440IRTZ Datasheet HTML 5Page - Intersil Corporation ISL21440IRTZ Datasheet HTML 6Page - Intersil Corporation ISL21440IRTZ Datasheet HTML 7Page - Intersil Corporation ISL21440IRTZ Datasheet HTML 8Page - Intersil Corporation ISL21440IRTZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
Micropower Voltage Reference with Comparator
ISL21440
The ISL21440 is a micropower, FGA™ reference and comparator
on a single chip. Drawing less than 1.8µA supply current over the
full operating temperature range, the ISL21440 operates from a
single 2V to 11V supply and can also be used with split bipolar
supplies.
The ISL21440’s on-board reference provides a 1.182V ±0.5%
output. It features programmable hysteresis and TTL/CMOS
compatible outputs that sink and source current. Low Bias
currents permit high value divider resistors for typical circuit
current drains of <2.5µA.
The low supply current makes the ISL21440 ideal for battery
powered devices in battery level or low voltage monitors circuits.
The ISL21440 is a pin-compatible, performance upgrade of both
the LTC1440, LTC1540, MAX921 and MAX931.
Features
• 1.8µA Supply Current Over Full Temperature Range
• Wide Supply Range . . . . . . . . . . . . . . . . . . . . . . . . . . 2V to 11V
• Precision 1.182V ±0.5% Voltage Reference
• Comparator with User Programmable Hysteresis
• Temperature Range . . . . . . . . . . . . . . . . . . . .-40°C to +125°C
• 8 Ld MSOP and 8 Ld TDFN Packages
• Pin Compatible Upgrade to MAX921 and LTC1440
Applications
•Low Battery Detector
•Low Voltage Reset
•Overvoltage Monitor
• Window Comparator
FIGURE 1. TYPICAL APPLICATION
FIGURE 2. REFERENCE VOLTAGE vs TEMPERATURE
V+
OUT
IN-
HYST
GND
V-
REF
IN+
ISL21440
-
+
VBAT
Vdd
2.4M
20k
LoBAT-
2.4M
1.8M
LOW BATTERY DETECTOR
1.172
1.174
1.176
1.178
1.180
1.182
1.184
1.186
1.188
1.190
-40
-20
0
20
406080
100
120
TEMPERATURE (°C)
V+ = 5V
V+ = 2V
V+ = 3V
February 23, 2011
FN6532.2
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
|Copyright Intersil Americas Inc. 2009-2011. All Rights Reserved
Intersil (and design) is a trademark owned by Intersil Corporation or one of its subsidiaries.
All other trademarks mentioned are the property of their respective owners.


유사한 부품 번호 - ISL21440IRTZ

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL21440IRTZ INTERSIL-ISL21440IRTZ Datasheet
541Kb / 15P
   Micropower Voltage Reference with Comparator
logo
Renesas Technology Corp
ISL21440IRTZ RENESAS-ISL21440IRTZ Datasheet
958Kb / 15P
   Micropower Voltage Reference with Comparator
logo
Intersil Corporation
ISL21440IRTZ-T13 INTERSIL-ISL21440IRTZ-T13 Datasheet
541Kb / 15P
   Micropower Voltage Reference with Comparator
logo
Renesas Technology Corp
ISL21440IRTZ-T13 RENESAS-ISL21440IRTZ-T13 Datasheet
958Kb / 15P
   Micropower Voltage Reference with Comparator
More results

유사한 설명 - ISL21440IRTZ

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL21440 RENESAS-ISL21440 Datasheet
958Kb / 15P
   Micropower Voltage Reference with Comparator
logo
Intersil Corporation
ISL21440 INTERSIL-ISL21440 Datasheet
541Kb / 15P
   Micropower Voltage Reference with Comparator
logo
Linear Technology
LT6703-2 LINER-LT6703-2 Datasheet
166Kb / 12P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6703-2 LINER-LT6703-2_15 Datasheet
187Kb / 14P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6703-2 LINER-LT6703-2_1 Datasheet
182Kb / 14P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6703HV-2 LINER-LT6703HV-2_15 Datasheet
187Kb / 14P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6703HV-3 LINER-LT6703HV-3_15 Datasheet
187Kb / 14P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6703-3 LINER-LT6703-3_15 Datasheet
187Kb / 14P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6700 LINER-LT6700 Datasheet
289Kb / 20P
   Micropower, Low Voltage, Dual Comparator with 400mV Reference
logo
Linear Dimensions Semic...
LT6700CS6-3TRMPBF LINEAR_DIMENSIONS-LT6700CS6-3TRMPBF Datasheet
455Kb / 20P
   Micropower, Low Voltage, Dual Comparator with 400mV Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com