전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRLHS2242TRPBF 데이터시트(PDF) 4 Page - International Rectifier

부품명 IRLHS2242TRPBF
상세설명  HEXFET Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRLHS2242TRPBF 데이터시트(HTML) 4 Page - International Rectifier

  IRLHS2242TRPBF Datasheet HTML 1Page - International Rectifier IRLHS2242TRPBF Datasheet HTML 2Page - International Rectifier IRLHS2242TRPBF Datasheet HTML 3Page - International Rectifier IRLHS2242TRPBF Datasheet HTML 4Page - International Rectifier IRLHS2242TRPBF Datasheet HTML 5Page - International Rectifier IRLHS2242TRPBF Datasheet HTML 6Page - International Rectifier IRLHS2242TRPBF Datasheet HTML 7Page - International Rectifier IRLHS2242TRPBF Datasheet HTML 8Page - International Rectifier IRLHS2242TRPBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
IRLHS2242TR/TR2PbF
4
www.irf.com
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Case
Fig 8. Maximum Safe Operating Area
Fig 9. Maximum Drain Current vs.
Case Temperature
Fig 7. Typical Source-Drain Diode Forward Voltage
Fig 10. Threshold Voltage vs. Temperature
25
50
75
100
125
150
TC , Case Temperature (°C)
0
2
4
6
8
10
12
14
16
Limited By Wirebond
1E-006
1E-005
0.0001
0.001
0.01
0.1
t1 , Rectangular Pulse Duration (sec)
0.001
0.01
0.1
1
10
100
0.20
0.10
D = 0.50
0.02
0.01
0.05
SINGLE PULSE
( THERMAL RESPONSE )
Notes:
1. Duty Factor D = t1/t2
2. Peak Tj = P dm x Zthjc + Tc
-75 -50 -25
0
25
50
75 100 125 150
TJ , Temperature ( °C )
0.0
0.3
0.6
0.9
1.2
1.5
ID = -10uA
ID = -250uA
ID = -1.0mA
ID = -10mA
0.2
0.6
1.0
-VSD, Source-to-Drain Voltage (V)
0.1
1
10
100
TJ = 25°C
TJ = 150°C
VGS = 0V
0.10
1
10
100
-VDS, Drain-to-Source Voltage (V)
0.01
0.1
1
10
100
1000
OPERATION IN THIS AREA LIMITED BY RDS(on)
Tc = 25°C
Tj = 150°C
Single Pulse
100μsec
1msec
10msec
DC
Limited by
Wirebond


유사한 부품 번호 - IRLHS2242TRPBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRLHS2242PBF IRF-IRLHS2242PBF Datasheet
270Kb / 9P
   Charge and Discharge Switch for Battery Application
logo
Infineon Technologies A...
IRLHS2242PBF INFINEON-IRLHS2242PBF Datasheet
268Kb / 2P
   Sense2GoL pulse development kit
12 / 2019
logo
International Rectifier
IRLHS2242PBF IRF-IRLHS2242PBF_15 Datasheet
270Kb / 9P
   Charge and Discharge Switch for Battery Application
More results

유사한 설명 - IRLHS2242TRPBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRF7304QPBF IRF-IRF7304QPBF_10 Datasheet
248Kb / 9P
   HEXFET POWER MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com