전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL28006FH20Z-T7A 데이터시트(PDF) 3 Page - Intersil Corporation

부품명 ISL28006FH20Z-T7A
상세설명  Micropower, Rail to Rail Input Current Sense Amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28006FH20Z-T7A 데이터시트(HTML) 3 Page - Intersil Corporation

  ISL28006FH20Z-T7A Datasheet HTML 1Page - Intersil Corporation ISL28006FH20Z-T7A Datasheet HTML 2Page - Intersil Corporation ISL28006FH20Z-T7A Datasheet HTML 3Page - Intersil Corporation ISL28006FH20Z-T7A Datasheet HTML 4Page - Intersil Corporation ISL28006FH20Z-T7A Datasheet HTML 5Page - Intersil Corporation ISL28006FH20Z-T7A Datasheet HTML 6Page - Intersil Corporation ISL28006FH20Z-T7A Datasheet HTML 7Page - Intersil Corporation ISL28006FH20Z-T7A Datasheet HTML 8Page - Intersil Corporation ISL28006FH20Z-T7A Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
ISL28006
3
FN6548.5
May 23, 2011
Ordering Information
PART NUMBER
(Notes 1, 2, 3)
GAIN
PART MARKING
(Note 4)
PACKAGE
Tape & Reel
(Pb-Free)
PKG.
DWG. #
ISL28006FH100Z-T7
100V/V
BDJA
5 Ld SOT-23
P5.064A
ISL28006FH100Z-T7A
100V/V
BDJA
5 Ld SOT-23
P5.064A
ISL28006FH50Z-T7
50V/V
BDHA
5 Ld SOT-23
P5.064A
ISL28006FH50Z-T7A
50V/V
BDHA
5 Ld SOT-23
P5.064A
ISL28006FH20Z-T7
20V/V
BDGA
5 Ld SOT-23
P5.064A
ISL28006FH20Z-T7A
20V/V
BDGA
5 Ld SOT-23
P5.064A
ISL28006FHADJZ-T7
ADJ
BDFA
6 Ld SOT-23
P6.064
ISL28006FHADJZ-T7A
ADJ
BDFA
6 Ld SOT-23
P6.064
ISL28006FH-100EVAL1Z
100V/V Evaluation Board
ISL28006FH-50EVAL1Z
50V/V Evaluation Board
ISL28006FH-20EVAL1Z
20V/V Evaluation Board
ISL28006FH-ADJEVAL1Z
Adjustable Evaluation Board
NOTES:
1. Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte
tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil
Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), please see device information page for ISL28006. For more information on MSL please see techbrief TB363.
4. The part marking is located on the bottom of the part.


유사한 부품 번호 - ISL28006FH20Z-T7A

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL28006FH20Z-T7A INTERSIL-ISL28006FH20Z-T7A Datasheet
1Mb / 25P
   Micropower, Rail to Rail Input Current Sense Amplifier with Voltage Output
ISL28006FH20Z-T7A INTERSIL-ISL28006FH20Z-T7A Datasheet
1Mb / 26P
   Micropower, Rail to Rail Input Current Sense Amplifier with Voltage Output
November 22, 2013
logo
Renesas Technology Corp
ISL28006FH20Z-T7A RENESAS-ISL28006FH20Z-T7A Datasheet
1Mb / 26P
   Micropower, Rail to Rail Input Current Sense Amplifier with Voltage Output
More results

유사한 설명 - ISL28006FH20Z-T7A

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL28005 INTERSIL-ISL28005_11 Datasheet
857Kb / 14P
   Micropower, Rail-to-Rail Input Current Sense Amplifier
logo
Renesas Technology Corp
ISL28006 RENESAS-ISL28006 Datasheet
1Mb / 26P
   Micropower, Rail to Rail Input Current Sense Amplifier with Voltage Output
logo
Intersil Corporation
ISL28006 INTERSIL-ISL28006_10 Datasheet
1Mb / 25P
   Micropower, Rail to Rail Input Current Sense Amplifier with Voltage Output
ISL28005 INTERSIL-ISL28005_10 Datasheet
756Kb / 14P
   Micropower, Rail-to-Rail Input Current Sense Amplifier with Voltage Output
ISL28006 INTERSIL-ISL28006 Datasheet
1Mb / 25P
   Micropower, Rail to Rail Input Current Sense Amplifier with Voltage Output
ISL28006FH100Z-T7 INTERSIL-ISL28006FH100Z-T7 Datasheet
1Mb / 26P
   Micropower, Rail to Rail Input Current Sense Amplifier with Voltage Output
November 22, 2013
ISL28005FH100Z-T7 INTERSIL-ISL28005FH100Z-T7 Datasheet
762Kb / 15P
   Micropower, Rail-to-Rail Input Current Sense Amplifier with Voltage Output
October 24, 2013
logo
Renesas Technology Corp
ISL28005 RENESAS-ISL28005 Datasheet
1Mb / 16P
   Micropower, Rail-to-Rail Input Current Sense Amplifier with Voltage Output
logo
Intersil Corporation
ISL28005 INTERSIL-ISL28005 Datasheet
751Kb / 14P
   Micropower, Rail-to-Rail Input Current Sense Amplifier with Voltage Output
logo
Linear Technology
LT1620 LINER-LT1620_15 Datasheet
253Kb / 12P
   Rail-to-Rail Current Sense Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com