전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL28133FHZ-T7A 데이터시트(PDF) 1 Page - Intersil Corporation

부품명 ISL28133FHZ-T7A
상세설명  Single Micropower, Chopper Stabilized, RRIO Operational Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28133FHZ-T7A 데이터시트(HTML) 1 Page - Intersil Corporation

  ISL28133FHZ-T7A Datasheet HTML 1Page - Intersil Corporation ISL28133FHZ-T7A Datasheet HTML 2Page - Intersil Corporation ISL28133FHZ-T7A Datasheet HTML 3Page - Intersil Corporation ISL28133FHZ-T7A Datasheet HTML 4Page - Intersil Corporation ISL28133FHZ-T7A Datasheet HTML 5Page - Intersil Corporation ISL28133FHZ-T7A Datasheet HTML 6Page - Intersil Corporation ISL28133FHZ-T7A Datasheet HTML 7Page - Intersil Corporation ISL28133FHZ-T7A Datasheet HTML 8Page - Intersil Corporation ISL28133FHZ-T7A Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
Single Micropower, Chopper Stabilized, RRIO
Operational Amplifier
ISL28133
The ISL28133 is a single micropower, chopper stabilized
operational amplifier that is optimized for single supply
operation from 1.8V to 5.5V. Its low supply current of 18µA
and wide input range enable the ISL28133 to be an excellent
general purpose op amp for a range of applications. The
ISL28133 is ideal for handheld devices that operates off 2 AA
or single Li-ion batteries.
The ISL28133 is available in the 5 Ld SOT-23, the 5 Ld SC70 and
the 6 Ld 1.6mmx1.6mm µTDFN packages. All devices operates
over the extended temperature range of -40°C to +125°C.
Related Literature
• AN1480 “ISL28133ISENS-EV1Z Evaluation Board Users
Guide”
• AN1499 “ISL28133EVAL1Z High Gain Evaluation Board
User’s Guide”
Features
• Low Input Offset Voltage. . . . . . . . . . . . . . . . . . . . . . 8µV, Max.
• Low Offset TC . . . . . . . . . . . . . . . . . . . . . . . . 0.075µV/°C, Max
• Input Bias Current . . . . . . . . . . . . . . . . . . . . . . . . . 300pA, Max.
• Quiescent Current . . . . . . . . . . . . . . . . . . . . . . . . . . .18µA, Typ.
• Wide Supply Range . . . . . . . . . . . . . . . . . . . . . . . . 1.8V to 5.5V
• Low Noise (0.01Hz to 10Hz) . . . . . . . . . . . . . . . . . 1.1µVP-P, Typ.
• Rail-to-Rail Inputs and Output
• Operating Temperature Range. . . . . . . . . . .-40°C to +125°C
Applications
• Bidirectional Current Sense
• Temperature Measurement
•Medical Equipment
• Electronic Weigh Scales
BIDIRECTIONAL CURRENT SENSE AMPLIFIER
I-SENSE+
0.1
4.99k
4.99k
499k
499k
3
4
5
2
1
ISL28133
+
-
V+
V-
GND
VSENSE
OUT
VREF
VS
1.8V TO +5.5V
I-SENSE-
FIGURE 1. TYPICAL APPLICATION CIRCUIT
-6
-4
-2
0
2
4
6
8
10
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
MEDIAN
MIN
MAX
N = 67
FIGURE 2. VOS vs TEMPERATURE
July 22, 2011
FN6560.5
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
|Copyright Intersil Americas Inc. 2009-2011. All Rights Reserved
Intersil (and design) is a trademark owned by Intersil Corporation or one of its subsidiaries.
All other trademarks mentioned are the property of their respective owners.


유사한 부품 번호 - ISL28133FHZ-T7A

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL28133FHZ-T7A INTERSIL-ISL28133FHZ-T7A Datasheet
1Mb / 20P
   Single, Dual, and Quad Micropower, Zero-Drift, RRIO Operational Amplifiers
logo
Renesas Technology Corp
ISL28133FHZ-T7A RENESAS-ISL28133FHZ-T7A Datasheet
2Mb / 20P
   Single Micropower, Chopper Stabilized, RRIO Operational Amplifier
More results

유사한 설명 - ISL28133FHZ-T7A

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL28133 INTERSIL-ISL28133 Datasheet
1Mb / 20P
   Single Micropower, Chopper Stabilized, RRIO Operational Amplifier
logo
Renesas Technology Corp
ISL28133 RENESAS-ISL28133 Datasheet
2Mb / 20P
   Single Micropower, Chopper Stabilized, RRIO Operational Amplifier
logo
Intersil Corporation
ISL28233 INTERSIL-ISL28233_10 Datasheet
1Mb / 23P
   Dual and Quad Micropower Chopper Stabilized, RRIO Operational Amplifiers
ISL28233FUZ INTERSIL-ISL28233FUZ Datasheet
1Mb / 25P
   Dual and Quad Micropower Chopper Stabilized, RRIO Operational Amplifiers
July 26, 2011
ISL28233_1012 INTERSIL-ISL28233_1012 Datasheet
1Mb / 25P
   Dual and Quad Micropower Chopper Stabilized, RRIO Operational Amplifiers
ISL28233 INTERSIL-ISL28233_11 Datasheet
1Mb / 25P
   Dual and Quad Micropower Chopper Stabilized, RRIO Operational Amplifiers
logo
Renesas Technology Corp
ISL28233 RENESAS-ISL28233 Datasheet
1Mb / 25P
   Dual and Quad Micropower Chopper Stabilized, RRIO Operational Amplifiers
logo
Microchip Technology
TC7650 MICROCHIP-TC7650_13 Datasheet
209Kb / 14P
   Chopper Stabilized Operational Amplifier
11/29/12
logo
TelCom Semiconductor, I...
TC7650 TELCOM-TC7650 Datasheet
90Kb / 7P
   CHOPPER-STABILIZED OPERATIONAL AMPLIFIER
logo
Linear Technology
LTC1052CS LINER-LTC1052CS_15 Datasheet
165Kb / 2P
   CHOPPER STABILIZED OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com