전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL45041EVAL1Z 데이터시트(PDF) 4 Page - Intersil Corporation

부품명 ISL45041EVAL1Z
상세설명  TFT-LCD I2C Programmable VCOM Calibrator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL45041EVAL1Z 데이터시트(HTML) 4 Page - Intersil Corporation

  ISL45041EVAL1Z Datasheet HTML 1Page - Intersil Corporation ISL45041EVAL1Z Datasheet HTML 2Page - Intersil Corporation ISL45041EVAL1Z Datasheet HTML 3Page - Intersil Corporation ISL45041EVAL1Z Datasheet HTML 4Page - Intersil Corporation ISL45041EVAL1Z Datasheet HTML 5Page - Intersil Corporation ISL45041EVAL1Z Datasheet HTML 6Page - Intersil Corporation ISL45041EVAL1Z Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems.
Intersil Corporation’s quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without
notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
FN6189.4
December 17, 2010
SDA, SCL Input Logic High
I2CVIH
0.7*VDD
V
SDA, SCL Input Logic Low
I2CVIL
0.55
V
SDA, SCL Hysteresis
(Note 9)
260
mV
SDA Output Logic High
VOHS
VDD - 0.4
V
SDA Output Logic Low
VOLS
@ 3mA
0.4
V
WP Input Logic High
VIH
0.7*VDD
V
WP Input Logic Low
VIL
0.3*VDD
V
WP Hysteresis
(Note 9)
0.14VDD
V
WP Input Current
ILWPN
0.20
35
µA
I2C Timing
SCL Clock Frequency
fSCL
0
400
kHz
I2C Clock High Time
tSCH
0.6
µs
I2C Clock Low Time
tSCL
1.3
µs
I2C Spike Rejection Filter Pulse Width
tDSP
050
ns
I2C Data Set Up Time
tSDS
100
ns
I2C Data Hold Time
tSDH
900
ns
I2C SDA, SCL Input Rise Time
tICR
Dependent on Load (Note 10)
20 + 0.1*Cb
1000
ns
I2C SDA, SCL Input Fall Time
tICF
(Note 10)
20 + 0.1*Cb
300
ns
I2C Bus Free Time Between Stop and Start
tBUF
200
µs
I2C Repeated Start Condition Set-up
tSTS
0.6
µs
I2C Repeated Start Condition Hold
tSTH
0.6
µs
I2C Stop Condition Set-up
tSPS
0.6
µs
I2C Bus Capacitive Load
Cb
400
pF
SDA Pin Capacitance
CSDA
10
pF
SCL Pin Capacitance
CS
10
pF
EEPROM Write Cycle Time
tW
100
ms
NOTES:
6. Compliance to datasheet limits is assured by one or more methods: production test, characterization and/or design.
7. IDD current may increase to 2mA for 45ms or less during each EEPROM programming operation.
8. IAVDD current may increase to 1mA for 30ms or less during each EEPROM programming operation.
9. Simulated and Determined via Design and NOT Directly Tested.
10. Simulated and Designed According to I2C Specifications.
11. A typical Current of 20
μA is Calculated using AVDD = 10V and RSET = 24.9kΩ. Reference “RSET Resistor” in Figure 2.
12. Minimum value of RSET resistor guaranteed when: AVDD = 15V, VDD = 3.0V and when voltage on the VOUT pin is greater than 2.5V. Reference
Equation 2 on page 5 with Setting = 128.
Electrical Specifications
Test Conditions: VDD = 3.3V, AVDD = 18V, RSET = 5kΩ, R1 = 10kΩ, R2 = 10kΩ; (See Figure 1) Unless
Otherwise Specified. Typicals are at TA = +25°C. Boldface limits apply over the operating temperature range, 0°C to +85°C. (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 6)
TYP
MAX
(Note 6) UNITS
ISL45041


유사한 부품 번호 - ISL45041EVAL1Z

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL45041EVAL1Z INTERSIL-ISL45041EVAL1Z Datasheet
331Kb / 7P
   TFT-LCD I2C Programmable VCOM Calibrator
ISL45041EVAL1Z INTERSIL-ISL45041EVAL1Z Datasheet
489Kb / 7P
   TFT-LCD I2C Programmable VCOM Calibrator
ISL45041EVAL1Z INTERSIL-ISL45041EVAL1Z Datasheet
278Kb / 8P
   TFT-LCD I2C Programmable VCOM Calibrator
October 30, 2014
logo
Renesas Technology Corp
ISL45041EVAL1Z RENESAS-ISL45041EVAL1Z Datasheet
529Kb / 8P
   TFT-LCD I2C Programmable VCOM Calibrator
More results

유사한 설명 - ISL45041EVAL1Z

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL45041_0608 INTERSIL-ISL45041_0608 Datasheet
331Kb / 7P
   TFT-LCD I2C Programmable VCOM Calibrator
ISL45041IRZ INTERSIL-ISL45041IRZ Datasheet
278Kb / 8P
   TFT-LCD I2C Programmable VCOM Calibrator
October 30, 2014
logo
Renesas Technology Corp
ISL45041 RENESAS-ISL45041 Datasheet
529Kb / 8P
   TFT-LCD I2C Programmable VCOM Calibrator
logo
Intersil Corporation
ISL45041 INTERSIL-ISL45041 Datasheet
489Kb / 7P
   TFT-LCD I2C Programmable VCOM Calibrator
logo
STMicroelectronics
STVM100 STMICROELECTRONICS-STVM100 Datasheet
286Kb / 27P
   I2C LCD VCOM calibrator
logo
Maxim Integrated Produc...
MAX8738 MAXIM-MAX8738 Datasheet
283Kb / 13P
   EEPROM-Programmable TFT VCOM Calibrator with I2C Interface
Rev 0; 3/05
MAX1512 MAXIM-MAX1512 Datasheet
682Kb / 12P
   EEPROM-Programmable TFT VCOM Calibrator
Rev 2; 8/04
logo
National Semiconductor ...
LM8342 NSC-LM8342 Datasheet
949Kb / 16P
   Programmable TFT VCOM Calibrator with Non-Volatile
logo
Renesas Technology Corp
ISL24202 RENESAS-ISL24202 Datasheet
576Kb / 12P
   Programmable VCOM Calibrator with EEPROM
logo
Intersil Corporation
ISL24202 INTERSIL-ISL24202 Datasheet
437Kb / 12P
   Programmable VCOM Calibrator with EEPROM
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com