전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL54061 데이터시트(PDF) 3 Page - Intersil Corporation

부품명 ISL54061
상세설명  Negative Signal Swing, Sub-ohm, Dual SPST Single Supply Switch
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54061 데이터시트(HTML) 3 Page - Intersil Corporation

  ISL54061 Datasheet HTML 1Page - Intersil Corporation ISL54061 Datasheet HTML 2Page - Intersil Corporation ISL54061 Datasheet HTML 3Page - Intersil Corporation ISL54061 Datasheet HTML 4Page - Intersil Corporation ISL54061 Datasheet HTML 5Page - Intersil Corporation ISL54061 Datasheet HTML 6Page - Intersil Corporation ISL54061 Datasheet HTML 7Page - Intersil Corporation ISL54061 Datasheet HTML 8Page - Intersil Corporation ISL54061 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3
FN6580.2
November 3, 2009
Ordering Information
PART
NUMBER
PART
MARKING
TEMP. RANGE
(°C)
PACKAGE
(Pb-Free)
PKG.
DWG. #
ISL54060IRTZ
(Note 3)
4060
-40 to +85
10 Ld 3x3 TDFN
L10.3x3A
ISL54060IRTZ-T
(Notes 2, 3)
4060
-40 to +85
10 Ld 3x3 TDFN (Tape and Reel)
L10.3x3A
ISL54060IRUZ-T
(Notes 2, 4)
Y
-40 to +85
10 Ld Thin µTQFN (Tape and Reel)
L10.1.8x1.4A
ISL54061IRTZ
(Note 3)
4061
-40 to +85
10 Ld 3x3 TDFN
L10.3x3A
ISL54061IRTZ-T
(Notes 2, 3)
4061
-40 to +85
10 Ld 3x3 TDFN (Tape and Reel)
L10.3x3A
ISL54061IRUZ-T
(Notes 2, 4)
W
-40 to +85
10 Ld Thin µTQFN (Tape and Reel)
L10.1.8x1.4A
NOTES:
2. Please refer to TB347 for details on reel specifications.
3. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte
tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil
Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-
020.
4. These Intersil Pb-free plastic packaged products employ special Pb-free material sets; molding compounds/die attach materials and NiPdAu
plate - e4 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products
are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
ISL54060, ISL54061


유사한 부품 번호 - ISL54061

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL54061 INTERSIL-ISL54061 Datasheet
389Kb / 15P
   1.8V to 6.5V, Sub-ohm, Dual SPST Analog Switch with Negative Signal Capability
ISL54061 INTERSIL-ISL54061 Datasheet
396Kb / 15P
   1.8V to 6.5V, Sub-ohm, Dual SPST Analog Switch with Negative Signal Capability
ISL54061 INTERSIL-ISL54061 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL54061 RENESAS-ISL54061 Datasheet
744Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPST Single Supply Switch
logo
Intersil Corporation
ISL54061 INTERSIL-ISL54061 Datasheet
402Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPST Single Supply Swit
November 3, 2009
More results

유사한 설명 - ISL54061

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL54060 RENESAS-ISL54060 Datasheet
744Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPST Single Supply Switch
logo
Intersil Corporation
ISL54060IRTZ INTERSIL-ISL54060IRTZ Datasheet
402Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPST Single Supply Swit
November 3, 2009
ISL54063_0911 INTERSIL-ISL54063_0911 Datasheet
409Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPST
logo
Renesas Technology Corp
ISL54059 RENESAS-ISL54059 Datasheet
724Kb / 14P
   Negative Signal Swing, Sub-ohm, Dual SPDT Single Supply Switch
logo
Intersil Corporation
FN6579 INTERSIL-FN6579 Datasheet
640Kb / 14P
   Negative Signal Swing, Sub-ohm, Dual SPDT Single Supply Switch
ISL54059IRTZ INTERSIL-ISL54059IRTZ Datasheet
642Kb / 14P
   Negative Signal Swing, Sub-ohm, Dual SPDT Single Supply Switch
March 11, 2011
ISL54063IRTZ INTERSIL-ISL54063IRTZ Datasheet
412Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPST with Click and Pop Elimination Single Supply Switch
November 3, 2009
logo
Renesas Technology Corp
ISL54063 RENESAS-ISL54063 Datasheet
752Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPST with Click and Pop Elimination Single Supply Switch
ISL54066 RENESAS-ISL54066 Datasheet
738Kb / 14P
   Negative Signal Swing, High Off-Isolation, Dual SPST Single Supply Switch
logo
Intersil Corporation
ISL54066_0911 INTERSIL-ISL54066_0911 Datasheet
402Kb / 14P
   Negative Signal Swing, High Off-Isolation, Dual SPST Single Supply Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com