전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL54066IRUZ-T 데이터시트(PDF) 6 Page - Intersil Corporation

부품명 ISL54066IRUZ-T
상세설명  Negative Signal Swing, High Off-Isolation, Dual SPST Single Supply Switch
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54066IRUZ-T 데이터시트(HTML) 6 Page - Intersil Corporation

Back Button ISL54066IRUZ-T Datasheet HTML 2Page - Intersil Corporation ISL54066IRUZ-T Datasheet HTML 3Page - Intersil Corporation ISL54066IRUZ-T Datasheet HTML 4Page - Intersil Corporation ISL54066IRUZ-T Datasheet HTML 5Page - Intersil Corporation ISL54066IRUZ-T Datasheet HTML 6Page - Intersil Corporation ISL54066IRUZ-T Datasheet HTML 7Page - Intersil Corporation ISL54066IRUZ-T Datasheet HTML 8Page - Intersil Corporation ISL54066IRUZ-T Datasheet HTML 9Page - Intersil Corporation ISL54066IRUZ-T Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
FN6584.1
November 3, 2009
DYNAMIC CHARACTERISTICS
Turn-ON Time, tON
V+ = 1.8V, VIN = 1.8V, RL = 50Ω, CL = 35pF
(See Figure 1)
25
-
180
-
ns
Turn-OFF Time, tOFF
V+ = 1.8V, VIN = 1.8V, RL = 50Ω, CL = 35pF
(See Figure 1)
25
-
44
-
ns
Charge Injection, Q
CL = 1.0nF, VG = 0V, RG = 0Ω, (See Figure 2)
25
-
40
-
pC
-3dB Bandwidth
VCOM = 1VRMS, RL = 50Ω, CL = 5pF
25
-
30
-
MHz
INx OFF Capacitance, COFF
f = 1MHz, GND1 = float (See Figure 6)
25
-
33
-
pF
OUTx ON Capacitance, COUT(ON)
f = 1MHz, GND2 = float (See Figure 6)
25
-
124
-
pF
DIGITAL INPUT CHARACTERISTICS
Input Voltage Low, VCTLx_L
25
-
-
0.4
V
Input Voltage High, VCTLx_H
25
1.0
-
-
V
Input Current, ICTLx_H, ICTLx_L
V+ = 2.0V, VCTLx = 0V or V+
25
-0.5
-
-
µA
Full
-
0.5
-
µA
NOTES:
9. VCTL_x = input voltage to perform proper function.
10. The algebraic convention, whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
11. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established by
characterization and are not production tested.
12. Flatness is defined as the difference between maximum and minimum value of ON-resistance over the specified analog signal range.
13. rON matching between channels is calculated by subtracting the channel with the highest max rON value from the channel with lowest max rON
value, between IN1 and IN2.
14. Limits established by characterization and are not production tested.
Test Circuits and Waveforms
FIGURE 1A. MEASUREMENT POINTS
Repeat test for all switches. CL includes fixture and stray
capacitance.
FIGURE 1B. TEST CIRCUIT
FIGURE 1. SWITCHING TIMES
Electrical Specifications - 1.8V Supply Test Conditions: V+ = +1.8V, GND = 0V, VCTL_H = 1.0V, VCTL_L = 0.4V (Note 9),
Unless Otherwise Specified. (Continued)
PARAMETER
TEST CONDITIONS
TEMP
(°C)
MIN
(Notes 10, 11) TYP
MAX
(Notes 10, 11) UNITS
50%
tr < 5ns
tf < 5ns
tOFF
90%
V+
0V
VIN
0V
tON
LOGIC
INPUT
SWITCH
INPUT
SWITCH
OUTPUT
90%
VOUT
V
OUT
V
(IN)
R
L
R
L
r
ON
+
------------------------
=
SWITCH
INPUT
LOGIC
INPUT
VOUT
RL
CL
OUT
IN
CTL
50
Ω
35pF
GNDx
V+
C
ISL54066


유사한 부품 번호 - ISL54066IRUZ-T

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL54066IRUZ-T INTERSIL-ISL54066IRUZ-T Datasheet
389Kb / 14P
   1.8V to 6.5V, High Off-Isolation, Dual SPST Analog Switch
logo
Renesas Technology Corp
ISL54066IRUZ-T RENESAS-ISL54066IRUZ-T Datasheet
738Kb / 14P
   Negative Signal Swing, High Off-Isolation, Dual SPST Single Supply Switch
More results

유사한 설명 - ISL54066IRUZ-T

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL54066 RENESAS-ISL54066 Datasheet
738Kb / 14P
   Negative Signal Swing, High Off-Isolation, Dual SPST Single Supply Switch
ISL54060 RENESAS-ISL54060 Datasheet
744Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPST Single Supply Switch
logo
Intersil Corporation
ISL54060_0911 INTERSIL-ISL54060_0911 Datasheet
399Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPST Single Supply Switch
ISL54060IRTZ INTERSIL-ISL54060IRTZ Datasheet
402Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPST Single Supply Swit
November 3, 2009
logo
Renesas Technology Corp
ISL54059 RENESAS-ISL54059 Datasheet
724Kb / 14P
   Negative Signal Swing, Sub-ohm, Dual SPDT Single Supply Switch
logo
Intersil Corporation
FN6579 INTERSIL-FN6579 Datasheet
640Kb / 14P
   Negative Signal Swing, Sub-ohm, Dual SPDT Single Supply Switch
ISL54059IRTZ INTERSIL-ISL54059IRTZ Datasheet
642Kb / 14P
   Negative Signal Swing, Sub-ohm, Dual SPDT Single Supply Switch
March 11, 2011
ISL54063_0911 INTERSIL-ISL54063_0911 Datasheet
409Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPST
ISL54063IRTZ INTERSIL-ISL54063IRTZ Datasheet
412Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPST with Click and Pop Elimination Single Supply Switch
November 3, 2009
logo
Renesas Technology Corp
ISL54063 RENESAS-ISL54063 Datasheet
752Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPST with Click and Pop Elimination Single Supply Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com